Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

E48SD12020 Datasheet(PDF) 10 Page - Delta Electronics, Inc.

Part # E48SD12020
Description  240W DC/DC Power Modules
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

E48SD12020 Datasheet(HTML) 10 Page - Delta Electronics, Inc.

Back Button E48SD12020_14 Datasheet HTML 6Page - Delta Electronics, Inc. E48SD12020_14 Datasheet HTML 7Page - Delta Electronics, Inc. E48SD12020_14 Datasheet HTML 8Page - Delta Electronics, Inc. E48SD12020_14 Datasheet HTML 9Page - Delta Electronics, Inc. E48SD12020_14 Datasheet HTML 10Page - Delta Electronics, Inc. E48SD12020_14 Datasheet HTML 11Page - Delta Electronics, Inc. E48SD12020_14 Datasheet HTML 12Page - Delta Electronics, Inc. E48SD12020_14 Datasheet HTML 13Page - Delta Electronics, Inc. E48SD12020_14 Datasheet HTML 14Page - Delta Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
DS_E48SD12020_07042013
E-mail DCDC@delta.com.tw
http://www.deltaww.com/dcdc
P10
Output Overvoltage Protection
The module can detect and respond to output
overvoltage conditions. If the overvoltage condition
causes the output voltage to rise above the limit in the
Specifications Table, the module will shut down.
The modules will try to restart after shutdown. If fault
condition still exists, the modules will shut down again.
This restart trial will continue until the fault condition is
corrected.
The Vo OVP function could be changed via PMBUS.
The commond related to Vo OVP function are
VOUT_OV_WARN_LIMIT,
VOUT_OV_FAULT_LIMIT
and VOUT_OV_ FAULT _RESPONSE.
Input Over Voltage Lockout
The
module
can
detect
and
respond
to
input
overvoltage conditions. If the input voltage rises above
the limit in the Specifications Table, the module will shut
down.
The module is factory default configured for auto-restart
operation. The auto-restart feature continually monitors
the input voltage and will restart the module when the
level falls 6V below the Input OVP level.
The Vin OVP function could be changed via PMBUS.
The commond related to Vin OVP function are
VIN_OV_FAULT_LIMIT and
VIN_OV_FAULT_RESPONSE
Remote ON/OFF (ENABLE)
The remote ON/OFF (ENABLE) feature on the module
is negative logic. The low logic turns the modules on.
And the high logic, or floating, turns the modules off.
Remote ON/OFF (ENABLE) can be controlled by an
external switch between the on/off terminal and the
Vin(-) terminal. The switch can be an open collector or
open drain.
FEATURES DESCRIPTIONS
Over-Power Protection
The modules include an internal output over-power
protection circuit, which will endure power limiting for an
unlimited duration during output overload. If the output
current exceeds the OCP set points, the modules will
automatically shut down (hiccup mode).
The modules will try to restart after shutdown. If the
overload condition still exists, the modules will shut down
again. This restart trial will continue until the overload
condition is corrected.
The OCP function could be changed via PMBUS. The
commond
related
to
OCP
function
are
IOUT_OC_WARN_LIMIT, IOUT_OC_FAULT_LIMIT and
IOUT_OC_ FAULT _RESPONSE.
Over-Temperature Protection
The over-temperature protection consists of circuitry that
provides
protection
from
thermal
damage.
If
the
temperature exceeds the over-temperature threshold, the
modules will shut down, and enter the auto-restart mode.
For auto-restart mode, the module will monitor the
module
temperature
after
shutdown.
Once
the
temperature of module is decreased by an
OTP
hysteresis, the module will restart.
The OTP function could be changed via PMBUS. The
commond related to OTP function are OT _WARN_LIMIT,
OT_FAULT_LIMIT and OT_FAULT _RESPONSE.
Input Under Voltage Lockout
When Vin exceeds Vin turn on threshold, the module
output is enabled, when Vin falls below Vin turn off
threshold, the module output is disabled. Vin turn on
threshold and Vin turn off threshold can be reconfigured
via the PMBus interface.
The Vin UVP function could be changed via PMBUS. The
commond related to Vin UVP function are VIN_ON and
VIN_OFF.


Similar Part No. - E48SD12020_14

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
E48SD12020NKFA DELTA-E48SD12020NKFA Datasheet
1Mb / 27P
   240W DC/DC Power Modules
E48SD12020NKFB DELTA-E48SD12020NKFB Datasheet
1Mb / 27P
   240W DC/DC Power Modules
E48SD12020NKFC DELTA-E48SD12020NKFC Datasheet
1Mb / 27P
   240W DC/DC Power Modules
E48SD12020NKFH DELTA-E48SD12020NKFH Datasheet
1Mb / 27P
   240W DC/DC Power Modules
E48SD12020NNFA DELTA-E48SD12020NNFA Datasheet
1Mb / 27P
   240W DC/DC Power Modules
More results

Similar Description - E48SD12020_14

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
E48SD12020 DELTA-E48SD12020 Datasheet
1Mb / 27P
   240W DC/DC Power Modules
logo
ETA-USA
AOJS240 ETA-USA-AOJS240 Datasheet
1Mb / 5P
   240W AC/DC
logo
MORNSUN Science& Techno...
LI240-10B24 MORNSUN-LI240-10B24_15 Datasheet
234Kb / 4P
   240W, AC/DC converter
logo
Delta Electronics, Inc.
HA1SV12004 DELTA-HA1SV12004 Datasheet
893Kb / 11P
   50W DC/DC Power Modules
Q48SC12042 DELTA-Q48SC12042 Datasheet
1Mb / 26P
   500W DC/DC Power Modules
Q48SK12448NNFB DELTA-Q48SK12448NNFB Datasheet
761Kb / 10P
   600W DC/DC Power Modules
E48SC12030 DELTA-E48SC12030 Datasheet
1Mb / 27P
   360W DC/DC Power Modules
logo
Lineage Power Corporati...
KSTW002A5B LINEAGEPOWER-KSTW002A5B Datasheet
1Mb / 16P
   DC-DC Converter Power Modules
logo
Delta Electronics, Inc.
E48SC12025 DELTA-E48SC12025 Datasheet
1Mb / 28P
   300W DC/DC Power Modules
V48SC3R315 DELTA-V48SC3R315 Datasheet
906Kb / 15P
   50W DC/DC Power Modules
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com