Electronic Components Datasheet Search |
|
E48SD12020 Datasheet(PDF) 1 Page - Delta Electronics, Inc. |
|
E48SD12020 Datasheet(HTML) 1 Page - Delta Electronics, Inc. |
1 / 28 page E48SD12020 240W DC/DC Power Modules DS_E48SD12020_07042013 E-mail DCDC@delta.com.tw http://www.deltaww.com/dcdc P1 FEATURES Input voltage range: 38V~75V Output voltage range ( trim, remote sense and PMBUS) 8V~13.2V High efficiency : 95.6% @ 48Vin/20A Size: 58.4mm x 22.8mm x 11.0mm (2.3 ” x 0.9” x 0.43”)(W/O heat-spreader) 58.4mm x 22.8mm x 12.7mm (2.3 ” x 0.9” x 0.5”)(with heat-spreader) Industry standard DOSA compliant pin out Fully protected: Input UVLO, Output OCP and OVP, OTP 1500V isolation No minimum load required Fixed frequency operation ISO 9001, TL 9000, ISO 14001, QS9000, OHSAS18001 certified manufacturing facility UL/CUL 60950-1 (US & Canada) pending Delphi Series E48SD12020, Eighth Brick Family DC/DC Power Modules: 38~75Vin, 11.7Vout, 240W The Delphi series E48SD12020, eighth brick, 38~75V input, single output 11.7V, are full digital control DC/DC converter, and are the latest offering from a world leader in power system and technology and manufacturi ng ― Delta Electronics, Inc. This product provides up to 240 watts of power at 38~75V input in an industry standard, DOSA compliant footprint and pin out. The E48SD12020 offers more than 95.6% high efficiency at 48V input, 11.7V output and 20A load. There is a built-in digital PWM controller in the E48SD12020 series, which is used to complete the Vo feedback, PWM signal generation, fault protection, output voltage trim, on/off control and PMBUS communications, and so on. With the digital control, many design and application flexibility, advanced performance, and reliability are obtained. OPTIONS Positive or Negative On/Off logic Open Frame / With heat-spreader option Digital PMBus interface option APPLICATIONS Datacom / Networking Wireless Networks Optical Network Equipment Server and Data Storage Industrial / Testing Equipment |
Similar Part No. - E48SD12020_14 |
|
Similar Description - E48SD12020_14 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |