Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

E48SC12008NRFH Datasheet(PDF) 11 Page - Delta Electronics, Inc.

Part # E48SC12008NRFH
Description  Delphi Series E48SC12008, Eighth Brick Family DC/DC Power Modules
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

E48SC12008NRFH Datasheet(HTML) 11 Page - Delta Electronics, Inc.

Back Button E48SC12008NRFH_14 Datasheet HTML 7Page - Delta Electronics, Inc. E48SC12008NRFH_14 Datasheet HTML 8Page - Delta Electronics, Inc. E48SC12008NRFH_14 Datasheet HTML 9Page - Delta Electronics, Inc. E48SC12008NRFH_14 Datasheet HTML 10Page - Delta Electronics, Inc. E48SC12008NRFH_14 Datasheet HTML 11Page - Delta Electronics, Inc. E48SC12008NRFH_14 Datasheet HTML 12Page - Delta Electronics, Inc. E48SC12008NRFH_14 Datasheet HTML 13Page - Delta Electronics, Inc. E48SC12008NRFH_14 Datasheet HTML 14Page - Delta Electronics, Inc. E48SC12008NRFH_14 Datasheet HTML 15Page - Delta Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
DS_E48SC12008_03192012
11
THERMAL CONSIDERATIONS
Thermal management is an important part of the system
design. To ensure proper, reliable operation, sufficient
cooling of the power module is needed over the entire
temperature range of the module. Convection cooling is
usually the dominant mode of heat transfer.
Hence, the choice of equipment to characterize the thermal
performance of the power module is a wind tunnel.
Thermal Testing Setup
Delta’s DC/DC power modules are characterized in heated
vertical wind tunnels that simulate the thermal environments
encountered in most electronics equipment. This type of
equipment commonly uses vertically mounted circuit cards
in cabinet racks in which the power modules are mounted.
The following figure shows the wind tunnel characterization
setup. The power module is mounted on a test PWB and is
vertically positioned within the wind tunnel. The space
between the neighboring PWB and the top of the power
module is constantly kept at 6.35mm (0.25’’).
AIR FLOW
MODULE
PWB
AIR VELOCITY
AND AMBIENT
TEMPERATURE
SURED BELOW
THE MODULE
FANCING PWB
Note: Wind Tunnel Test Setup Figure Dimensions are in millimeters and (Inches)
Figure 18: Wind tunnel test setup
Thermal Derating
Heat can be removed by increasing airflow over the module.
To enhance system reliability; the power module should
always
be
operated
below
the
maximum
operating
temperature. If the temperature exceeds the maximum
module temperature, reliability of the unit may be affected.


Similar Part No. - E48SC12008NRFH_14

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
E48SC12008NRFH DELTA-E48SC12008NRFH Datasheet
777Kb / 17P
   Delphi Series E48SC12008, Eighth Brick Family DC/DC Power Modules: 48V in, 12V/8A out
E48SC12008NRFH DELTA-E48SC12008NRFH Datasheet
930Kb / 17P
   Standard footprint
More results

Similar Description - E48SC12008NRFH_14

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
E48SC12008NRFA DELTA-E48SC12008NRFA Datasheet
777Kb / 17P
   Delphi Series E48SC12008, Eighth Brick Family DC/DC Power Modules: 48V in, 12V/8A out
E48SC12005NNFA DELTA-E48SC12005NNFA_14 Datasheet
646Kb / 16P
   Delphi Series E48SC12005, Eighth Brick Family DC/DC Power Modules
E48SR1R225NRFA DELTA-E48SR1R225NRFA_14 Datasheet
877Kb / 16P
   Delphi Series E48SR, 66W Eighth Brick Family DC/DC Power Modules
logo
Future Technology Devic...
E48SH FTDI-E48SH Datasheet
568Kb / 15P
   Delphi Series E48SH, 120W Eighth Brick Family DC/DC Power Modules
logo
Delta Electronics, Inc.
E48SH1R250NRFA DELTA-E48SH1R250NRFA_14 Datasheet
703Kb / 16P
   Delphi Series E48SH, 120W Eighth Brick Family DC/DC Power Modules
E24SR3R320NRFA DELTA-E24SR3R320NRFA_08 Datasheet
587Kb / 15P
   Delphi Series E24SR, 66W Eighth Brick Family DC/DC Power Modules
E48SC3R315NRFA DELTA-E48SC3R315NRFA Datasheet
538Kb / 15P
   Delphi Series E48SC, Eighth Brick Family DC/DC Power Modules: 48V in, 3.3V/15A out
E48SP12020NRFB DELTA-E48SP12020NRFB Datasheet
472Kb / 15P
   Delphi Series E48SP Eighth Brick Family DC/DC Power Modules: 48V in, 12V/20A out
E48SC3R320NRFA DELTA-E48SC3R320NRFA Datasheet
539Kb / 15P
   Delphi Series E48SC, Eighth Brick Family DC/DC Power Modules: 48V in, 3.3V/20A out
E48SC12005NRFA DELTA-E48SC12005NRFA Datasheet
717Kb / 15P
   Delphi Series E48SC12005, Eighth Brick Family DC/DC Power Modules: 48V in, 12V/5A out
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com