Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

W171DIP-4 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # W171DIP-4
Description  117SIP, 107DIP, 171DIP PCB Mount Miniature Reed Relays/SPDT and SPST 0.5 Amp Rated
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

W171DIP-4 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  W171DIP-4 Datasheet HTML 1Page - List of Unclassifed Manufacturers W171DIP-4 Datasheet HTML 2Page - List of Unclassifed Manufacturers W171DIP-4 Datasheet HTML 3Page - List of Unclassifed Manufacturers W171DIP-4 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Magnecraft Solution Guide 105A
Magnecraft Solution Guide 105A
Pins are 0.10 Inch on Center
forSimpleRoutingonPCB
Standard Part Numbers
BOLD-FACED PART NUMBERS ARE NORMALLY STOCKED
Contact Configuration
SPST-NO
SPST-NO
SPST-NO
SPST-NC
SPST-NC
SPST-NC
SPST-NO w/ Clamping Diode
SPST-NO w/ Clamping Diode
SPST-NO w/ Clamping Diode
SPST-NC w/ Clamping Diode
SPST-NC w/ Clamping Diode
SPST-NC w/ Clamping Diode
SPST-NO
SPST-NO
SPST-NO
SPST-NO w/ Clamping Diode
SPST-NO w/ Clamping Diode
SPST-NO w/ Clamping Diode
SPST-NO
SPST-NO
SPST-NO
SPST-NO w/ Clamping Diode
SPST-NO w/ Clamping Diode
SPST-NO w/ Clamping Diode
SPST-NC
SPST-NC
SPST-NC
SPST-NC w/ Clamping Diode
SPST-NC w/ Clamping Diode
SPST-NC w/ Clamping Diode
DPST-NO
DPST-NO
DPST-NO
DPST-NO w/ Clamping Diode
DPST-NO w/ Clamping Diode
DPST-NO w/ Clamping Diode
Nominal Input Voltage
5VDC
12VDC
24VDC
5VDC
12VDC
24VDC
5VDC
12VDC
24VDC
5VDC
12VDC
24VDC
5VDC
12VDC
24VDC
5VDC
12VDC
24VDC
5VDC
12VDC
24VDC
5VDC
12VDC
24VDC
5VDC
12VDC
24VDC
5VDC
12VDC
24VDC
5VDC
12VDC
24VDC
5VDC
12VDC
24VDC
Nominal Coil Resistance (Ω)
500 Ω
1000 Ω
2000 Ω
500 Ω
1000 Ω
2200 Ω
500 Ω
1000 Ω
2200 Ω
500 Ω
1000 Ω
2200 Ω
500 Ω
1000 Ω
2000 Ω
500 Ω
1000 Ω
2000 Ω
500 Ω
1000 Ω
2200 Ω
500 Ω
1000 Ω
2200 Ω
500 Ω
1000 Ω
2200 Ω
500 Ω
1000 Ω
2200 Ω
500 Ω
1000 Ω
2200 Ω
500 Ω
1000 Ω
2200 Ω
Part Number
W117SIP-1
W117SIP-3
W117SIP-5
W117SIP-22
W117SIP-23
W117SIP-24
W117SIP-6
W117SIP-8
W117SIP-10
W117SIP-18
W117SIP-25
W117SIP-26
W107DIP-1
W107DIP-3
W107DIP-4
W107DIP-5
W107DIP-7
W107DIP-8
W171DIP-2
W171DIP-4
W171DIP-5
W171DIP-7
W171DIP-9
W171DIP-10
W171DIP-12
W171DIP-14
W171DIP-15
W171DIP-17
W171DIP-19
W171DIP-20
W171DIP-21
W171DIP-23
W171DIP-24
W171DIP-25
W171DIP-27
W171DIP-28
Figure
A
A
A
B
B
B
C
C
C
D
D
D
E
E
E
F
F
F
G
G
G
H
H
H
I
I
I
J
J
J
K
K
K
L
L
L
117SIP, 107DIP, 171DIP PCB Mount Miniature Reed Relays/
SPDTandSPST0.5AmpRated
MiniatureReedRelayscontinued
CanSustainLead-FreeRe-flow
for Pin-Thru-Paste Assembly
CanSurviveHighShocktoAvoid
DamageinHarshConditions
107DIP
8/10


Similar Part No. - W171DIP-4

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
W171DIP-4 ETC2-W171DIP-4 Datasheet
270Kb / 4P
   117SIP, 107DIP, 171DIP PCB Mount Miniature Reed Relays/SPDT and SPST 0.5 Amp Rated
More results

Similar Description - W171DIP-4

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
W171DIP-7 ETC2-W171DIP-7 Datasheet
270Kb / 4P
   117SIP, 107DIP, 171DIP PCB Mount Miniature Reed Relays/SPDT and SPST 0.5 Amp Rated
W117SIP-6 ETC2-W117SIP-6 Datasheet
270Kb / 4P
   117SIP, 107DIP, 171DIP PCB Mount Miniature Reed Relays/SPDT and SPST 0.5 Amp Rated
W9AS1D52-12 ETC2-W9AS1D52-12 Datasheet
289Kb / 4P
   9A Miniature Power Relays/SPST and SPDT 30 Amp Rating (DC and AC)
logo
Meder Electronic
CRR05-1AS MEDER-CRR05-1AS_12 Datasheet
479Kb / 3P
   SPST Reed Relays
logo
DB Lectro Inc
20D-1A12E1 DBLECTRO-20D-1A12E1 Datasheet
986Kb / 2P
   MINIATURE REED RELAYS
20D-1A12N1 DBLECTRO-20D-1A12N1 Datasheet
1Mb / 2P
   MINIATURE REED RELAYS
21D-1E12N0 DBLECTRO-21D-1E12N0 Datasheet
873Kb / 2P
   MINIATURE REED RELAYS
logo
Grayhill, Inc
07Z1047-1 GRAYHILL-07Z1047-1 Datasheet
79Kb / 1P
   SPST and SPDT, 10 Amp Momentary Contact
logo
DB Lectro Inc
20D-1A15N15 DBLECTRO-20D-1A15N15 Datasheet
1,004Kb / 2P
   INPENDANCE MINIATURE REED RELAYS
logo
List of Unclassifed Man...
W172DIP-149 ETC2-W172DIP-149 Datasheet
203Kb / 3P
   172DIP PCB Mount Miniature Reed Relay
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com