Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VO615A-6X009T Datasheet(PDF) 8 Page - Vishay Siliconix

Part # VO615A-6X009T
Description  Optocoupler, Phototransistor Output, High Temperature
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VO615A-6X009T Datasheet(HTML) 8 Page - Vishay Siliconix

  VO615A-6X009T Datasheet HTML 1Page - Vishay Siliconix VO615A-6X009T Datasheet HTML 2Page - Vishay Siliconix VO615A-6X009T Datasheet HTML 3Page - Vishay Siliconix VO615A-6X009T Datasheet HTML 4Page - Vishay Siliconix VO615A-6X009T Datasheet HTML 5Page - Vishay Siliconix VO615A-6X009T Datasheet HTML 6Page - Vishay Siliconix VO615A-6X009T Datasheet HTML 7Page - Vishay Siliconix VO615A-6X009T Datasheet HTML 8Page - Vishay Siliconix VO615A-6X009T Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
VO615A
www.vishay.com
Vishay Semiconductors
Rev. 2.2, 09-Sep-13
8
Document Number: 81753
For technical questions, contact: optocoupleranswers@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Fig. 19 - Tape and Reel Packing for Option 8
(2000 units per reel)
24 ± 0.3
5° max.
4 ± 0.1
1.75 ± 0.1
11.5 ± 0.1
2 ± 0.1
8 ± 0.1
12.5 ± 0.1
1.5 ± 0.1
0.35 ± 0.1
1.5 ± 0.1
X
X
5° max.
R0.76
3.9 ± 0.1
Section X-X
4.65 ± 0.1


Similar Part No. - VO615A-6X009T

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VO615A-6X009T VISHAY-VO615A-6X009T Datasheet
205Kb / 10P
   Optocoupler, Phototransistor Output, High Temperature
01-Jan-2022
More results

Similar Description - VO615A-6X009T

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VO615A-4X009T VISHAY-VO615A-4X009T Datasheet
201Kb / 9P
   Optocoupler, Phototransistor Output, High Temperature
Rev. 2.0, 15-Feb-13
VO615A-6X001 VISHAY-VO615A-6X001 Datasheet
198Kb / 9P
   Optocoupler, Phototransistor Output, High Temperature
Rev. 2.2, 09-Sep-13
VO615A-2X009T VISHAY-VO615A-2X009T Datasheet
198Kb / 9P
   Optocoupler, Phototransistor Output, High Temperature
Rev. 2.2, 09-Sep-13
TCET1100G VISHAY-TCET1100G_V01 Datasheet
142Kb / 9P
   Optocoupler, Phototransistor Output, High Temperature
01-Jan-2022
TCET1100 VISHAY-TCET1100_V02 Datasheet
143Kb / 9P
   Optocoupler, Phototransistor Output, High Temperature
01-Jan-2023
VO615A VISHAY-VO615A_V02 Datasheet
205Kb / 10P
   Optocoupler, Phototransistor Output, High Temperature
01-Jan-2023
VO615A VISHAY-VO615A_V01 Datasheet
205Kb / 10P
   Optocoupler, Phototransistor Output, High Temperature
01-Jan-2022
TCET1110 VISHAY-TCET1110_07 Datasheet
203Kb / 11P
   Optocoupler, Phototransistor Output, High Temperature, 110 °C Rated
Rev. 1.8, 21-Nov-07
TCET111 VISHAY-TCET111_V01 Datasheet
147Kb / 8P
   Optocoupler, Phototransistor Output, High Temperature, 110 °C, Rated
01-Jan-2023
VO615A VISHAY-VO615A Datasheet
154Kb / 9P
   Optocoupler, Phototransistor Output, High Temperature, 110 °C, Rated
Rev. 1.0, 04-Mar-08
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com