Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS06S4815A Datasheet(PDF) 2 Page - Delta Electronics, Inc.

Part # DS06S4815A
Description  6W DC/DC CONVERTER, DIP-Package, 4:1 Wide Input Range
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

DS06S4815A Datasheet(HTML) 2 Page - Delta Electronics, Inc.

  DS06S4815A Datasheet HTML 1Page - Delta Electronics, Inc. DS06S4815A Datasheet HTML 2Page - Delta Electronics, Inc. DS06S4815A Datasheet HTML 3Page - Delta Electronics, Inc. DS06S4815A Datasheet HTML 4Page - Delta Electronics, Inc. DS06S4815A Datasheet HTML 5Page - Delta Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
DS_DS06S/D_06102013
E-mail: DCDC@delta.com.tw
http://www.delta.com.tw/dcdc
P2
Output Characteristics
Parameter
Conditions
Min.
Typ.
Max.
Unit
Output Voltage Accuracy
---
±1.0
±2.0
%
Output Voltage Balance
Dual Output, Balanced Loads
---
±1.0
±2.0
%
Line Regulation
Vin=Min. to Max.
---
±0.1
±0.5
%
Load Regulation
Io=10% to 100%
---
±0.5
±1.0
%
Cross Regulation (Dual)
Asymmetrical load 25% / 100%
FL
---
---
±5.0
%
Ripple & Noise (20MHz)
---
50
80
mV P-P
Ripple & Noise (20MHz)
Over Line, Load & Temp.
---
---
100
mV P-P
Ripple & Noise (20MHz)
---
---
15
mV rms
Transient Recovery Time
25% Load Step Change
---
300
500
uS
Transient Response Deviation
---
±3
---
%
Temperature Coefficient
---
±0.01
±0.02
%/
Over Load Protection
Foldback
110
250
350
%
Short Circuit Protection
Continuous
General Characteristics
Parameter
Conditions
Min.
Typ.
Max.
Unit
I/O Isolation Voltage (rated)
60 Seconds
1500
---
---
VDC
I/O Isolation Resistance
500 VDC
1000
---
---
I/O Isolation Capacitance
100KHz, 1V
---
1000
1200
pF
Switching Frequency
---
450
---
KHz
MTBF (calculated)
MIL-HDBK-217F@25
℃, Ground Benign
800,000
---
---
Hours
Safety Approvals
UL/cUL 60950-1 recognition(CSA certificate), IEC/EN 60950-1
Recommended Input Fuse
24V Input Models
48V Input Models
1200mA Slow-Blow Type
750mA Slow-Blow Type
Environmental Characteristics
Parameter
Conditions
Min.
Max.
Unit
Operating Temperature Range (with
Derating)
Ambient
-40
+85
Case Temperature
---
+100
Storage Temperature Range
-50
+125
Humidity (non condensing)
---
95
% rel. H
Cooling
Free-Air convection
Lead Temperature (1.5mm from case for
10Sec.)
---
260
Power Derating Curve
~
Ambient Temperature
0
20
40
60
80
100
-40
0
20
60
100 110
80
40
400LFM
200LFM
100LFM
Natural
convection


Similar Part No. - DS06S4815A

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
DS06S4815A DELTA-DS06S4815A Datasheet
296Kb / 4P
   6W DC/DC CONVERTER, DIP-Package, 4:1 Wide Input Range
More results

Similar Description - DS06S4815A

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
DR06S DELTA-DR06S Datasheet
227Kb / 4P
   6W DC/DC CONVERTER, DIP-Package, 4:1 Wide Input Range
DR06S2403A DELTA-DR06S2403A Datasheet
228Kb / 5P
   6W DC/DC CONVERTER, DIP-Package, 4:1 Wide Input Range
DS06S DELTA-DS06S Datasheet
296Kb / 4P
   6W DC/DC CONVERTER, DIP-Package, 4:1 Wide Input Range
DG06S0503A DELTA-DG06S0503A Datasheet
221Kb / 5P
   6W DC/DC CONVERTER, DIP-Package, 2:1 Wide Input Range
DG06S DELTA-DG06S Datasheet
217Kb / 4P
   6W DC/DC CONVERTER, DIP-Package, 2:1 Wide Input Range
DH06S DELTA-DH06S Datasheet
212Kb / 4P
   6W DC/DC CONVERTER, DIP-Package, 2:1 Wide Input Range
DP06S DELTA-DP06S Datasheet
218Kb / 4P
   6W DC/DC CONVERTER, DIP-Package, Wide 2:1 Input Range
DH06S1203A DELTA-DH06S1203A Datasheet
214Kb / 5P
   6W DC/DC CONVERTER, DIP-Package, 2:1 Wide Input Range
DL03S2403A DELTA-DL03S2403A Datasheet
215Kb / 5P
   3W DC/DC CONVERTER, DIP-Package, 4:1 Wide Input Range
DF04S2403A DELTA-DF04S2403A Datasheet
220Kb / 5P
   4W DC/DC CONVERTER, DIP-Package, 4:1 Wide Input Range
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com