Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SLPA125-625-01 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # SLPA125-625-01
Description  Material Rivet Nylon 6/6, Mandrel Polycarbonate
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SLPA125-625-01 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  SLPA125-625-01 Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
737
CR
Expansion Blind Rivet
Item
No.
Hole Ø
Panel Thickness
Ø “D”
“L”
Ø“H”
“T”
Ø “A”
Pack
Qty.
CR32-1-1 .13 (3.3)
.04 - .16 (1 - 4)
.13 (3.2)
.25 (6.4)
.25 (6.4)
.06 (1.4)
.08 (2.1)
1,000
CR32-2-1 .13 (3.3)
.16 - .28 (4 - 7)
.13 (3.2)
.38 (9.6)
.25 (6.4)
.06 (1.4)
.08 (2.1)
1,000
CR32-3-1 .13 (3.3)
.28 - .39 (7 - 10)
.13 (3.2) .50 (12.7)
.25 (6.4)
.06 (1.4)
.08 (2.1)
1,000
CR40-1-1 .16 (4.1)
.04 - .16 (1 - 4)
.16 (4)
.25 (6.4)
.31 (8)
.07 (1.8)
.09 (2.4)
1,000
CR40-2-1 .16 (4.1)
.16 - .28 (4 - 7)
.16 (4)
.38 (9.6)
.31 (8)
.07 (1.8)
.09 (2.4)
1,000
CR40-3-1 .16 (4.1)
.28 - .39 (7 - 10)
.16 (4)
.50 (12.7)
.31 (8)
.07 (1.8)
.09 (2.4)
1,000
CR48-1-1 .19 (4.9)
.06 - .20 (1.5 - 5)
.19 (4.8)
.31 (8)
.38 (9.6)
.08 (2)
.11 (2.8)
500
CR48-2-1 .19 (4.9)
.20 - .31 (5 - 8)
.19 (4.8) .44 (11.2)
.38 (9.6)
.08 (2)
.11 (2.8)
500
CR48-3-1 .19 (4.9)
.31 - .43 (8 - 11)
.19 (4.8) .57 (14.4)
.38 (9.6)
.08 (2)
.11 (2.8)
500
CR56-1-1 .22 (5.7)
.08 - .22 (2 - 5.5)
.22 (5.6)
.38 (9.6)
.47 (12)
.09 (2.2)
.13 (3.4)
500
CR56-2-1 .22 (5.7) .22 - .33 (5.5 - 8.5) .22 (5.6) .50 (12.7)
.47 (12)
.09 (2.2)
.13 (3.4)
500
CR56-3-1 .22 (5.7) .33 - .47 (8.5 - 12) .22 (5.6) .63 (15.9)
.47 (12)
.09 (2.2)
.13 (3.4)
500
Features:
Set without the need for access to back of panel
Set by pulling the mandrel head into the rivet body, expanding the rivet body
and causing it to flare against the reverse side
When sufficient force is applied, the mandrel will snap at its break point
Installed with a pop rivet installation tool (not offered)
CLINCH RIVETS
HSR
Heat Sink Spring Mount Rivet
Features:
Fastens a heat sink to a processor chip on a PCB
The spring provides continuous pressure to the
heat sink until thermal adhesive cures
HSR-2 can be installed by using a phillips head
screwdriver
HSR-1
HSR-2
Ø.210
(5.2)
.050
(1.3)
A
.008 Ref.
(0.2)
.080 Ref.
(2.0)
Ø.210
(5.2)
.050
(1.3)
A
.080 Ref.
(2.0)
SLP Series
Snap Lock Pin
Specifications:
Material: Nylon 6/6
Color: Natural
Item
No.
Hole Dia.
Panel Thickness
Head Dia.
Head Thickness A
Pack
Qty.
Type 1
Type 2
Type 3
in
mm
in
mm
in
mm
in
mm
SLP100-177-01
SLP-1-177-01
SLP-2-177-01
0.098
2.5
0.177
4.5
0.210
5.3
0.050
1.3
1,000
SLP100-221-01
SLP-1-221-01
SLP-2-221-01
0.098
2.5
0.221
5.6
0.210
5.3
0.050
1.3
1,000
SLP100-236-01
SLP-1-236-01
SLP-2-236-01
0.098
2.5
0.236
6.0
0.210
5.3
0.050
1.3
1,000
SLP100-245-01
SLP-1-245-01
SLP-2-245-01
0.098
2.5
0.245
6.2
0.210
5.3
0.050
1.3
1,000
SLP100-307-01
SLP-1-307-01
SLP-2-307-01
0.098
2.5
0.307
7.8
0.210
5.3
0.050
1.3
1,000
SLP100-316-01
SLP-1-316-01
SLP-2-316-01
0.098
2.5
0.316
8.0
0.210
5.3
0.050
1.3
1,000
SLP100-330-01
SLP-1-330-01
SLP-2-330-01
0.098
2.5
0.33
8.4
0.210
5.3
0.050
1.3
1,000
SLP100-413-01
SLP-1-413-01
SLP-2-413-01
0.098
2.5
0.413
10.5
0.210
5.3
0.050
1.3
1,000
SLP100-638-01
SLP-1-638-01
SLP-2-638-01
0.098
2.5
0.638
16.2
0.210
5.3
0.050
1.3
1,000
SLP125-187-01
0.125
3.2
0.187
4.7
0.200
5.1
0.050
1.3
1,000
Type 1
Type 2
Ø.210
(5.2)
.070 Ref.
(1.9)
A
0.050
(1.3)
Type 3
SLPA Series
Snap Lock Pin with Arrowhead
Specifications:
Material: Nylon 6/6
Color: Natural
Flame Class: UL94V-2
A
3/64
(1.2)
Ø13/64
(5.2)
5/32 (4.0)
Hole Dia.
A
Pack
Qty.
Item
No.
In
mm
in
mm
SLPA125-187-01
0.125
3.2
0.187
4.7
1,000
SLPA125-250-01
0.125
3.2
0.250
6.4
1,000
SLPA125-312-01
0.125
3.2
0.312
7.9
1,000
SLPA125-375-01
0.125
3.2
0.375
9.5
1,000
SLPA125-500-01
0.125
3.2
0.500
12.7
1,000
SLPA125-625-01
0.125
3.2
0.625
15.9
1,000
SLPA125-750-01
0.125
3.2
0.750
19.1
1,000
Specifications:
Material: Rivet; Nylon 6/6, Mandrel; Polycarbonate
Color: Black; Mandrel: Clear
Specifications:
Material: UL94 V-2 Nylon 6/6
Color: Natural
Item
No.
Heat Sink Hole Ø
PCB Hole Ø
Spring Material
Pack
Qty.
HSR-1
.125 - .157 (3.18 - 4)
.118 (3)
Spring Steel, Chrome Plating
1,000
HSR-2
.120 - .140 (3.05 - 3.5)
.122 (3.1)
Stainless Steel
1,000


Similar Part No. - SLPA125-625-01

ManufacturerPart #DatasheetDescription
logo
Cynergy3 Co
SLP CYNERGY3-SLP Datasheet
338Kb / 1P
   submersible level probe
logo
Cornell Dubilier Electr...
SLP CDE-SLP Datasheet
369Kb / 9P
   Best for switching power supplies
logo
JST Mfg. Co., Ltd.
SLP-06V JST-SLP-06V Datasheet
177Kb / 3P
   SL CONNECTOR 3.96mm pitch/Disconnectable Crimp style Wire-to-wire connectors
logo
Richco, Inc.
SLP-1 RICHCO-SLP-1 Datasheet
19Kb / 1P
   SNAP LOCK PIN
SLP-1-177-01 RICHCO-SLP-1-177-01 Datasheet
19Kb / 1P
   SNAP LOCK PIN
More results

Similar Description - SLPA125-625-01

ManufacturerPart #DatasheetDescription
logo
Mallory Sonalert Produc...
ZT120LADP3R MSPI-ZT120LADP3R Datasheet
132Kb / 1P
   Housing Material 6/6 Nylon, Color: Black
ZT120LAFP1G MSPI-ZT120LAFP1G Datasheet
132Kb / 1P
   Housing Material 6/6 Nylon, Color: Black
ZT120LACTY30 MSPI-ZT120LACTY30 Datasheet
132Kb / 1P
   Housing Material 6/6 Nylon, Color: Black
ZT120LADP2R MSPI-ZT120LADP2R Datasheet
132Kb / 1P
   Housing Material 6/6 Nylon, Color: Black
ZT120LAFP1R15 MSPI-ZT120LAFP1R15 Datasheet
132Kb / 1P
   Housing Material 6/6 Nylon, Color: Black
ZT120LASP1R MSPI-ZT120LASP1R Datasheet
132Kb / 1P
   Front Cap Material 6/6 Nylon, Color: Opaque White
ZT120LAFP1Y MSPI-ZT120LAFP1Y Datasheet
132Kb / 1P
   Front Cap Material 6/6 Nylon, Color: Opaque White
ZT120LAMP1R MSPI-ZT120LAMP1R Datasheet
132Kb / 1P
   Front Cap Material 6/6 Nylon, Color: Opaque White
ZT120LACTY15 MSPI-ZT120LACTY15 Datasheet
132Kb / 1P
   Front Cap Material 6/6 Nylon, Color: Opaque White
ZT120LAFP1B MSPI-ZT120LAFP1B Datasheet
132Kb / 1P
   Front Cap Material 6/6 Nylon, Color: Opaque White
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com