Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DD03S4805A Datasheet(PDF) 1 Page - Delta Electronics, Inc.

Part # DD03S4805A
Description  3W DC/DC CONVERTER, DIP-Package, 2:1 Wide Input Range
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

DD03S4805A Datasheet(HTML) 1 Page - Delta Electronics, Inc.

  DD03S4805A Datasheet HTML 1Page - Delta Electronics, Inc. DD03S4805A Datasheet HTML 2Page - Delta Electronics, Inc. DD03S4805A Datasheet HTML 3Page - Delta Electronics, Inc. DD03S4805A Datasheet HTML 4Page - Delta Electronics, Inc. DD03S4805A Datasheet HTML 5Page - Delta Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
DD03S/D Series
3W DC/DC CONVERTER, DIP-Package, 2:1 Wide Input Range
DS_DD03S/D_03152012
E-mail: DCDC@delta.com.tw
http://www.delta.com.tw/dcdc
P1
FEATURES
Efficiency up to 81%
DIP Package with Industry Standard Pinout
Wide 2:1 Input Range
Operating Temperature Range –40°C to +85°C
Isolation Voltage 1500 VDC
Short Circuit Protection
Complies with EN55022,Class A
Lead free, RoHs Compliant
3 Years Product Warranty
The DD03S/D series are miniature, DIP Package, isolated 3W DC/DC converters with 1,500VDC isolation. The DD03S/D series
features fully regulated output and wide 2:1 input voltage ranges. It offers short circuit protection and allows a wide operating
temperature range of –40°C to +85°C.These isolated DC/DC converters are the latest offering from a world leader in power systems
technology and manufacturing ― Delta Electronics, Inc. With creative design technology and optimization of component
placement, these converters possess outstanding electrical and thermal performance, as well as extremely high reliability under
highly stressful operating conditions
Model Selection Guide
Output
Current
Input Current
Efficiency
(typ.)
Input
Voltage
(Range)
Output
Voltage
Max.
Min.
@Max. Load
@No Load
Reflected
Ripple
Current
Max. capacitive
Load
@Max. Load
Model
Number
VDC
VDC
mA
mA
mA(typ.)
mA(typ.)
mA(typ.)
uF
%
DD03S0505A
5
600
60
857
70
DD03S0512A
12
250
25
811
74
DD03S0515A
15
200
20
811
2000
74
DD03D0512A
±12
±125
±12.5
811
74
DD03D0515A
5
(4.5 ~ 9)
±15
±100
±10
811
40
100
1000*
74
DD03S1205A
5
600
60
329
76
DD03S1212A
12
250
25
313
80
DD03S1215A
15
200
20
313
2000
80
DD03D1212A
±12
±125
±12.5
313
80
DD03D1215A
12
(9 ~ 18)
±15
±100
±10
313
20
30
1000*
80
DD03S2405A
5
600
60
162
77
DD03S2412A
12
250
25
154
81
DD03S2415A
15
200
20
154
2000
81
DD03D2412A
±12
±125
±12.5
154
81
DD03D2415A
24
(18 ~ 36)
±15
±100
±10
154
5
15
1000*
81
DD03S4805A
5
600
60
81
77
DD03S4812A
12
250
25
77
81
DD03S4815A
15
200
20
77
2000
81
DD03D4812A
±12
±125
±12.5
77
81
DD03D4815A
48
(36 ~ 75)
±15
±100
±10
77
3
10
1000*
81
* For each output


Similar Part No. - DD03S4805A

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
DD03S4805A DELTA-DD03S4805A Datasheet
209Kb / 4P
   3W DC/DC CONVERTER, DIP-Package, 2:1 Wide Input Range
More results

Similar Description - DD03S4805A

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
DD03S DELTA-DD03S Datasheet
209Kb / 4P
   3W DC/DC CONVERTER, DIP-Package, 2:1 Wide Input Range
DL03S2403A DELTA-DL03S2403A Datasheet
215Kb / 5P
   3W DC/DC CONVERTER, DIP-Package, 4:1 Wide Input Range
DL03S DELTA-DL03S Datasheet
214Kb / 4P
   3W DC/DC CONVERTER, DIP-Package, 4:1 Wide Input Range
SE03S DELTA-SE03S Datasheet
222Kb / 4P
   3W DC/DC CONVERTER, SMD-Package, 2:1 Wide Input Range
DH06S1203A DELTA-DH06S1203A Datasheet
214Kb / 5P
   6W DC/DC CONVERTER, DIP-Package, 2:1 Wide Input Range
DK03S DELTA-DK03S Datasheet
221Kb / 5P
   2W DC/DC CONVERTER, DIP-Package,Wide 2:1 Input Range
DB02S DELTA-DB02S Datasheet
204Kb / 4P
   2W DC/DC CONVERTER, DIP-Package, 2:1 Wide Input Range
DG06S DELTA-DG06S Datasheet
217Kb / 4P
   6W DC/DC CONVERTER, DIP-Package, 2:1 Wide Input Range
DH06S DELTA-DH06S Datasheet
212Kb / 4P
   6W DC/DC CONVERTER, DIP-Package, 2:1 Wide Input Range
DP06S DELTA-DP06S Datasheet
218Kb / 4P
   6W DC/DC CONVERTER, DIP-Package, Wide 2:1 Input Range
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com