Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ZMM55B Datasheet(PDF) 1 Page - Formosa MS

Part # ZMM55B
Description  Zener diode
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORMOSA [Formosa MS]
Direct Link  http://www.formosams.com
Logo FORMOSA - Formosa MS

ZMM55B Datasheet(HTML) 1 Page - Formosa MS

  ZMM55B Datasheet HTML 1Page - Formosa MS ZMM55B Datasheet HTML 2Page - Formosa MS ZMM55B Datasheet HTML 3Page - Formosa MS ZMM55B Datasheet HTML 4Page - Formosa MS ZMM55B Datasheet HTML 5Page - Formosa MS  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
FormosaMS
ZMM55C Series
FORMOSA MICROSEMI CO., LTD
Zener diode
Features
1.
Small surface mounting type
2.
High reliability
Applications
Voltage stabilization
Construction
Silicon epitaxial planar
Absolute Maximum Ratings
T
j=25
oC
Parameter
Test Conditions
Type
Symbol
Value
Unit
Power dissipation
R
thJA≤300K/W
P
V
500
mW
Z-current
I
Z
P
V/VZ
mA
Junction temperature
T
j
175
oC
Storage temperature range
T
stg
-65~+175
oC
Maximum Thermal Resistance
T
j=25
oC
Parameter
Test Conditions
Symbol
Value
Unit
Junction ambient
on PC board 50mm×50mm×1.6mm
R
thJA
500
K/W
Electrical Characteristics
T
j=25
oC
Parameter
Test Conditions
Type
Symbol
Min
Typ
Max
Unit
Forward voltage
I
F=200mA
V
F
1.5
V


Similar Part No. - ZMM55B

ManufacturerPart #DatasheetDescription
logo
Yangzhou yangjie electr...
ZMM55B10 YANGJIE-ZMM55B10 Datasheet
173Kb / 5P
   Zener Diodes
ZMM55B10V YANGJIE-ZMM55B10V Datasheet
173Kb / 5P
   Zener Diodes
ZMM55B11 YANGJIE-ZMM55B11 Datasheet
173Kb / 5P
   Zener Diodes
ZMM55B12 YANGJIE-ZMM55B12 Datasheet
173Kb / 5P
   Zener Diodes
ZMM55B13 YANGJIE-ZMM55B13 Datasheet
173Kb / 5P
   Zener Diodes
More results

Similar Description - ZMM55B

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
SMAJ4736A-TP MCC-SMAJ4736A-TP Datasheet
452Kb / 4P
   1 Watt Zener Diode Zener Diode
logo
AiT Semiconductor Inc.
BZX84C2V4 AITSEMI-BZX84C2V4 Datasheet
453Kb / 8P
   ZENER DIODE ZENER VOLTAGE REGULATOR DIODE
REV1.1
logo
Micro Commercial Compon...
DL4733A-TP MCC-DL4733A-TP Datasheet
254Kb / 4P
   1 Watt Zener Diode Zener Diode
logo
Rohm
FTZ56E ROHM-FTZ56E Datasheet
53Kb / 2P
   Zener diode
UDZ ROHM-UDZ Datasheet
58Kb / 3P
   Zener diode
PTZ7.5B ROHM-PTZ7.5B Datasheet
227Kb / 5P
   Zener diode
PTZ3.9B ROHM-PTZ3.9B Datasheet
229Kb / 5P
   Zener diode
PTZ6.8B ROHM-PTZ6.8B Datasheet
228Kb / 5P
   Zener diode
logo
SHENZHEN YONGERJIA INDU...
1N5221B WINNERJOIN-1N5221B Datasheet
483Kb / 5P
   Zener diode
logo
Leshan Radio Company
LEDZ2-4BT1G LRC-LEDZ2-4BT1G_15 Datasheet
401Kb / 5P
   Zener diode
LEDZ11BT1G LRC-LEDZ11BT1G_15 Datasheet
167Kb / 5P
   Zener diode
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com