Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HZZ02002G Datasheet(PDF) 3 Page - Power-One

Part # HZZ02002G
Description  FNP1500/1800 Front-Ends FNR-3 Power Shelves Data Sheet
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER-ONE [Power-One]
Direct Link  http://www.power-one.com
Logo POWER-ONE - Power-One

HZZ02002G Datasheet(HTML) 3 Page - Power-One

  HZZ02002G Datasheet HTML 1Page - Power-One HZZ02002G Datasheet HTML 2Page - Power-One HZZ02002G Datasheet HTML 3Page - Power-One HZZ02002G Datasheet HTML 4Page - Power-One HZZ02002G Datasheet HTML 5Page - Power-One HZZ02002G Datasheet HTML 6Page - Power-One HZZ02002G Datasheet HTML 7Page - Power-One HZZ02002G Datasheet HTML 8Page - Power-One HZZ02002G Datasheet HTML 9Page - Power-One Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
BCD.00247 Rev. AA, 07-Nov-12
Page 3 of 18
www.power-one.com
FNP1500/1800 Front-Ends
& FNR-3 Power Shelves Data Sheet
Safety Specifications
Maximum electric strength testing is performed in the factory according to EN 550116, IEC/EN 60950, and UL 60950.
Input-to-output electric strength tests should not be repeated in the field. Power-One will not honor any warranty claims resulting
from electric strength field tests.
Parameter
Conditions/description
Min
Nom
Max
Unit
Agency approvals
UL60950, (UL) CSA 60950 (cUL),
EN 60950(TÜV), CE Mark for LVD
Insulation safety rating
Input to case
Input to output
Output to case
Basic
Reinforced
Functional
Electric strength test voltage
Input to case
Input to output
Output to case
Output 1 to output 2
2.12
4.2
1
0.5
0.1
kVDC
kVDC
kVDC
kVDC
1 Subassemblies are pre-tested with 4.2 kVDC in accordance with EN50116 and IEC/EN60950.
EMC Specifications
Parameter
Description
Criterion
Electrostatic discharge
IEC/EN 61000-4-2, level 4
Performance criterion B
Electromagnetic field
IEC/EN 61000-4-3, level 3
Performance criterion A
Electrical fast transients/burst
IEC/EN 61000-4-4, level 3
Performance criterion B
Surge
IEC/EN 61000-4-5, level 3
Performance criterion B
Voltage dips and interruptions
IEC/EN 61000-4-11
Performance criterion B or better
RF conducted immunity
IEC/EN 61000-4-6
10 VAC, AM 80 %, 1 kHz
Performance criterion A
Emissions conducted
CISPR 22/EN 55022/EN 61204
Class B
Emissions radiated
CISPR 22/EN 55022/EN 61204
Class A
Harmonics
IEC/EN 61000-3-2
Class B
Voltage fluctuation and flicker
IEC/EN 61000-3-3
Pass
Voltage sag
SEMI F47-0200 (High Line 230V)
Pass
Input Specifications
Specification is valid for input voltage, load, and temperature ranges, unless otherwise stated.
Parameter
Conditions/description
Min
Nom
Max
Unit
Input voltage
85
230
264
VAC
Input frequency
47
50/60
63
Hz
Turn-on input voltage
Ramping up
79
85
VAC
Turn-off input voltage
Ramping down
70
78
VAC
Inrush current limitation
115/230 VAC acc. ETS 300 132-1
< 100 ms
50
Apk
Hold-up time
After last AC line peak ,Vi = 230 VAC, Po nom
20
ms
Power factor
Vi nom, Io nom
0.95
W/VA
Efficiency
Vi = 230 VAC, Io nom, TC = 25 °C
89
1
90
%
Max input current
20
Arms
Input connector
16A – 20 A / 250 VAC; according to IEC320 C19
1 87% for FNP1500-12


Similar Part No. - HZZ02002G

ManufacturerPart #DatasheetDescription
logo
Power-One
HZZ00101 POWER-ONE-HZZ00101 Datasheet
262Kb / 9P
   Cassette Style Mating Connectors
logo
Bel Fuse Inc.
HZZ00101-G BEL-HZZ00101-G Datasheet
2Mb / 10P
   Cassette Style Mating Connectors
HZZ00102-G BEL-HZZ00102-G Datasheet
2Mb / 10P
   Cassette Style Mating Connectors
HZZ00103-G BEL-HZZ00103-G Datasheet
2Mb / 10P
   Cassette Style Mating Connectors
HZZ00104-G BEL-HZZ00104-G Datasheet
2Mb / 10P
   Cassette Style Mating Connectors
More results

Similar Description - HZZ02002G

ManufacturerPart #DatasheetDescription
logo
Power-One
FNP1500 POWER-ONE-FNP1500_10 Datasheet
505Kb / 17P
   Front-Ends & FNR-3 Power Shelves Data Sheet
logo
Analog Devices
ADPD105 AD-ADPD105 Datasheet
884Kb / 66P
   Photometric Front Ends
logo
Artesyn Technologies
AFS2400 ARTESYN-AFS2400 Datasheet
246Kb / 3P
   Rack Mountable Power Shelves
logo
Analog Devices
ADPD1080 AD-ADPD1080 Datasheet
1Mb / 74P
   Photometric Front Ends
logo
Artesyn Technologies
AFS4000 ARTESYN-AFS4000 Datasheet
287Kb / 3P
   Rack Mountable Power Shelves
logo
NXP Semiconductors
AFD4400 NXP-AFD4400 Datasheet
869Kb / 101P
   AFD4400 Digital Front End Processor Data Sheet
Rev. 0, 10/2015
logo
Lineage Power Corporati...
J85480S1 LINEAGEPOWER-J85480S1 Datasheet
405Kb / 10P
   Compact Power Line Shelves
logo
Microchip Technology
TC500 MICROCHIP-TC500_06 Datasheet
653Kb / 34P
   Precision Analog Front Ends
2006
TC500 MICROCHIP-TC500 Datasheet
565Kb / 28P
   Precision Analog Front Ends
2002
logo
TelCom Semiconductor, I...
TC500 TELCOM-TC500 Datasheet
209Kb / 17P
   PRECISION ANALOG FRONT ENDS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com