Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PH1214-12M Datasheet(PDF) 1 Page - Tyco Electronics

Part # PH1214-12M
Description  Radar Pulsed Power Transistor 12W, 1.2-1.4 GHz, 150關s Pulse, 10% Duty
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

PH1214-12M Datasheet(HTML) 1 Page - Tyco Electronics

  PH1214-12M Datasheet HTML 1Page - Tyco Electronics PH1214-12M Datasheet HTML 2Page - Tyco Electronics PH1214-12M Datasheet HTML 3Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Radar Pulsed Power Transistor
12W, 1.2-1.4 GHz, 150µs Pulse, 10% Duty
M/A-COM Products
Released, 30 May 07
PH1214-12M
1
North America Tel: 800.366.2266 / Fax: 978.366.2266
Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Features
• NPN silicon microwave power transistors
• Common base configuration
• Broadband Class C operation
• High efficiency inter-digitized geometry
• Diffused emitter ballasting resistors
• Gold metallization system
• Internal input and output impedance matching
• Hermetic metal/ceramic package
• RoHS compliant
Electrical Specifications: TC = 25 ± 5°C (Room Ambient )
Parameter
Test Conditions
Frequency
Symbol
Min
Max
Units
Collector-Emitter Breakdown Voltage IC = 12.5mA
BVCES
60
-
V
Collector-Emitter Leakage Current
VCE = 40V
ICES
-
1.25
mA
Thermal Resistance
Vcc = 28V, Pout = 12W
F = 1.2, 1.3, 1.4 GHz
RTH(JC)
-
3.7
°C/W
Output Power
Vcc = 28V, Pout = 12W
F = 1.2, 1.3, 1.4 GHz
PIN
-
1.7
W
Power Gain
Vcc = 28V, Pout = 12W
F = 1.2, 1.3, 1.4 GHz
GP
8.5
-
dB
Collector Efficiency
Vcc = 28V, Pout = 12W
F = 1.2, 1.3, 1.4 GHz
η
C
45
-
%
Input Return Loss
Vcc = 28V, Pout = 12W
F = 1.2, 1.3, 1.4 GHz
RL
-
-9
dB
Load Mismatch Tolerance
Vcc = 28V, Pout = 12W
F = 1.2, 1.3, 1.4 GHz
VSWR-T
-
3:1
-
Load Mismatch Stability
Vcc = 28V, Pout = 12W
F = 1.2, 1.3, 1.4 GHz
VSWR-S
-
1.5:1
-
Absolute Maximum Ratings at 25°C
Parameter
Symbol
Rating
Units
Collector-Emitter Voltage
VCES
70
V
Emitter-Base Voltage
VEBO
3.0
V
Collector Current (Peak)
IC
1.3
A
Power Dissipation @ +25°C
PTOT
47
W
Storage Temperature
TSTG
-65 to +200
°C
Junction Temperature
TJ
200
°C
Outline Drawing


Similar Part No. - PH1214-12M

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
PH1214-12M MACOM-PH1214-12M Datasheet
61Kb / 2P
   Radar Pulsed Power Transistor - 12 Watts,1.20-1.40 GHz, 150 mS Pulse, 10% Duty
logo
M/A-COM Technology Solu...
PH1214-12M MA-COM-PH1214-12M Datasheet
139Kb / 3P
   Radar Pulsed Power Transistor
PH1214-12M MA-COM-PH1214-12M_17 Datasheet
680Kb / 4P
   Radar Pulsed Power Transistor
More results

Similar Description - PH1214-12M

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
PH1214-80M MACOM-PH1214-80M Datasheet
143Kb / 3P
   Radar Pulsed Power Transistor 80W, 1.2-1.4 GHz, 150關s Pulse, 10% Duty
PH1214-110M MACOM-PH1214-110M_07 Datasheet
136Kb / 3P
   Radar Pulsed Power Transistor 110W, 1.2-1.4 GHz, 150關s Pulse, 10% Duty
PH1214-220M MACOM-PH1214-220M_07 Datasheet
139Kb / 3P
   Radar Pulsed Power Transistor 220W, 1.2-1.4 GHz, 150關s Pulse, 10% Duty
PH1214-40M MACOM-PH1214-40M Datasheet
142Kb / 3P
   Radar Pulsed Power Transistor 40W, 1.2-1.4 GHz, 150關s Pulse, 10% Duty
PH1214-110M MACOM-PH1214-110M Datasheet
146Kb / 3P
   Radar Pulsed Power Transistor 110W, 1.2-1.4 GHz, 150關s Pulse, 10% Duty
PH1214-25M MACOM-PH1214-25M Datasheet
138Kb / 3P
   Radar Pulsed Power Transistor 25W, 1.2-1.4 GHz, 150關s Pulse, 10% Duty
PH1214-300M MACOM-PH1214-300M Datasheet
157Kb / 4P
   Radar Pulsed Power Transistor 300W, 1.2-1.4 GHz, 150關s Pulse, 10% Duty
PH1214-220M MACOM-PH1214-220M Datasheet
148Kb / 3P
   Radar Pulsed Power Transistor 220W, 1.2-1.4 GHz, 150關s Pulse, 10% Duty
logo
M/A-COM Technology Solu...
MAPRST0002 MA-COM-MAPRST0002 Datasheet
108Kb / 3P
   Radar Pulsed Power Transistor 50W, 1.2-1.4 GHz, 150關s Pulse, 10% Duty
logo
Tyco Electronics
PH1214-2M MACOM-PH1214-2M Datasheet
143Kb / 3P
   Radar Pulsed Power Transistor 2W, 1.2-1.4 GHz, 100關s Pulse, 10% Duty
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com