Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HOA697X Datasheet(PDF) 4 Page - Honeywell Accelerometers

Part # HOA697X
Description  Transmissive Optoschmitt Sensor
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONEYWELL-ACC [Honeywell Accelerometers]
Direct Link  http://www.inertialsensor.com
Logo HONEYWELL-ACC - Honeywell Accelerometers

HOA697X Datasheet(HTML) 4 Page - Honeywell Accelerometers

  HOA697X Datasheet HTML 1Page - Honeywell Accelerometers HOA697X Datasheet HTML 2Page - Honeywell Accelerometers HOA697X Datasheet HTML 3Page - Honeywell Accelerometers HOA697X Datasheet HTML 4Page - Honeywell Accelerometers HOA697X Datasheet HTML 5Page - Honeywell Accelerometers HOA697X Datasheet HTML 6Page - Honeywell Accelerometers  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
HOA696X/697X
10 kOhm Pull-Up Output
Transmissive Optoschmitt Sensor
ELECTRICAL CHARACTERISTICS
UNITS
TEST CONDITIONS
MIN
PARAMETER
SYMBOL
TYP
MAX
IR EMITTER
DETECTOR
COUPLED CHARACTERISTICS
ABSOLUTE MAXIMUM RATINGS
(25¡C Free-Air Temperature unless otherwise noted)
Operating Temperature Range
-40¡C to 70¡C
Storage Temperature Range
-40¡C to 85¡C
Soldering Temperature (5 sec)
240¡C
IR EMITTER
Power Dissipation
100 mW [À]
Reverse Voltage
3 V
Continuous Forward Current
50 mA
DETECTOR
Supply Voltage:
Totem-Pole Output
7 V [Á]
All Others
12 V [Á]
Duration of Output
Short to VÙÙ or Ground
1.0 sec.
Notes
1. Derate linearly at 0.78 mW/¡C above 25¡C.
2. Derate linearly from 25¡C to 5.5 V at 70¡C.
Honeywell reserves the right to make
changes in order to improve design and
supply the best products possible.
h
379


Similar Part No. - HOA697X

ManufacturerPart #DatasheetDescription
logo
Honeywell Solid State E...
HOA697X HONEYWELL-HOA697X Datasheet
931Kb / 6P
   Transmissive Optorschmit Sensor
logo
Honeywell Accelerometer...
HOA697X HONEYWELL-ACC-HOA697X Datasheet
1Mb / 18P
   Infrared Sensors Line Guide
logo
Honeywell Solid State E...
HOA697X HONEYWELL-HOA697X Datasheet
936Kb / 6P
   Transmissive Optoschmitt Sensor
More results

Similar Description - HOA697X

ManufacturerPart #DatasheetDescription
logo
Honeywell Solid State E...
HOA2001 HONEYWELL-HOA2001 Datasheet
397Kb / 4P
   Transmissive Optoschmitt Sensor
HOA0973-L51 HONEYWELL-HOA0973-L51 Datasheet
485Kb / 4P
   Transmissive Optoschmitt Sensor
HOA6963-N51 HONEYWELL-HOA6963-N51 Datasheet
936Kb / 6P
   Transmissive Optoschmitt Sensor
logo
Honeywell Accelerometer...
HOA6992-T55 HONEYWELL-ACC-HOA6992-T55 Datasheet
929Kb / 6P
   Transmissive Optoschmitt Sensor
logo
Honeywell Solid State E...
HOA0961-N51 HONEYWELL-HOA0961-N51 Datasheet
485Kb / 4P
   Transmissive Optoschmitt Sensor
logo
Honeywell Accelerometer...
HOA2003 HONEYWELL-ACC-HOA2003 Datasheet
387Kb / 4P
   Transmissive Optoschmitt Sensor
logo
Honeywell Solid State E...
HOA096X HONEYWELL-HOA096X Datasheet
485Kb / 4P
   Transmissive Optoschmitt Sensor
logo
Honeywell Accelerometer...
HOA2001-001 HONEYWELL-ACC-HOA2001-001 Datasheet
387Kb / 4P
   Transmissive Optoschmitt Sensor
HOA6993-T51 HONEYWELL-ACC-HOA6993-T51 Datasheet
52Kb / 1P
   HOA6993-T51 Optoschmitt Sensors (Transmissive)
HOA2005-001 HONEYWELL-ACC-HOA2005-001 Datasheet
72Kb / 5P
   HOA Series Transmissive Optoschmitt Sensor, Transistor Output, Plastic Package
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com