Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HCPL2730 Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part # HCPL2730
Description  Low Input Current High Gain Split Darlington Optocouplers
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

HCPL2730 Datasheet(HTML) 3 Page - Fairchild Semiconductor

  HCPL2730 Datasheet HTML 1Page - Fairchild Semiconductor HCPL2730 Datasheet HTML 2Page - Fairchild Semiconductor HCPL2730 Datasheet HTML 3Page - Fairchild Semiconductor HCPL2730 Datasheet HTML 4Page - Fairchild Semiconductor HCPL2730 Datasheet HTML 5Page - Fairchild Semiconductor HCPL2730 Datasheet HTML 6Page - Fairchild Semiconductor HCPL2730 Datasheet HTML 7Page - Fairchild Semiconductor HCPL2730 Datasheet HTML 8Page - Fairchild Semiconductor HCPL2730 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
©2005 Fairchild Semiconductor Corporation
www.fairchildsemi.com
6N138, 5N139, NCPL2730, HCPL2731 Rev. 1.0.5
3
Electrical Characteristics (T
A = 0 to 70°C unless otherwise specified)
Individual Component Characteristics
Transfer Characteristics
*All Typicals at TA = 25°C
Symbol
Parameter
Test Conditions
Device
Min. Typ.* Max.
Unit
EMITTER
VF
Input Forward Voltage
TA = 25°C
All
1.30
1.7
V
Each channel (IF = 1.6mA)
1.75
BVR
Input Reverse
Breakdown Voltage
TA = 25°C, IR = 10µA
All
5.0
20
V
∆V
F / ∆TA
Temperature
Coefficient of
Forward Voltage
IF = 1.6mA
All
-1.8
mV/°C
DETECTOR
IOH
Logic HIGH Output
Current
IF = 0mA, VO = VCC = 18V
6N139
0.01
100
µA
Each Channel
HCPL2731
IF = 0mA, VO = VCC = 7V
6N138
0.01
250
Each Channel
HCPL2730
ICCL
Logic LOW supply
IF = 1.6mA, VO = Open, VCC = 18V
6N138,
6N139
0.4
1.5
mA
IF1 = IF2 = 1.6mA, VCC = 18V
HCPL2731
1.3
3
VO1 – VO2 = Open, VCC = 7V
HCPL2730
ICCH
Logic HIGH Supply
IF = 0mA, VO = Open, VCC = 18V
6N138,
6N139
0.05
10
µA
IF1 = IF2 = 0mA, VCC = 18V
HCPL2731
0.10
20
VO1 – VO2 = Open, VCC = 7V
HCPL2730
Symbol
Parameter
Test Conditions
Device
Min.
Typ.* Max.
Unit
COUPLED
CTR
Current Transfer
Ratio(1)(2)
IF = 0.5mA, VO = 0.4 V, VCC = 4.5V
6N139
400
1100
%
Each Channel
HCPL2731
3500
IF = 1.6mA, VO = 0.4 V, VCC = 4.5V
6N139
500
1300
Each Channel
HCPL2731
2500
IF = 1.6mA, VO = 0.4 V, VCC = 4.5V
6N138
300
1300
Each Channel
HCPL2730
2500
VOL
Logic LOW Output
Voltage(2)
IF = 0.5mA, IO = 2mA, VCC = 4.5V
6N139
0.08
0.4
V
IF = 1.6mA, IO = 8mA, VCC = 4.5V
6N139
0.01
0.4
Each Channel
HCPL2731
IF = 0.5mA, IO = 15mA, VCC = 4.5V
6N139
0.13
0.4
Each Channel
HCPL2731
IF = 12mA, IO = 24mA, VCC = 4.5V
6N139
0.20
0.4
Each Channel
HCPL2731
IF = 1.6mA, IO = 4.8mA, VCC = 4.5V
6N138
0.10
0.4
Each Channel
HCPL2730


Similar Part No. - HCPL2730

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HCPL2730 HP-HCPL2730 Datasheet
240Kb / 12P
   Dual Channel Low Input Current, High Gain Optocouplers
logo
Fairchild Semiconductor
HCPL2730 FAIRCHILD-HCPL2730 Datasheet
204Kb / 15P
   Low Input Current High Gain Split Darlington Optocouplers
HCPL2730M FAIRCHILD-HCPL2730M Datasheet
442Kb / 14P
   Low Input Current High Gain Split Darlington Optocouplers
HCPL2730M FAIRCHILD-HCPL2730M Datasheet
442Kb / 14P
   Low current ??0.5mA
More results

Similar Description - HCPL2730

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
6N138 FAIRCHILD-6N138_07 Datasheet
204Kb / 15P
   Low Input Current High Gain Split Darlington Optocouplers
HCPL-0700 FAIRCHILD-HCPL-0700_05 Datasheet
687Kb / 12P
   LOW INPUT CURRENT HIGH GAIN SPLIT DARLINGTON OPTOCOUPLERS
HCPL0700 FAIRCHILD-HCPL0700 Datasheet
443Kb / 13P
   Low Input Current High Gain Split Darlington Optocouplers
HCPL-2731 FAIRCHILD-HCPL-2731 Datasheet
561Kb / 15P
   LOW INPUT CURRENT HIGH GAIN SPLIT DARLINGTON OPTOCOUPLERS
6N138 FAIRCHILD-6N138 Datasheet
249Kb / 13P
   LOW INPUT CURRENT HIGH GAIN SPLIT DARLINGTON OPTOCOUPLERS
6N138M FAIRCHILD-6N138M Datasheet
442Kb / 14P
   Low Input Current High Gain Split Darlington Optocouplers
logo
QT Optoelectronics
6N138 QT-6N138 Datasheet
236Kb / 12P
   LOW INPUT CURRENT HIGH GAIN SPLIT DARLINGTON OPTOCOUPLERS
logo
Fairchild Semiconductor
6N138 FAIRCHILD-6N138_06 Datasheet
575Kb / 15P
   Low Input Current High Gain Split Darlington Optocouplers
HCPL-0730 FAIRCHILD-HCPL-0730 Datasheet
272Kb / 12P
   LOW INPUT CURRENT HIGH GAIN SPLIT DARLINGTON OPTOCOUPLERS
HCPL-0700 FAIRCHILD-HCPL-0700 Datasheet
275Kb / 12P
   LOW INPUT CURRENT HIGH GAIN SPLIT DARLINGTON OPTOCOUPLERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com