Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FL25P7-K120 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # FL25P7-K120
Description  D-Sub Crimp Steckverbinder
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

FL25P7-K120 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  FL25P7-K120 Datasheet HTML 1Page - List of Unclassifed Manufacturers FL25P7-K120 Datasheet HTML 2Page - List of Unclassifed Manufacturers FL25P7-K120 Datasheet HTML 3Page - List of Unclassifed Manufacturers FL25P7-K120 Datasheet HTML 4Page - List of Unclassifed Manufacturers FL25P7-K120 Datasheet HTML 5Page - List of Unclassifed Manufacturers FL25P7-K120 Datasheet HTML 6Page - List of Unclassifed Manufacturers FL25P7-K120 Datasheet HTML 7Page - List of Unclassifed Manufacturers FL25P7-K120 Datasheet HTML 8Page - List of Unclassifed Manufacturers FL25P7-K120 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
ALL DIMENSIONS IN MILLIMETERS - VALUES FOR INCHES IN BRACKETS - TECHNICAL DATA SUBJECT TO CHANGE
45
DS 10/2007
Contact Type
Tool
Kontakttyp
Werkzeug
For use with contact types:
FK20S18, FK20P, FK20S, FK20P26, FK20S26
Hand crimp tool M22520/2-01 and positioner M22520/2-08
Für Kontakttypen:
FK20S18, FK20P, FK20S, FK20P26, FK20S26
Handcrimpzange M22520/2-01 und Einsatz M22520/2-08
For use with contact types:
FK20PL18, FK20SL18, FK20PL, FK20SL, FK20PL26, FK20SL26
Hand crimp tool M22520/2-01 and positioner K761 or
hand crimp tool including positioner 2761
Für Kontakttypen:
FK20PL18, FK20SL18, FK20PL, FK20SL, FK20PL26, FK20SL26
Handcrimpzange M22520/2-01 und Einsatz K761 oder
Handcrimpzange inklusive Einsatz 2761
FK20SL-08V_0100
FK20SL-08V
Crimp socket contact for wire size 20 - 24,
plating 0.8 µm (31 microinches) Au over Ni.
Crimpbuchsenkontakt für Drahtgröße AWG 20 - 24,
Oberfläche 0,8 µm Au über Ni.
_0100
100 pieces are packed in one bag.
100 Stück in einem Beutel verpackt.
Wire Size (AWG)
Order Number
MIL-No.
Au (Over Ni)
Type
Drahtgröße (AWG)
Bestellnummer
MIL-Nummer
Au über Ni
Typ
18-22
FK20S18-02V...
0,2 µm (8 microinches)
Socket / Buchse
18-22
FK20PL18-02V...
0,2 µm (8 microinches)
Pin / Stift
18-22
FK20SL18-02V...
0,2 µm (8 microinches)
Socket / Buchse
20-24
FK20P-13V...
M24308/11-1, M39029/64-369
1,3 µm (51 microinches)
Pin / Stift
20-24
FK20S-13V...
M24308/10-1, M39029/63-368
1,3 µm (51 microinches)
Socket / Buchse
20-24
FK20PL-02V...
0,2 µm (8 microinches)
Pin / Stift
20-24
FK20SL-02V...
0,2 µm (8 microinches)
Socket / Buchse
20-24
FK20PL-08V...
0,8 µm (31 microinches)
Pin / Stift
20-24
FK20SL-08V...
0,8 µm (31 microinches)
Socket / Buchse
26-28
FK20P26-13V...
1,3 µm (51 microinches)
Pin / Stift
26-28
FK20S26-13V...
1,3 µm (51 microinches)
Socket / Buchse
26-28
FK20PL26-02V...
0,2 µm (8 microinches)
Pin / Stift
26-28
FK20SL26-02V...
0,2 µm (8 microinches)
Socket / Buchse
Machined Contacts for Crimp Connectors
Gedrehte Kontakte für Crimpsteckverbinder
Stift
Pin
Buchse
Socket
Crimping Tools
Crimpwerkzeuge
Packing Unit
Verpackungseinheit
Ordering Example
Bestellbeispiel
Packing Unit (Pieces)
Addition to Order Number
Verpackungseinheit (Stück)
Bestellnummernergänzung
100
_0100
1000
_1000
5000
_5000
See page 49
Siehe Seite 49


Similar Part No. - FL25P7-K120

ManufacturerPart #DatasheetDescription
logo
Gamewell-FCI by Honeywe...
FL200 GAMEWELL-FCI-FL200 Datasheet
126Kb / 1P
   FIXED TEMPERATURE HEAT DETECTOR
logo
Frontier Electronics.
FL2012 FRONTIER-FL2012 Datasheet
34Kb / 1P
   Multi-layers Chip Inductors
FL201209 FRONTIER-FL201209 Datasheet
121Kb / 5P
   Tape and Reel Specifications
FL201209-1R0 FRONTIER-FL201209-1R0 Datasheet
118Kb / 2P
   SMD MULTILAYER FERRITE CHIP INDUCTORS
FL201209-1R0 FRONTIER-FL201209-1R0 Datasheet
118Kb / 2P
   SMD MULTILAYER FERRITE CHIP INDUCTORS
More results

Similar Description - FL25P7-K120

ManufacturerPart #DatasheetDescription
logo
Assmann Electronics Inc...
A-FT-X ASSMANN-A-FT-X Datasheet
114Kb / 1P
   HAUBEN FUR D-SUB-STECKVERBINDER
logo
FCI connector
C-DSUB-0071 FCI-CONNECTOR-C-DSUB-0071 Datasheet
223Kb / 1P
   D SUB CRIMP CONNECTOR
8656XXXXLXXX FCI-CONNECTOR-8656XXXXLXXX Datasheet
176Kb / 1P
   D-SUB CRIMP CONNECTOR
logo
Lumberg
ZP1 LUMBERG-ZP1 Datasheet
121Kb / 1P
   Modular-Steckverbinder
logo
HARTING Technology Grou...
09-14-009-3001 HARTING-09-14-009-3001 Datasheet
490Kb / 2P
   Han D-Sub module, crimp male
logo
Adam Technologies, Inc.
DXXX-PR ADAM-TECH-DXXX-PR Datasheet
124Kb / 1P
   D-SUB PLUG CRIMP AND POKE
DXXX-PR-JS ADAM-TECH-DXXX-PR-JS Datasheet
113Kb / 1P
   D-SUB PLUG CRIMP AND POKE
logo
HARTING Technology Grou...
09-14-009-3101 HARTING-09-14-009-3101 Datasheet
487Kb / 2P
   Han D-Sub module, crimp female
logo
Adam Technologies, Inc.
DXXX-SR ADAM-TECH-DXXX-SR Datasheet
126Kb / 1P
   D-SUB SOCKET CRIMP AND POKE
logo
CONEC Elektronische Bau...
3011W1SXK99A30X CONEC-3011W1SXK99A30X Datasheet
195Kb / 1P
   D-SUB COMBINATION FEMALE 11W1S CRIMP STYLE
23.03.2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com