Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FK20P-13V0100 Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # FK20P-13V0100
Description  D-Sub Crimp Steckverbinder
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

FK20P-13V0100 Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button FK20P-13V0100 Datasheet HTML 2Page - List of Unclassifed Manufacturers FK20P-13V0100 Datasheet HTML 3Page - List of Unclassifed Manufacturers FK20P-13V0100 Datasheet HTML 4Page - List of Unclassifed Manufacturers FK20P-13V0100 Datasheet HTML 5Page - List of Unclassifed Manufacturers FK20P-13V0100 Datasheet HTML 6Page - List of Unclassifed Manufacturers FK20P-13V0100 Datasheet HTML 7Page - List of Unclassifed Manufacturers FK20P-13V0100 Datasheet HTML 8Page - List of Unclassifed Manufacturers FK20P-13V0100 Datasheet HTML 9Page - List of Unclassifed Manufacturers FK20P-13V0100 Datasheet HTML 10Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
48
TECHNISCHE ÄNDERUNGEN VORBEHALTEN – MAßE IN MILLIMETER (INCHES IN KLAMMERN)
DS 10/2007
Stamped contacts, entry from left side, wire size (AWG) 20-24, 0.1 µm
(4 microinches) Au over Ni, type pin, 10,000 pieces on a reel.
Gestanzte Kontakte, direkte Zuführung von der linken Seite, Drahtgröße
20-24, 0,1 µm Au über Ni, Typ Stift, auf Rolle zu 10.000 Stück.
Stamped contacts, entry from right side, wire size (AWG) 20-24, 0.1 µm
(4 microinches) Au over Ni, type pin, 10.000 pieces on a reel.
Gestanzte Kontakte, direkte Zuführung von der rechten Seite, Drahtgröße
20-24, 0,1 µm Au über Ni, Typ Stift, auf Rolle zu 10.000 Stück.
Stamped Contacts, Feed Direction and Machine Setup
Gestanzte Kontakte, Zuführungsrichtung und Lage
Version III: Entry from Left Side
Variante III: Direkte Zuführung von der linken Seite
Version IV: Entry from Right Side
Variante IV: Direkte Zuführung von der rechten Seite
Pin:
P7LR-V4
Stift:
Addition to order number for version IV
Bestellnummernergänzung für Variante IV
-V4
Pin:
P7LR-V3
Stift:
Addition to order number for version III
Bestellnummernergänzung für Variante III
-V3
Ordering Example for Crimp Contacts on a Reel
Bestellbeispiel für Bandcrimpkontakte
Ordering Example for Crimp Contacts on a Reel
Bestellbeispiel für Bandcrimpkontakte


Similar Part No. - FK20P-13V0100

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
FK20 TDK-FK20 Datasheet
122Kb / 12P
   Multilayer Ceramic Capacitors
FK20 TDK-FK20 Datasheet
139Kb / 11P
   MLCC with Dipped Radial Lead
FK20C0G1H104J TDK-FK20C0G1H104J Datasheet
122Kb / 12P
   Multilayer Ceramic Capacitors
FK20C0G1H104J TDK-FK20C0G1H104J Datasheet
206Kb / 22P
   Capacitor with Multi-layer Lead
FK20C0G1H223J TDK-FK20C0G1H223J Datasheet
122Kb / 12P
   Multilayer Ceramic Capacitors
More results

Similar Description - FK20P-13V0100

ManufacturerPart #DatasheetDescription
logo
Assmann Electronics Inc...
A-FT-X ASSMANN-A-FT-X Datasheet
114Kb / 1P
   HAUBEN FUR D-SUB-STECKVERBINDER
logo
FCI connector
C-DSUB-0071 FCI-CONNECTOR-C-DSUB-0071 Datasheet
223Kb / 1P
   D SUB CRIMP CONNECTOR
8656XXXXLXXX FCI-CONNECTOR-8656XXXXLXXX Datasheet
176Kb / 1P
   D-SUB CRIMP CONNECTOR
logo
Lumberg
ZP1 LUMBERG-ZP1 Datasheet
121Kb / 1P
   Modular-Steckverbinder
logo
HARTING Technology Grou...
09-14-009-3001 HARTING-09-14-009-3001 Datasheet
490Kb / 2P
   Han D-Sub module, crimp male
logo
Adam Technologies, Inc.
DXXX-PR ADAM-TECH-DXXX-PR Datasheet
124Kb / 1P
   D-SUB PLUG CRIMP AND POKE
DXXX-PR-JS ADAM-TECH-DXXX-PR-JS Datasheet
113Kb / 1P
   D-SUB PLUG CRIMP AND POKE
logo
HARTING Technology Grou...
09-14-009-3101 HARTING-09-14-009-3101 Datasheet
487Kb / 2P
   Han D-Sub module, crimp female
logo
Adam Technologies, Inc.
DXXX-SR ADAM-TECH-DXXX-SR Datasheet
126Kb / 1P
   D-SUB SOCKET CRIMP AND POKE
logo
CONEC Elektronische Bau...
3011W1SXK99A30X CONEC-3011W1SXK99A30X Datasheet
195Kb / 1P
   D-SUB COMBINATION FEMALE 11W1S CRIMP STYLE
23.03.2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com