Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FH21-8S-1DSA Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # FH21-8S-1DSA
Description  1mm Pitch FPC/FFC Connector
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

FH21-8S-1DSA Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  FH21-8S-1DSA Datasheet HTML 1Page - List of Unclassifed Manufacturers FH21-8S-1DSA Datasheet HTML 2Page - List of Unclassifed Manufacturers FH21-8S-1DSA Datasheet HTML 3Page - List of Unclassifed Manufacturers FH21-8S-1DSA Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
D18
sStraight Type
Product No.
HRS No.
Number of Contacts
A
B
C
Unit: mm
FH21-05S-1DSA
FH21-06S-1DSA
FH21-08S-1DSA
FH21-10S-1DSA
FH21-12S-1DSA
FH21-14S-1DSA
FH21-15S-1DSA
FH21-16S-1DSA
FH21-18S-1DSA
FH21-20S-1DSA
FH21-22S-1DSA
FH21-24S-1DSA
FH21-26S-1DSA
FH21-28S-1DSA
FH21-30S-1DSA
4
5
7
9
11
13
14
15
17
19
21
23
25
27
29
06.15
07.15
09.15
11.15
13.15
15.15
16.15
17.15
19.15
21.15
23.15
25.15
27.15
29.15
31.15
7
8
10
12
14
16
17
18
20
22
24
26
28
30
32
5
6
8
10
12
14
15
16
18
20
22
24
26
28
30
CL586-0425-7
CL586-0426-0
CL586-0427-2
CL586-0428-5
CL586-0429-8
CL586-0430-7
CL586-0431-0
CL586-0432-2
CL586-0433-5
CL586-0434-8
CL586-0435-0
CL586-0436-3
CL586-0437-6
CL586-0438-9
CL586-0439-1
The product information in this catalog is for reference only. Please request the Engineering Drawing for the most current and accurate design information.
All non-RoHS products have been discontinued, or will be discontinued soon. Please check the products status on the Hirose website RoHS search at www.hirose-connectors.com, or contact your Hirose sales representative.


Similar Part No. - FH21-8S-1DSA

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
FH21-05S-1DS HIROSE-FH21-05S-1DS Datasheet
104Kb / 4P
   1mm Pitch FPC/FFC Connector
FH21-05S-1DSA HIROSE-FH21-05S-1DSA Datasheet
104Kb / 4P
   1mm Pitch FPC/FFC Connector
FH21-06S-1DS HIROSE-FH21-06S-1DS Datasheet
104Kb / 4P
   1mm Pitch FPC/FFC Connector
FH21-06S-1DSA HIROSE-FH21-06S-1DSA Datasheet
104Kb / 4P
   1mm Pitch FPC/FFC Connector
FH21-08S-1DS HIROSE-FH21-08S-1DS Datasheet
104Kb / 4P
   1mm Pitch FPC/FFC Connector
More results

Similar Description - FH21-8S-1DSA

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
FH21-5S-1DS HIROSE-FH21-5S-1DS Datasheet
104Kb / 4P
   1mm Pitch FPC/FFC Connector
logo
FCI connector
HFW14R-1STE1 FCI-CONNECTOR-HFW14R-1STE1 Datasheet
761Kb / 9P
   1mm SPACING FPC/FFC CONNECTOR DOCUMENT LIST
HFW26R-1STE1LF FCI-CONNECTOR-HFW26R-1STE1LF Datasheet
769Kb / 10P
   1mm SPACING FPC/FFC CONNECTOR DOCUMENT LIST
SFW6R-2STE9LF FCI-CONNECTOR-SFW6R-2STE9LF Datasheet
850Kb / 9P
   1mm SPACING FPC/FFC CONNECTOR DOCUMENT LIST
logo
Hirose Electric
FH12 HIROSE-FH12 Datasheet
445Kb / 19P
   0.5mm and 1mm Pitch Connectors For FPC/FFC
logo
List of Unclassifed Man...
FH12-20S-05SV55 ETC2-FH12-20S-05SV55 Datasheet
453Kb / 20P
   0.5mm and 1mm Pitch Connectors For FPC/FFC
logo
Hirose Electric
FH12-45S-0.5SV55 HIROSE-FH12-45S-0.5SV55 Datasheet
453Kb / 20P
   0.5mm and 1mm Pitch Connectors For FPC/FFC
FH12-6S-0.5SH HIROSE-FH12-6S-0.5SH Datasheet
481Kb / 10P
   0.5mm and 1mm Pitch Connectors For FPC/FFC
logo
List of Unclassifed Man...
FH12-40S-05SH ETC2-FH12-40S-05SH Datasheet
453Kb / 20P
   0.5mm and 1mm Pitch Connectors For FPC/FFC
logo
Hirose Electric
FH12-33-S-0.5SH55 HIROSE-FH12-33-S-0.5SH55 Datasheet
453Kb / 20P
   0.5mm and 1mm Pitch Connectors For FPC/FFC
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com