Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1N3890 Datasheet(PDF) 3 Page - Microsemi Corporation

Part # 1N3890
Description  FAST RECOVERY RECTIFIERS
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

1N3890 Datasheet(HTML) 3 Page - Microsemi Corporation

  1N3890 Datasheet HTML 1Page - Microsemi Corporation 1N3890 Datasheet HTML 2Page - Microsemi Corporation 1N3890 Datasheet HTML 3Page - Microsemi Corporation 1N3890 Datasheet HTML 4Page - Microsemi Corporation 1N3890 Datasheet HTML 5Page - Microsemi Corporation 1N3890 Datasheet HTML 6Page - Microsemi Corporation 1N3890 Datasheet HTML 7Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
T4-LDS-0143, Rev. 2 (120861)
©2012 Microsemi Corporation
Page 3 of 7
1N3889 – 1N3891, 1N3893
SYMBOLS & DEFINITIONS
Symbol
Definition
CJ
Junction Capacitance: The junction capacitance in pF at a specified frequency.
IF(AV)
Average Forward Current: The average forward current dc value, no alternating component.
IFSM
Maximum Forward Surge Current: The forward current, surge peak or rated forward surge current.
IRM
Maximum Reverse Current: The maximum reverse (leakage) current that will flow at the specified voltage and
temperature.
trr
Reverse Recovery Time: The time interval between the instant the current passes through zero when changing from
the forward direction to the reverse direction and a specified decay point after a peak reverse current occurs.
VFM
Maximum Forward Voltage: The maximum forward voltage the device will exhibit at a specified current.
VRRM
Repetitive Peak Reverse Voltage: The peak reverse voltage including all repetitive transient voltages but excluding all
non-repetitive transient voltages.
VRWM
Working Peak Reverse Voltage: The maximum peak voltage that can be applied over the operating temperature range
excluding all transient voltages (ref JESD282-B). Also sometimes known as PIV.
ELECTRICAL CHARACTERISTICS @ TA = 25 ºC unless otherwise noted
Type
Typical
Junction
Capacitance
CJ
Average
Forward
Current
IF(AV)
Maximum
Forward
Voltage
VFM
Maximum
Reverse
Current
IRM
Maximum
Reverse
Recovery
Time
trr
TC = 100 ºC
TC = 25
oC
TC = 25
oC
TC = 150
oC
1N3889(R)
115 pF
(1)
12 A
1.5 V
@
IFM = 20 A
(2)
10
µA
@
VRRM
2 mA
@
VRRM
200 ns
(3)
NOTES: 1. VR = 10 V, f = 1 Mhz, TJ = 25 ºC.
2. IFM = 38 A, TJ = 25 ºC. Pulse test: pulse width 300 µsec, duty cycle 2%.
3. IF = 1 A, VR = 30 A, di/dt = 25 A/µs, TC = 55 ºC.
Parameters / Test Conditions
Symbol
Min.
Max.
Unit
Forward Voltage
IFM = 38 A, TC = 25 °C*
VFM
1.5
V
Forward Voltage
IFM = 250 A, TC = 150 °C**
VFM
2.75
V
Reverse Current
IRM
10
µA
VRM = 100 V, TC = 25 °C
VRM = 200 V, TC = 25 °C
VRM = 400 V, TC= 25 °C
1N3890 / A / R / AR
1N3891 / A / R / AR
1N3893 / A / R / AR
Reverse Current
IRM
2
mA
VRM = 100 V, TC = 150 °C
VRM = 200 V, TC = 150 °C
VRM = 400 V, TC = 150 °C
1N3890 / A / R / AR
1N3891 / A / R / AR
1N3893 / A / R / AR
Reverse Recovery Time
VRM = 30 V, IF = 1A, TC = 55 °C*
1N3890, 1N3891, 1N3893
1N3890A, 1N3891A,1N3893A / AR
Trr
200
150
ns
* Pulse test: Pulse width 300 µsec, duty cycle 2%.
** Pulse test: Pulse width 800 µsec.


Similar Part No. - 1N3890

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
1N3890 MICROSEMI-1N3890 Datasheet
288Kb / 3P
   SILICON 1 WATT ZENER DIODES
logo
Digitron Semiconductors
1N3890 DIGITRON-1N3890 Datasheet
110Kb / 2P
   FAST RECOVERY RECTIIFER
logo
Microsemi Corporation
1N3890 MICROSEMI-1N3890 Datasheet
111Kb / 2P
   Fast Recovery Rectifier
logo
GeneSiC Semiconductor, ...
1N3890 GENESIC-1N3890 Datasheet
706Kb / 3P
   Silicon Fast Recovery Diode
logo
International Rectifier
1N3890 IRF-1N3890 Datasheet
315Kb / 8P
   6A, 12A AND 16A FAST RECOVERY RECTIFIERS
More results

Similar Description - 1N3890

ManufacturerPart #DatasheetDescription
logo
CHENG-YI ELECTRONIC CO....
FR201 CHENG-YI-FR201 Datasheet
103Kb / 2P
   FAST RECOVERY RECTIFIERS
logo
Compact Technology Corp...
1N4933 CTC-1N4933 Datasheet
71Kb / 2P
   FAST RECOVERY RECTIFIERS
logo
Shanghai Shunye Electro...
FR201 SY-FR201 Datasheet
233Kb / 2P
   FAST RECOVERY RECTIFIERS
logo
EIC discrete Semiconduc...
FT2000AA EIC-FT2000AA Datasheet
110Kb / 2P
   FAST RECOVERY RECTIFIERS
logo
Sensitron
1N5186 SENSITRON-1N5186 Datasheet
36Kb / 2P
   FAST RECOVERY RECTIFIERS
logo
EIC discrete Semiconduc...
RGP20A EIC-RGP20A Datasheet
57Kb / 2P
   FAST RECOVERY RECTIFIERS
logo
Sangdest Microelectroni...
FR101 SMC-FR101 Datasheet
174Kb / 4P
   FAST RECOVERY RECTIFIERS
logo
Leshan Radio Company
1F3 LRC-1F3_15 Datasheet
189Kb / 7P
   Fast Recovery Rectifiers
1N4936 LRC-1N4936_15 Datasheet
200Kb / 7P
   Fast Recovery Rectifiers
logo
Taiwan Semiconductor Co...
BA157 TSC-BA157_14 Datasheet
379Kb / 4P
   Fast Recovery Rectifiers
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com