Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IXTA70N085T Datasheet(PDF) 5 Page - IXYS Corporation

Part # IXTA70N085T
Description  N-Channel Enhancement Mode Avalanche Rated
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXTA70N085T Datasheet(HTML) 5 Page - IXYS Corporation

  IXTA70N085T Datasheet HTML 1Page - IXYS Corporation IXTA70N085T Datasheet HTML 2Page - IXYS Corporation IXTA70N085T Datasheet HTML 3Page - IXYS Corporation IXTA70N085T Datasheet HTML 4Page - IXYS Corporation IXTA70N085T Datasheet HTML 5Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
© 2006 IXYS CORPORATION All rights reserved
IXTA70N085T
IXTP70N085T
IXYS REF: T_70N085T (2V) 7-10-06.xls
Fig. 14. Resistive Turn-on
Rise Time vs. Drain Current
20
25
30
35
40
45
50
55
60
65
70
75
80
85
10
12
14
16
18
20
22
24
26
28
30
ID - Amperes
RG = 10
Ω
VGS = 10V
VDS = 42V
TJ = 125ºC
TJ = 25ºC
Fig. 15. Resistive Turn-on
Switching Times vs. Gate Resistance
20
30
40
50
60
70
80
90
100
10
12
14
16
18
20
22
24
26
28
30
32
34
RG - Ohms
19
21
23
25
27
29
31
33
35
t r
td(on) - - - -
TJ = 125ºC, VGS = 10V
VDS = 42V
I D = 30A
I D = 10A
Fig. 16. Resistive Turn-off
Switching Times vs. Junction Temperature
38
39
40
41
42
43
44
45
46
47
48
25
35
45
55
65
75
85
95
105
115
125
TJ - Degrees Centigrade
38
41
44
47
50
53
56
59
62
65
68
t f
td(off) - - - -
RG = 10
Ω, VGS = 10V
VDS = 42V
I D = 10A
I D = 30A
Fig. 17. Resistive Turn-off
Switching Times vs. Drain Current
38
39
40
41
42
43
44
45
46
47
48
10
12
14
16
18
20
22
24
26
28
30
ID - Amperes
34
38
42
46
50
54
58
62
66
70
74
t f
td(off) - - - -
RG = 10
Ω, VGS = 10V
VDS = 42V
TJ = 125ºC
TJ = 25ºC
Fig. 13. Resistive Turn-on
Rise Time vs. Junction Temperature
20
25
30
35
40
45
50
55
60
65
70
75
80
25
35
45
55
65
75
85
95
105
115
125
TJ - Degrees Centigrade
RG = 10
Ω
VGS = 10V
VDS =42V
I D = 10A
I D = 30A
Fig. 18. Resistive Turn-off
Switching Times vs. Gate Resistance
40
50
60
70
80
90
100
110
120
10
12
14
16
18
20
22
24
26
28
30
32
34
RG - Ohms
30
50
70
90
110
130
150
170
190
t f
td(off) - - - -
TJ = 125ºC, VGS = 10V
VDS = 42V
I D = 30A
I D = 10A


Similar Part No. - IXTA70N085T

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
IXTA70N085T ISC-IXTA70N085T Datasheet
300Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Similar Description - IXTA70N085T

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXFA60N25X3 IXYS-IXFA60N25X3 Datasheet
272Kb / 6P
   N-Channel Enhancement Mode Avalanche Rated Avalanche Rated
IXTU1R4N60P IXYS-IXTU1R4N60P Datasheet
157Kb / 4P
   N-Channel Enhancement Mode Avalanche Rated
IXTP08N100P IXYS-IXTP08N100P Datasheet
158Kb / 4P
   N-Channel Enhancement Mode Avalanche Rated
IXTA180N10T IXYS-IXTA180N10T Datasheet
160Kb / 2P
   N-Channel Enhancement Mode Avalanche Rated
IXTH30N50P IXYS-IXTH30N50P Datasheet
352Kb / 5P
   N-Channel Enhancement Mode Avalanche Rated
IXTP2N100P IXYS-IXTP2N100P Datasheet
153Kb / 4P
   N-Channel Enhancement Mode Avalanche Rated
MMIX1T132N50P3 IXYS-MMIX1T132N50P3 Datasheet
273Kb / 7P
   N-Channel Enhancement Mode Avalanche Rated
IXTH96N25T IXYS-IXTH96N25T Datasheet
176Kb / 5P
   N-Channel Enhancement Mode Avalanche Rated
IXTH160N15T IXYS-IXTH160N15T Datasheet
130Kb / 5P
   N-Channel Enhancement Mode Avalanche Rated
IXTF200N10T IXYS-IXTF200N10T Datasheet
166Kb / 5P
   N-Channel Enhancement Mode Avalanche Rated
IXTL2X200N085T IXYS-IXTL2X200N085T Datasheet
71Kb / 2P
   N-Channel Enhancement Mode Avalanche Rated
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com