Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRFH7936PBF Datasheet(PDF) 9 Page - International Rectifier

Part # IRFH7936PBF
Description  Synchronous MOSFET for Notebook Processor Power
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRFH7936PBF Datasheet(HTML) 9 Page - International Rectifier

  IRFH7936PBF Datasheet HTML 1Page - International Rectifier IRFH7936PBF Datasheet HTML 2Page - International Rectifier IRFH7936PBF Datasheet HTML 3Page - International Rectifier IRFH7936PBF Datasheet HTML 4Page - International Rectifier IRFH7936PBF Datasheet HTML 5Page - International Rectifier IRFH7936PBF Datasheet HTML 6Page - International Rectifier IRFH7936PBF Datasheet HTML 7Page - International Rectifier IRFH7936PBF Datasheet HTML 8Page - International Rectifier IRFH7936PBF Datasheet HTML 9Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
IRFH7936PbF
www.irf.com © 2013 International Rectifier
August 16, 2013
9
Notes:
 Repetitive rating; pulse width limited by max. junction temperature.
‚ Starting TJ = 25°C, L = 0.22mH, RG = 25Ω, IAS = 16A.
ƒ Pulse width ≤ 400µs; duty cycle ≤ 2%.
„ Rthjc is guaranteed by design
… When mounted on 1 inch square 2 oz copper pad on 1.5x1.5 in. board of FR-4 material.
PQFN Tape and Reel
IR WORLD HEADQUARTERS: 101 N. Sepulveda Blvd., El Segundo, California 90245, USA
To contact International Rectifier, please visit http://www.irf.com/whoto-call/
Note: For the most current drawing please refer to IR website at http://www.irf.com/package/
Date
Comments
08/08/2013
•ÃUpdated the package drawing, on page 1.
•ÃUpdated the package outline drawing, on page 8.
•ÃThis drawing change is related to PCN "Hana-GTBF-GEM 5x6 PQFN
Public."
Revision History


Similar Part No. - IRFH7936PBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFH7936PBF IRF-IRFH7936PBF Datasheet
259Kb / 9P
   HEXFET Power MOSFET
IRFH7936PBF IRF-IRFH7936PBF Datasheet
295Kb / 9P
   Synchronous MOSFET for Notebook Processor Power
IRFH7936PBF IRF-IRFH7936PBF_15 Datasheet
295Kb / 9P
   Synchronous MOSFET for Notebook Processor Power
More results

Similar Description - IRFH7936PBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF7832TR IRF-IRF7832TR Datasheet
268Kb / 10P
   Synchronous MOSFET for Notebook Processor Power
IRF8252PBF IRF-IRF8252PBF_15 Datasheet
239Kb / 9P
   Synchronous MOSFET for Notebook Processor Power
IRF7832PBF IRF-IRF7832PBF_15 Datasheet
268Kb / 10P
   Synchronous MOSFET for Notebook Processor Power
IRF7842PBF IRF-IRF7842PBF_15 Datasheet
225Kb / 10P
   Synchronous MOSFET for Notebook Processor Power
IRF3717PBF-1 IRF-IRF3717PBF-1_15 Datasheet
258Kb / 10P
   Synchronous MOSFET for Notebook Processor Power
IRF7820PBF IRF-IRF7820PBF Datasheet
220Kb / 9P
   Synchronous MOSFET for Notebook Processor Power
IRF8736TRPBF IRF-IRF8736TRPBF Datasheet
253Kb / 9P
   Synchronous MOSFET for Notebook Processor Power
IRF7820TRPBF IRF-IRF7820TRPBF Datasheet
220Kb / 9P
   Synchronous MOSFET for Notebook Processor Power
IRF8113TRPBF IRF-IRF8113TRPBF Datasheet
272Kb / 10P
   Synchronous MOSFET for Notebook Processor Power
IRF3717TRPBF IRF-IRF3717TRPBF Datasheet
224Kb / 10P
   Synchronous MOSFET for Notebook Processor Power
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com