Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BZV55C7V5 Datasheet(PDF) 3 Page - Continental Device India Limited

Part # BZV55C7V5
Description  SILIICON PLANAR ZENER DIODES
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDIL [Continental Device India Limited]
Direct Link  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited

BZV55C7V5 Datasheet(HTML) 3 Page - Continental Device India Limited

  BZV55C7V5 Datasheet HTML 1Page - Continental Device India Limited BZV55C7V5 Datasheet HTML 2Page - Continental Device India Limited BZV55C7V5 Datasheet HTML 3Page - Continental Device India Limited BZV55C7V5 Datasheet HTML 4Page - Continental Device India Limited  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
SOD - 80C
Mini MELF (LL-34)
All Dimensions are in mm
SOD 80C (LL-34) Mini MELF Hermetically Sealed Glass Package
Drawings are not to scale
All Dimensions are in mm
All Dimensions are in mm
3.50
0.35
0.35
Cathode band
± 0.20
± 0.05
± 0.05
Identification Label
Part Number
Date Code
Quantity
10.4
±0.5
1.5
120°
180
2.0
1.4
180 mm (7")
2,500
Reel ø
No. of Device
8.4
Notes:
1. Maximum of 0.5% of the total number of components per
reel may be missing-exclusively at the beginning and at
the end of the reel.
2. A maximum of three consecutive components may be
missing, provided this gap is followed by six consecutive
components.
TAPE & REEL
De-reeling direction
2.5
0.3
MAX
ø1.6
ø1.4
2.0
±0.2
MAX
De-reeling direction
Tape leader/carrier leader
Carrier trailer
300mm (75 empty
160mm (40 empty
compartments)
compartments)
SOD-80C T&R
2.5K/reel
225 gm/2.5K pcs 9" x 9" x 9"
40K
18" x 12" x 10"
19" x 19" x 20"
80K
320K
7.2 kgs
28.8 kgs
PACKAGE
Net Weight/Qty
Details
STANDARD PACK
INNER CARTON BOX
Qty
OUTER CARTON BOX
Qty
Gr Wt
Size
Size
Packing Detail
Continental Device India Limited
Data Sheet
Page 2 of 3
BZV55C 3V6 to 75V
BZV55C3V6_75Rev_1 080402E


Similar Part No. - BZV55C7V5

ManufacturerPart #DatasheetDescription
logo
Compensated Deuices Inc...
BZV55C7V5 CDI-DIODE-BZV55C7V5 Datasheet
15Kb / 1P
   ZENER DIODES
logo
Kingtronics Internation...
BZV55C7V5 KINGTRONICS-BZV55C7V5 Datasheet
432Kb / 3P
   BZV55C-SERIES SILICON PLANAR ZENER DIODES
logo
Central Semiconductor C...
BZV55C7V5 CENTRAL-BZV55C7V5 Datasheet
81Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODE 0.5 WATT, 2.4 THRU 75 VOLTS 짹 5ANCE
logo
Microsemi Corporation
BZV55C7V5 MICROSEMI-BZV55C7V5 Datasheet
24Kb / 1P
   LEADLESS PACKAGE FOR SURFACE MOUNT
logo
EIC discrete Semiconduc...
BZV55C7V5 EIC-BZV55C7V5 Datasheet
43Kb / 2P
   ZENER DIODES
More results

Similar Description - BZV55C7V5

ManufacturerPart #DatasheetDescription
logo
Continental Device Indi...
CZMK3V3 CDIL-CZMK3V3 Datasheet
218Kb / 4P
   SILIICON PLANAR ZENER DIODES
BZX55C2V4 CDIL-BZX55C2V4 Datasheet
104Kb / 4P
   SILIICON PLANAR ZENER DIODES
BZM55C CDIL-BZM55C Datasheet
191Kb / 4P
   SILIICON PLANAR ZENER DIODES
BZX83C CDIL-BZX83C Datasheet
223Kb / 4P
   SILIICON PLANAR ZENER DIODES
CMBZ5229B CDIL-CMBZ5229B Datasheet
108Kb / 4P
   SILIICON PLANAR ZENER DIODES
CZMA3V9-47V CDIL-CZMA3V9-47V Datasheet
203Kb / 4P
   SILIICON PLANAR ZENER DIODES
CLL5227 CDIL-CLL5227 Datasheet
133Kb / 4P
   SILIICON PLANAR ZENER DIODES
CZMA3V9 CDIL-CZMA3V9 Datasheet
107Kb / 4P
   SILIICON PLANAR ZENER DIODES
logo
New Jersey Semi-Conduct...
BZX83C NJSEMI-BZX83C Datasheet
132Kb / 2P
   SILIICON PLANAR ZENER DIODES
logo
Continental Device Indi...
CZMK3V3-39V CDIL-CZMK3V3-39V Datasheet
312Kb / 4P
   SILIICON PLANAR ZENER DIODES
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com