Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CLD667A Datasheet(PDF) 1 Page - Continental Device India Limited

Part # CLD667A
Description  NPN SILICON PLANAR EPITAXIAL TRANSISTORS
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDIL [Continental Device India Limited]
Direct Link  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited

CLD667A Datasheet(HTML) 1 Page - Continental Device India Limited

  CLD667A Datasheet HTML 1Page - Continental Device India Limited CLD667A Datasheet HTML 2Page - Continental Device India Limited CLD667A Datasheet HTML 3Page - Continental Device India Limited CLD667A Datasheet HTML 4Page - Continental Device India Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
NPN SILICON PLANAR EPITAXIAL TRANSISTORS
CLD667, CLD667A
TO-92
Plastic Package
Low Frequency Power Amplifier
Complementary CLB647/CLB647A
ABSOLUTE MAXIMUM RATINGS (Ta=25ºC unless specified otherwise)
DESCRIPTION
SYMBOL
CLD667
Collector Base Voltage
VCBO
120
Collector Emitter Voltage
VCEO
80
Emitter Base Voltage
VEBO
Collector Current
IC
Collector Current Peak
ICP
Collector Power Dissipation
PC
Junction Temperature
Tj
Storage Temperature
Tstg
ABSOLUTE MAXIMUM RATINGS(Ta=25ºC unless specified otherwise)
DESCRIPTION
SYMBOL
TEST CONDITION
CLD667A
UNITS
Collector Base Voltage
VCBO
IC=10µA, IE=0
>120
V
Collector Emitter Voltage
VCEO
IC=1mA, IB=0
>100
V
Emitter Base Voltage
VEBO
IE=10µA, IC=0
>5.0
V
Collector Cut Off Current
ICBO
VCB=100V, IE = 0
<10
µA
*hFE
**VCE=5V, IC=150mA
60 - 200
**VCE=5V, IC=500mA
>30
Collector Emitter Saturation Voltage
VCE (sat)
**IC=500mA, IB=50mA
<1.0
V
Base Emitter on Voltage
VBE (on)
**VCE=5V, IC=150mA
<1.5
V
Transition Frequency
fT
**VCE=5V, IC=150mA
Typ 140
MHz
Collector Output Capacitance
COb
VCB=10V, IE=0, f=1MHz
Typ 12
pF
*hFE Classifications
CLD667
B : 60 - 120
C : 100 - 200
D : 160 - 320
CLD667A
B : 60 - 120
C : 100 - 200
**Pulse Test
CLD667_667A Rev111209E
- 55 to +150
ºC
>30
<1.0
<1.5
Typ 140
UNITS
V
V
V
A
W
A
DC Current Gain
CLD667
>120
>80
>5.0
<10
60 - 320
Typ 12
ºC
CLD667A
120
100
5.0
1.0
2.0
0.9
150
E C
B
Continental Device India Limited
Data Sheet
Page 1 of 4
Continental Device India Limited
An ISO/TS 16949, ISO 9001 and ISO 14001 Certified Company


Similar Part No. - CLD667A

ManufacturerPart #DatasheetDescription
logo
Sensortechnics GmbH
CLD SENSORTECHNICS-CLD Datasheet
58Kb / 3P
   Continuous Level Detection Sensors
logo
Raltron Electronics Cor...
CLD RALTRON-CLD Datasheet
56Kb / 3P
   CLOCK OSCILLATOR, LVDS, 3.3 VDC or 2.5VDC
logo
Tyco Electronics
CLD-51-20010 MACOM-CLD-51-20010 Datasheet
51Kb / 2P
   Delay on operate timing mode
CLD-51-20010 MACOM-CLD-51-20010 Datasheet
51Kb / 2P
   Compact Time Delay Relay
logo
Cree, Inc
CLD-AP147 CREE-CLD-AP147 Datasheet
1Mb / 12P
   Cree짰 XLamp짰 XH Family LEDs
More results

Similar Description - CLD667A

ManufacturerPart #DatasheetDescription
logo
Micro Electronics
MPS6512 MICRO-ELECTRONICS-MPS6512 Datasheet
179Kb / 2P
   NPN SILICON PLANAR EPITAXIAL TRANSISTORS
logo
SEMTECH ELECTRONICS LTD...
MPSA13 SEMTECH_ELEC-MPSA13 Datasheet
130Kb / 1P
   NPN Silicon Epitaxial Planar Transistors
logo
Rectron Semiconductor
BC546 RECTRON-BC546 Datasheet
93Kb / 3P
   NPN Silicon Planar Epitaxial Transistors
logo
Continental Device Indi...
MPSA42 CDIL-MPSA42 Datasheet
195Kb / 3P
   NPN EPITAXIAL PLANAR SILICON TRANSISTORS
MPS8098 CDIL-MPS8098 Datasheet
258Kb / 4P
   NPN SILICON PLANAR EPITAXIAL TRANSISTORS
BC549 CDIL-BC549 Datasheet
360Kb / 5P
   NPN SILICON PLANAR EPITAXIAL TRANSISTORS
CN652 CDIL-CN652 Datasheet
146Kb / 5P
   NPN SILICON PLANAR EPITAXIAL TRANSISTORS
MPS2222 CDIL-MPS2222 Datasheet
198Kb / 5P
   NPN SILICON PLANAR EPITAXIAL TRANSISTORS
BC300 CDIL-BC300 Datasheet
133Kb / 3P
   NPN EPITAXIAL PLANAR SILICON TRANSISTORS
logo
First Components Intern...
BC847 FCI-BC847 Datasheet
146Kb / 1P
   NPN Silicon Planar Epitaxial Transistors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com