Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRF630S Datasheet(PDF) 3 Page - Vishay Siliconix

Part # IRF630S
Description  Power MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

IRF630S Datasheet(HTML) 3 Page - Vishay Siliconix

  IRF630S Datasheet HTML 1Page - Vishay Siliconix IRF630S Datasheet HTML 2Page - Vishay Siliconix IRF630S Datasheet HTML 3Page - Vishay Siliconix IRF630S Datasheet HTML 4Page - Vishay Siliconix IRF630S Datasheet HTML 5Page - Vishay Siliconix IRF630S Datasheet HTML 6Page - Vishay Siliconix IRF630S Datasheet HTML 7Page - Vishay Siliconix IRF630S Datasheet HTML 8Page - Vishay Siliconix IRF630S Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
Document Number: 91032
www.vishay.com
S11-1047-Rev. C, 30-May-11
3
This document is subject to change without notice.
THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
IRF630S, SiHF630S
Vishay Siliconix
Notes
a. Repetitive rating; pulse width limited by maximum junction temperature (see fig. 11).
b. Pulse width
 300 μs; duty cycle  2 %.
c. When mounted on 1" square PCB (FR-4 or G-10 material).
TYPICAL CHARACTERISTICS (25 °C, unless otherwise noted)
Fig. 1 - Typical Output Characteristics, TC = 25 °C
Fig. 2 - Typical Output Characteristics, TC = 150 °C
Drain-Source Body Diode Characteristics
Continuous Source-Drain Diode Current
IS
MOSFET symbol
showing the
integral reverse
p - n junction diode
--
9.0
A
Pulsed Diode Forward Currenta
ISM
--
36
Body Diode Voltage
VSD
TJ = 25 °C, IS = 9.0 A, VGS = 0 Vb
--
2.0
V
Body Diode Reverse Recovery Time
trr
TJ = 25 °C, IF = 5.9 A,
dI/dt = 100 A/μsb
-
170
340
ns
Body Diode Reverse Recovery Charge
Qrr
-1.1
2.2
μC
Forward Turn-On Time
ton
Intrinsic turn-on time is negligible (turn-on is dominated by LS and LD)
SPECIFICATIONS (TJ = 25 °C, unless otherwise noted)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN.
TYP.
MAX.
UNIT
S
D
G
91032_01
Bottom
Top
V
GS
15 V
10 V
8.0 V
7.0 V
6.0 V
5.5 V
5.0 V
4.5 V
20 µs Pulse Width
T
C = 25 °C
4.5 V
VDS, Drain-to-Source Voltage (V)
100
101
101
100
10-1
10-1
101
100
10-1
100
101
VDS, Drain-to-Source Voltage (V)
Bottom
Top
V
GS
15 V
10 V
8.0 V
7.0 V
6.0 V
5.5 V
5.0 V
4.5 V
20 µs Pulse Width
T
C = 150 °C
91032_02
4.5 V
10-1


Similar Part No. - IRF630S

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
IRF630S PHILIPS-IRF630S Datasheet
97Kb / 9P
   N-channel TrenchMOS transistor
August 1999 Rev 1.100
logo
STMicroelectronics
IRF630S STMICROELECTRONICS-IRF630S Datasheet
85Kb / 8P
   N - CHANNEL 200V - 0.35ohm - 9A - D2PAK MESH OVERLAY] MOSFET
logo
TRANSYS Electronics Lim...
IRF630S TEL-IRF630S Datasheet
142Kb / 1P
   Power MOSFET
logo
Guangdong Kexin Industr...
IRF630S KEXIN-IRF630S Datasheet
1Mb / 4P
   N-Channel MOSFET
logo
New Jersey Semi-Conduct...
IRF630S NJSEMI-IRF630S Datasheet
923Kb / 3P
   N-channel TrenchMOS transistor
More results

Similar Description - IRF630S

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTP35N15G ONSEMI-NTP35N15G Datasheet
161Kb / 7P
   Power MOSFET Power MOSFET
May, 2010 ??Rev. 4
NTMS4937N ONSEMI-NTMS4937N Datasheet
142Kb / 5P
   Power MOSFET Power MOSFET
September, 2009 ??Rev. 0
logo
Fuji Electric
2SK2052-R FUJI-2SK2052-R Datasheet
146Kb / 10P
   Power MOSFET
2SK2100-01MR FUJI-2SK2100-01MR Datasheet
159Kb / 11P
   Power MOSFET
2SK1390-R FUJI-2SK1390-R Datasheet
341Kb / 10P
   Power MOSFET
2SK2849-01L FUJI-2SK2849-01L Datasheet
224Kb / 12P
   Power MOSFET
logo
International Rectifier
IRLIZ44N IRF-IRLIZ44N Datasheet
105Kb / 8P
   Power MOSFET
logo
Fuji Electric
2SK3523-01R FUJI-2SK3523-01R Datasheet
356Kb / 19P
   POWER MOSFET
2SK903 FUJI-2SK903 Datasheet
161Kb / 10P
   POWER MOSFET
logo
Torex Semiconductor
XP135A1145SR TOREX-XP135A1145SR Datasheet
66Kb / 5P
   POWER MOSFET
logo
List of Unclassifed Man...
CMT10N40 ETC1-CMT10N40 Datasheet
158Kb / 5P
   POWER MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com