Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ILSB0805ER2R2K Datasheet(PDF) 1 Page - Vishay Siliconix

Part # ILSB0805ER2R2K
Description  Monolithic Chip Inductors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

ILSB0805ER2R2K Datasheet(HTML) 1 Page - Vishay Siliconix

  ILSB0805ER2R2K Datasheet HTML 1Page - Vishay Siliconix ILSB0805ER2R2K Datasheet HTML 2Page - Vishay Siliconix ILSB0805ER2R2K Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Document Number: 34028
For technical questions, contact: magnetics@vishay.com
www.vishay.com
Revision: 23-Feb-11
1
Monolithic Chip Inductors
ILSB-0805
Vishay Dale
MECHANICAL SPECIFICATIONS
Solderability: 90 % coverage after 5 s dip in 235 °C solder
following 60 s preheat at 120 °C to 150 °C and type R flux dip
Resistance to Solder Heat: 10 s in 260 °C solder, after
preheat and flux per above
Termination: 100 % Sn
Terminal Strength: 0.6 kg for 30 s
Beam Strength: 1.0 kg
FEATURES
• High reliability
• Surface mountable
• Magnetically self shielded
• Nickel barrier plating virtuallly eliminates silver
migration
• Compliant to RoHS Directive 2002/95/EC
• Halogen-free according to IEC 61249-2-21
definition
ENVIRONMENTAL SPECIFICATIONS
Operating Temperature: - 55 °C to + 125 °C
Thermal Shock: - 40 °C to + 85 °C
Humidity: 90 % RH at 40 °C, 1000 h at full rated current
Load Life: 85 °C for 1000 h at full rated current
STANDARD ELECTRICAL SPECIFICATIONS
IND.
AT ± 10 %
(μH)
TOL.
THICKNESS “D”
(INCHES [mm])
TEST FREQ.
(MHz)
Q
MIN.
SRF MIN.
(MHz)
DCR
MAX.
(
)
RATED
DC CURRENT
(mA)
L & Q
0.047
20 %
0.035 ± 0.008 [0.90 ± 0.2]
50
15
320
0.20
300
0.056
20 %
0.035 ± 0.008 [0.90 ± 0.2]
50
15
300
0.20
300
0.068
20 %
0.035 ± 0.008 [0.90 ± 0.2]
50
15
280
0.20
300
0.082
20 %
0.035 ± 0.008 [0.90 ± 0.2]
50
15
255
0.20
300
0.10
10 %
0.035 ± 0.008 [0.90 ± 0.2]
25
20
279
0.30
250
0.12
10 %
0.035 ± 0.008 [0.90 ± 0.2]
25
20
253
0.30
250
0.15
10 %
0.035 ± 0.008 [0.90 ± 0.2]
25
20
230
0.40
250
0.18
10 %
0.035 ± 0.008 [0.90 ± 0.2]
25
20
213
0.40
250
0.22
10 %
0.035 ± 0.008 [0.90 ± 0.2]
25
20
196
0.50
250
0.27
10 %
0.035 ± 0.008 [0.90 ± 0.2]
25
20
173
0.50
250
0.33
10 %
0.035 ± 0.008 [0.90 ± 0.2]
25
20
167
0.55
250
0.39
10 %
0.035 ± 0.008 [0.90 ± 0.2]
25
25
156
0.65
200
0.47
10 %
0.035 ± 0.008 [0.90 ± 0.2]
25
25
144
0.65
200
0.56
10 %
0.035 ± 0.008 [0.90 ± 0.2]
25
25
133
0.75
150
0.68
10 %
0.035 ± 0.008 [0.90 ± 0.2]
25
25
121
0.80
150
0.82
10 %
0.035 ± 0.008 [0.90 ± 0.2]
25
25
115
1.00
150
1.0
10 %
0.035 ± 0.008 [0.90 ± 0.2]
10
45
87
0.40
50
1.2
10 %
0.035 ± 0.008 [0.90 ± 0.2]
10
45
75
0.50
50
1.5
10 %
0.035 ± 0.008 [0.90 ± 0.2]
10
45
69
0.50
50
1.8
10 %
0.035 ± 0.008 [0.90 ± 0.2]
10
45
64
0.60
50
2.2
10 %
0.035 ± 0.008 [0.90 ± 0.2]
10
45
58
0.65
30
2.7
10 %
0.049 ± 0.008 [1.25 ± 0.2]
10
45
52
0.75
30
3.3
10 %
0.049 ± 0.008 [1.25 ± 0.2]
10
45
48
0.80
30
3.9
10 %
0.049 ± 0.008 [1.25 ± 0.2]
10
45
44
0.90
30
4.7
10 %
0.049 ± 0.008 [1.25 ± 0.2]
10
45
41
1.00
30
5.6
10 %
0.049 ± 0.008 [1.25 ± 0.2]
4
45
37
0.90
15
6.8
10 %
0.049 ± 0.008 [1.25 ± 0.2]
4
45
34
1.00
15
8.2
10 %
0.049 ± 0.008 [1.25 ± 0.2]
4
45
30
1.10
15
10
10 %
0.049 ± 0.008 [1.25 ± 0.2]
2
50
28
1.15
15
12
10 %
0.049 ± 0.008 [1.25 ± 0.2]
2
50
26
1.25
15
15
10 %
0.049 ± 0.008 [1.25 ± 0.2]
1
30
22
0.80
5
18
10 %
0.049 ± 0.008 [1.25 ± 0.2]
1
30
21
0.90
5
22
10 %
0.049 ± 0.008 [1.25 ± 0.2]
1
30
19
1.10
5
27
10 %
0.049 ± 0.008 [1.25 ± 0.2]
1
30
17
1.15
5
33
10 %
0.049 ± 0.008 [1.25 ± 0.2]
0.4
30
13
1.25
5
DESCRIPTION
ILSB-0805
3.3 μH
± 10 %
ER
e3
MODEL
INDUCTANCE VALUE
INDUCTANCE TOLERANCE
PACKAGE CODE
JEDEC LEAD (Pb)-FREE STANDARD
GLOBAL PART NUMBER
I
L
S
B
0
805
E
R
3
R
3
K
PRODUCT FAMILY
SIZE
PACKAGE
CODE
INDUCTANCE
VALUE
TOL.


Similar Part No. - ILSB0805ER2R2K

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
ILSB0805ER3R3K VISHAY-ILSB0805ER3R3K Datasheet
91Kb / 3P
   Monolithic Chip Inductors
ILSB0805ER3R3K VISHAY-ILSB0805ER3R3K Datasheet
76Kb / 3P
   Monolithic Chip Inductors
01-Jan-2022
More results

Similar Description - ILSB0805ER2R2K

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
ILSB-0805 VISHAY-ILSB-0805_07 Datasheet
92Kb / 3P
   Monolithic Chip Inductors
Revision: 01-Mar-07
ILSB-1206 VISHAY-ILSB-1206_V01 Datasheet
71Kb / 3P
   Monolithic Chip Inductors
01-Jan-2022
ILSB1206 VISHAY-ILSB1206 Datasheet
97Kb / 2P
   Monolithic Chip Inductors
Revision 28-Aug-02
ILSB-0603 VISHAY-ILSB-0603_17 Datasheet
94Kb / 3P
   Monolithic Chip Inductors
Revision: 10-Jun-15
ILSB-0603 VISHAY-ILSB-0603_V01 Datasheet
77Kb / 3P
   Monolithic Chip Inductors
01-Jan-2022
ILSB-0805 VISHAY-ILSB-0805 Datasheet
184Kb / 3P
   Monolithic Chip Inductors
Revision 17-Jan-06
ILSB-1206 VISHAY-ILSB-1206 Datasheet
113Kb / 3P
   Monolithic Chip Inductors
Revision: 19-Jun-06
ILSB-0603 VISHAY-ILSB-0603_06 Datasheet
115Kb / 3P
   Monolithic Chip Inductors
Revision: 19-Jun-06
ILSB-0805 VISHAY-ILSB-0805_17 Datasheet
93Kb / 3P
   Monolithic Chip Inductors
Revision: 10-Jun-15
ILSB-0805 VISHAY-ILSB-0805_V01 Datasheet
76Kb / 3P
   Monolithic Chip Inductors
01-Jan-2022
ILSB-0603 VISHAY-ILSB-0603 Datasheet
100Kb / 2P
   Monolithic Chip Inductors
Revision 28-Aug-02
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com