Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CMDA19DR7D1S Datasheet(PDF) 1 Page - Visual Communications Company

Part # CMDA19DR7D1S
Description  Size Low Profile Surface Mount LED
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VCC [Visual Communications Company]
Direct Link  http://vcclite.com
Logo VCC - Visual Communications Company

CMDA19DR7D1S Datasheet(HTML) 1 Page - Visual Communications Company

  CMDA19DR7D1S Datasheet HTML 1Page - Visual Communications Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
engineered to light up your design
www.vcclite.com
1.800.522.5546
CML and Chicago Miniature Lamp are registered trademarks of Visual Communications Company, LLC.
CMDA19 Series 0603 Package Size Low Profile Surface Mount LED
Description and Features
Electro-Optical Characteristics and Ratings
Absolute Maximum Ratings to = 25
°C
Features
• Small size
• Industry standard 0603
Footprint
• Compatible with IR solder
profiles
• Ideal for use with Light
Pipes
• Diffused optics
• Top emitting
• Available in 8 mm tape on
7" diameter reels
• Packaged 4,000 pieces
per reel
Applications
• Keypad backlighting
• Push-button
backlighting
• LCD backlighting
• Symbol backlighting
• Front panel indicator
The model numbers listed above are standard off the shelf parts. For the user who may have a requirement calling for
various color/electrical specifications, a part number can be determined by calling the factory.
NOTES:
1. All dimensions are in millimeters (in).
2. 1 micro second @ 10% duty cycle
Part
Output
Diffusion
Package
Test
Forward
Forward
Luminous
Luminous
Peak
Viewing
Number
Color
Color
Current
Voltage
Voltage
Intensity
Intensity
Wavelength
Angle
(mA)
Typ. (V)
Max. Typ. (V) Min. (mcd)
Typ. (mcd)
(nm)
(Degrees)
CMDA19AY7D1S
Green
Diffused
Clear
20
2.2
2.6
4.0
15
570
170
CMDA19CY7D1S
Yellow
Diffused
Clear
20
2.1
2.6
2.5
8
589
170
CMDA19AA7D1S Orange
Diffused
Clear
20
2.2
2.6
2.5
8
605
170
CMDA19BR7D1S HE Red
Diffused
Clear
20
2.1
2.6
2.5
10
630
170
CMDA19DR7D1S
Red
Diffused
Clear
20
1.8
2.6
6.3
17
660
170
Part
Power
Operating
Storage
Peak Forward
Reverse Voltage
Lead Solder Time
Number
Dissipation
Temperature
Temperature
Current Max.
(IR = 100 mA)
at 230
°C
(mW)
(
°C)
(
°C)
(See note 2) (mA)
(V)
(Seconds)
AY
52
-30 to +85
-40 to +85
100
5
10
CY
52
-30 to +85
-40 to +85
100
5
10
AA
52
-30 to +85
-40 to +85
100
5
10
BR
52
-30 to +85
-40 to +85
100
5
10
DR
65
-30 to +85
-40 to +85
100
5
10


Similar Part No. - CMDA19DR7D1S

ManufacturerPart #DatasheetDescription
logo
Visual Communications C...
CMDA2 VCC-CMDA2 Datasheet
571Kb / 1P
   Surface Mount LED
CMDA20 VCC-CMDA20 Datasheet
748Kb / 1P
   Bicolor Surface Mount LED
CMDA20AYAA7D1S VCC-CMDA20AYAA7D1S Datasheet
748Kb / 1P
   Bicolor Surface Mount LED
CMDA20AYBR7D1S VCC-CMDA20AYBR7D1S Datasheet
748Kb / 1P
   Bicolor Surface Mount LED
CMDA20AYCY7D1S VCC-CMDA20AYCY7D1S Datasheet
748Kb / 1P
   Bicolor Surface Mount LED
More results

Similar Description - CMDA19DR7D1S

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ABLSX ABRACON-ABLSX Datasheet
544Kb / 1P
   LOW PROFILE SURFACE MOUNT
logo
Sangdest Microelectroni...
TPK07KPXX SMC-TPK07KPXX Datasheet
209Kb / 5P
   Low profile surface mount
logo
DOMINANT Semiconductors
DDX-GJS-I1 DOMINANT-DDX-GJS-I1 Datasheet
778Kb / 13P
   Low current surface mount LED
logo
Nais(Matsushita Electri...
TQ-SMD NAIS-TQ-SMD Datasheet
107Kb / 5P
   LOW-PROFILE SURFACE-MOUNT RELAY
logo
Bi technologies
HM77 BITECH-HM77 Datasheet
651Kb / 2P
   Low Profile Surface Mount Inductors
logo
TT Electronics.
HM77 TTELEC-HM77 Datasheet
897Kb / 2P
   Low Profile Surface Mount Inductors
logo
Bi technologies
HM77 BITECH-HM77_15 Datasheet
883Kb / 2P
   Low Profile Surface Mount Inductors
logo
Advanced Crystal Techno...
ACT9300 ACT-ACT9300 Datasheet
140Kb / 2P
   miniature low profile Surface Mount
29/07/2006
logo
ALPS ELECTRIC CO.,LTD.
SKSH ALPS-SKSH Datasheet
779Kb / 3P
   Low-profile (Surface Mount Type)
logo
Kemet Corporation
T491 KEMET-T491 Datasheet
402Kb / 20P
   LOW PROFILE SURFACE MOUNT CAPACITORS
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com