Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CMD93-22VGC Datasheet(PDF) 1 Page - Visual Communications Company

Part # CMD93-22VGC
Description  SMT LEDs
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VCC [Visual Communications Company]
Direct Link  http://vcclite.com
Logo VCC - Visual Communications Company

CMD93-22VGC Datasheet(HTML) 1 Page - Visual Communications Company

  CMD93-22VGC Datasheet HTML 1Page - Visual Communications Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
engineered to light up your design
www.vcclite.com
1.800.522.5546
CML and Chicago Miniature Lamp are registered trademarks of Visual Communications Company, LLC.
CMD93-21 & 22 Series SMT LEDs
Description and Features
Electro-Optical Characteristics
P art Number
C olor
E mitted
Luminous Intensity Forward Voltage
(nm)
Wavelength
P eak
(mA)
C urrent
R ated
(mcd)
Min.
(mcd)
T yp.
(V)
T yp.
(V)
Max.
C MD93-21VG C /TR 8
C MD93-21VY C /TR 8
C MD93-21VR C /T R 8
C MD93-21S R C /T R 8
C MD93-22VG C /TR 8
C MD93-22S R VG C /TR 8
C MD93-22S R UG C /TR 8
G reen
Y ellow
R ed
R ed
R ed
G reen
R ed
G reen
R ed
G reen
15.0
7.0
7.0
25.0
7.0
12.0
24.0
12.0
24.0
13.5
25.0
12.0
12.0
40.0
12.0
20.0
40.0
20.0
40.0
20.0
20
20
20
20
20
20
20
20
20
20
2.1
2.0
2.0
1.7
2.0
2.1
1.7
2.1
1.7
2.1
2.8
2.8
2.8
2.4
2.8
2.8
2.4
2.8
2.4
2.8
570
585
640
660
640
570
660
570
660
565
Lens
C olor
C lear
C lear
C lear
C lear
C lear
C lear
C lear
C lear
C lear
C lear
P ackage
Type
S ingle
S ingle
S ingle
S ingle
Dual
Dual
Dual
Dual
Dual
Dual
(degrees)
Angle
View
130
130
130
130
125
125
125
125
125
125
Absolute Maximum Ratings
Surface Mount Technology
• Tape and reel packaged for high-speed
autoinsertion.
• Convection and vapor-phase reflow compatible.
• Compact form enables high density placement.
• 93-21 2000 pieces per reel
• 93-22 1000 pieces per reel
Leading Edge LED Optoelectronic Performance
• Consistent high brightness.
• Bi-color available.
• Gull wing lead form.
Exceptional Reliability
• Stringent process controls assure quality.
• Extensive qualification testing to meet strictest
requirements.
• Designed to permit easy post-reflow solder joint
inspection.
Green
Yellow
Red
Units
Power Dissipation.........................................................105.......................105....................100...........................mW
Storage Temperature..............................................-25 to +90.............-25 to +90..........-25 to +90........................°C
Operating Temperature...........................................-25 to +80.............-25 to +80..........-25 to +80........................°C
Peak Forward Current (1μs @ 10% duty cycle)...........150.......................150...................150.............................mA
Reverse Voltage (IR=100μA)........................................5.0........................5.0....................5.0................................V
Lead Solder Time @ 260°C..........................................10..........................5.......................5.......................Seconds
Forward Current............................................................25.........................30.....................30..............................mA
0.40
0.12
±0.07
0.26
1.50
±0.10
0.40
3.00
±0.10
4.60
±0.10
ANODE
0.29
1.80
0.12
±0.07
0.50
4.50
±0.10
2.70
±0.10
3.40
±0.10
1.50
±0.10
CMD93-22
CMD93-21
VG,VY,VR
SR
SR
VG,UG
VG
VR
All dimensions in mm.


Similar Part No. - CMD93-22VGC

ManufacturerPart #DatasheetDescription
logo
Chicago Miniature Lamp,...
CMD93-22VGC/TR8 CML-CMD93-22VGC/TR8 Datasheet
76Kb / 1P
   SMT LEDs Tape and reel packaged for high-speed autoinsertion.
More results

Similar Description - CMD93-22VGC

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLXH1102 TOSHIBA-TLXH1102 Datasheet
292Kb / 6P
   SMT LEDs
logo
Visual Communications C...
CMD91-21 VCC-CMD91-21 Datasheet
741Kb / 1P
   SMT LEDs
CMD67-22 VCC-CMD67-22 Datasheet
582Kb / 1P
   SMT LEDs
logo
Gilway Technical Lamp
430NM GILWAY-430NM Datasheet
1Mb / 9P
   SMT LEDs
logo
Visual Communications C...
CMD28-21 VCC-CMD28-21 Datasheet
662Kb / 1P
   SMT LEDs
CMD67-21 VCC-CMD67-21 Datasheet
613Kb / 1P
   SMT LEDs
7018X VCC-7018X Datasheet
589Kb / 1P
   Bicolor SMT LEDs
CMD67-21UWC VCC-CMD67-21UWC Datasheet
543Kb / 1P
   White SMT LEDs
7016X VCC-7016X Datasheet
827Kb / 1P
   Bicolor SMT LEDs
7011X VCC-7011X Datasheet
627Kb / 1P
   Bicolor SMT LEDs
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com