Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CMC-441 Datasheet(PDF) 1 Page - Visual Communications Company

Part # CMC-441
Description  THREADED FRESNEL LENS 5MM ROUND STANDARD
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VCC [Visual Communications Company]
Direct Link  http://vcclite.com
Logo VCC - Visual Communications Company

CMC-441 Datasheet(HTML) 1 Page - Visual Communications Company

  CMC-441 Datasheet HTML 1Page - Visual Communications Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
.307
7.8mm
MODEL
ORDERING CODE :
CMC 441 XXX
DESCRIPTION
4.
DATE
ECN#
INITIALS
Panel thickness .031 [.8mm] to .125 [3.18mm]. Panel hole should be deburred, but not
SEE NOTES
REVISIONS
U.S. & Foreign Pat. Issued & Pend.
SEE NOTES
Retaining ring - Thermoplastic, U.L. 94 V0 Rated
Lock Washer- FH Steel, Nickel plate
3.
MATERIAL: Lens-Polycarbonate, UL 94-V2
card is inserted into the case.
retaining ring. PCB mounted LEDs slide into lens when the panel cover is closed or the PCB
2.
ASSEMBLY: Insert lens through panel hole, slide lock washer onto lens barrel and twist on
001
REVISED PER ECR111009AZ01
4-23-10
SMU
REV.
1.
chamfered.
NOTES:
MOUNTING: Mounts in a
.312 .002 [
7.92mm .05] panel hole on .500 [12.7mm] centers.
LENS COLOR
RTP
RED TRANSPARENT
ATP
AMBER TRANSPARENT
GTP
GREEN TRANSPARENT
BTP
BLUE TRANSPARENT
YTP
YELLOW TRANSPARENT
CTP
CLEAR TRANSPARENT
4-23-10
CMC 441 XXX
D
C
B
A
A
B
C
D
1
2
3
4
5
6
7
8
8
7
6
5
4
3
2
4-23-10
SMU
DZ
THREADED FRESNEL LENS
VISUAL COMMUNICATIONS COMPANY, INC. ANY
BREAK ALL CORNERS AND SHARP
PROHIBITED.
DRAWN:
CHECKED:
TITLE:
B
DWG. NO.
SCALE: 4:1
REV
DO NOT SCALE DRAWING
SIZE
MATERIAL
PROPRIETARY AND CONFIDENTIAL
THIRD ANGLE PROJECTION
THE INFORMATION CONTAINED IN THIS
VISUAL COMMUNICATIONS COMPANY, INC IS
Phone (760) 560-1300 Fax (760) 560-1301 email vccsales@vcclite.com
DATE
FINISH
VISUAL COMMUNICATIONS COMPANY, INC.
190 Bosstick Boulevard, Suite101 San Marcos, CA 92069 USA
APPROVAL
DRAWING IS THE SOLE PROPERTY OF
EDGES .030 MAX
WITHOUT THE WRITTEN PERMISSION OF
REPRODUCTION IN PART OR AS A WHOLE
SHEET 1 OF 1
1
UNLESS OTHERWISE SPECIFIED
DIMENSIONS ARE IN INCHES:
ANGLES
DECIMALS
1'
. X
.020
.XX
.010
FINISH
.XXX
.005
5MM ROUND STANDARD
001
.370
9.4mm
RING
WASHER
PANEL
LED
DISPLAY
LENS
LOCK
RETAINING
PCB
ASSEMBLY
LOCK
WASHER
RETAINING
RING
8.74mm
.344
8.38mm
.330
±.003
10.97mm
0.86mm±0.08
.430
10.93mm
.150
3.81mm
.432
.295
7.49mm
.430
10.92mm
.034
.016
0.41mm


Similar Part No. - CMC-441

ManufacturerPart #DatasheetDescription
logo
CUI INC
CMC-4012-40P CUI-CMC-4012-40P Datasheet
575Kb / 4P
   ELECTRET CONDENSER MICROPHONE
logo
CUI Devices
CMC-4012-40P CUID-CMC-4012-40P Datasheet
598Kb / 4P
   ELECTRET CONDENSER MICROPHONE
08/05/2022
logo
CUI INC
CMC-4013-2-SMT-TR CUI-CMC-4013-2-SMT-TR Datasheet
1Mb / 4P
   ELECTRET CONDENSER MICROPHONE
04/23/2021
logo
CUI Devices
CMC-4013-2-SMT-TR CUID-CMC-4013-2-SMT-TR Datasheet
770Kb / 4P
   ELECTRET CONDENSER MICROPHONE
08/05/2022
logo
CUI INC
CMC-4013-SMT-TR CUI-CMC-4013-SMT-TR Datasheet
581Kb / 5P
   ELECTRET CONDENSER MICROPHONE
More results

Similar Description - CMC-441

ManufacturerPart #DatasheetDescription
logo
Visual Communications C...
CMC441RTP VCC-CMC441RTP Datasheet
88Kb / 1P
   5MM ROUND STANDARD THREADED FRESNEL LENS
CMS442RTP VCC-CMS442RTP Datasheet
88Kb / 1P
   5MM ROUND STANDARD THREADED FRESNEL LENS WITH SEAL
CMS-442 VCC-CMS-442 Datasheet
88Kb / 1P
   WITH SEAL 5MM ROUND STANDARD THREADED FRESNEL LENS
CMS444RTP VCC-CMS444RTP Datasheet
87Kb / 1P
   5MM ROUND STANDARD THREADED FRESNEL LENS WITH SEAL
CLF-280 VCC-CLF-280 Datasheet
90Kb / 1P
   HEIGHT FRESNEL LENS 5MM ROUND STANDARD
CLF280RTP VCC-CLF280RTP Datasheet
90Kb / 1P
   5MM ROUND STANDARD HEIGHT FRESNEL LENS
CMC-321 VCC-CMC-321 Datasheet
76Kb / 1P
   LOW PROFILE LENS 5MM ROUND FRESNEL
CMC321RTP VCC-CMC321RTP Datasheet
76Kb / 1P
   5MM ROUND FRESNEL LOW PROFILE LENS
HMC-461 VCC-HMC-461 Datasheet
93Kb / 1P
   10MM ROUND STANDARD FRESNEL LENS
CLB-300 VCC-CLB-300 Datasheet
82Kb / 1P
   PROFILE FRESNEL LENS 5MM ROUND LOW
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com