Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CMA-7512-12 Datasheet(PDF) 1 Page - Visual Communications Company

Part # CMA-7512-12
Description  Aircraft Navigation and Anticollision Lamps
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VCC [Visual Communications Company]
Direct Link  http://vcclite.com
Logo VCC - Visual Communications Company

CMA-7512-12 Datasheet(HTML) 1 Page - Visual Communications Company

  CMA-7512-12 Datasheet HTML 1Page - Visual Communications Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
engineered to light up your design
www.vcclite.com
1.800.522.5546
CML and Chicago Miniature Lamp are registered trademarks of Visual Communications Company, LLC.
Aircraft Navigation and Anticollision Lamps
MS 25309
300
300
GG 10
GG 10
21.0
26.0
14.0
14.0
C M1512
C MA -7512-12
P art
Number
Des ign
Voltage
G lobe
T ype
A verage
L ife (hrs )
L ight
Dis tribution
P er
C M16870
C MA -7079B -24
C MA -7796A -24*
C M11631
C M626**
C MA -4174-24
C MA -4174-24X**
28.0
28.0
6.2
6.2
28.0
28.0
6.2
40.0
40.0
40.0
40.0
14/40
40.0
40.0
GG 12B
GG 12B
GG 12B
GG 12B
GG 12A
GG 12A
GG 12A
300
300
300
300
300/150
150
150
MS 24513
MS 24513
MS 24513
MS 24513
MS 25338
MS 25338
C
C
C onfiguration
B
B
B
B
A
A
A
Des ign
Wattage
MS 25309
300
300
GG 10
GG 10
21.0
26.0
28.0
28.0
C M1524
C MA -7512-24
C M628
26.5
26.0
GG 10
300
C
C
C
* Dual
F ilament
Lamp
** Lamp is
produced
with a
nickel
center
contact
A
B
C
MAX.
.603
MAX.
1.812
MAX.
1.34
MAX.
1.60
MAX.
1.60
MAX.
2.188
MAX.
.603
MAX.
2.050
MAX.
.603
Description and Features
These unique lamps are purpose built to provide
the high light output and specified light distribution
patterns required in both commercial and private
aircraft. These high quality lamps feature unsur-
passed durability and consistency for today's
demanding aircraft requirements. All lamps carry
the Federal Aviation Administration's (FAA) Parts
Manufacturer Approval (PMA) providing installation
eligibility on all applicable aircraft.


Similar Part No. - CMA-7512-12

ManufacturerPart #DatasheetDescription
logo
Chicago Miniature Lamp,...
CMA-7512-12 CML-CMA-7512-12 Datasheet
229Kb / 1P
   Aircraft Navigation and Anticollision Lamps
More results

Similar Description - CMA-7512-12

ManufacturerPart #DatasheetDescription
logo
Chicago Miniature Lamp,...
CM16870 CML-CM16870 Datasheet
229Kb / 1P
   Aircraft Navigation and Anticollision Lamps
logo
ITT Industries
FRF ITT-FRF Datasheet
80Kb / 1P
   Circular Commercial Aircraft Military Aircraft
logo
Suntsu Electronics, Inc...
SATPA-18F18F4A-GPB9 SUNTSU-SATPA-18F18F4A-GPB9 Datasheet
599Kb / 3P
   Satellite Navigation And Tracking Systems
logo
List of Unclassifed Man...
NAS1149 ETC2-NAS1149 Datasheet
868Kb / 2P
   Washers Aircraft
logo
Suntsu Electronics, Inc...
SATPA-25A25A4A-GPB7 SUNTSU-SATPA-25A25A4A-GPB7 Datasheet
735Kb / 3P
   Satellite Navigation And Tracking Systems
SATPA-15A15A4A-GPB8 SUNTSU-SATPA-15A15A4A-GPB8 Datasheet
308Kb / 3P
   Satellite Navigation And Tracking Systems
SATPA-15A15A4A-GPB7 SUNTSU-SATPA-15A15A4A-GPB7 Datasheet
1Mb / 3P
   Satellite Navigation And Tracking Systems
logo
OSRAM GmbH
LWA67C OSRAM-LWA67C_17 Datasheet
428Kb / 23P
   Aircraft Interior Lighting
logo
Schneider Electric
PM2200 SCHNEIDER-PM2200 Datasheet
1Mb / 96P
   Self guided LCD display and navigation
05/2022
logo
ETAL Group
4930-01 ETAL-4930-01 Datasheet
202Kb / 4P
   Aircraft electrical systems and equipment, and other high performance applications
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com