Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PJ-24V50WLNA Datasheet(PDF) 3 Page - Delta Electronics, Inc.

Part # PJ-24V50WLNA
Description  PJ Open Frame Power Supply
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

PJ-24V50WLNA Datasheet(HTML) 3 Page - Delta Electronics, Inc.

  PJ-24V50WLNA Datasheet HTML 1Page - Delta Electronics, Inc. PJ-24V50WLNA Datasheet HTML 2Page - Delta Electronics, Inc. PJ-24V50WLNA Datasheet HTML 3Page - Delta Electronics, Inc. PJ-24V50WLNA Datasheet HTML 4Page - Delta Electronics, Inc. PJ-24V50WLNA Datasheet HTML 5Page - Delta Electronics, Inc. PJ-24V50WLNA Datasheet HTML 6Page - Delta Electronics, Inc. PJ-24V50WLNA Datasheet HTML 7Page - Delta Electronics, Inc. PJ-24V50WLNA Datasheet HTML 8Page - Delta Electronics, Inc. PJ-24V50WLNA Datasheet HTML 9Page - Delta Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
TECHNICAL DATASHEET
PJ Open Frame Power Supply
24V 50W 1 Phase / PJ-24V50W
NA
All parameters are specified at 25°C ambient unless otherwise noted.
www.DeltaPSU.com (May 2013, Rev. 01)
3
Environment
Surrounding Air Temperature
Operating
-10°C to +70°C
Storage
-25°C to +75°C
Power De-rating
Mounting Orientation A
> 50°C de-rate power by 2.5% / °C
< 90Vac de-rate power by 2% / V
Operating Humidity
20-90% RH (Non-Condensing)
Operating Altitude
3,000 Meters
Shock Test (Non-Operating)
IEC60068-2-27, 196.1m/S² (20G),11ms, once along X,
Y, and Z axis
Vibration (Operating)
IEC60068-2-6, 10Hz to 55Hz @ 19.6m/S² (2G); 3 min
period, 60 min per axis for all X, Y, Z direction
Protections
Overvoltage
27.6-33.6V, Latch Mode
Overload / Overcurrent
> 105% of rated load current, Hicc-up Mode,
Non-Latching (Auto-Recovery)
Over Temperature
Latch Mode
Short Circuit
Hicc-up Mode, Non-Latching
(Auto-Recovery when the fault is removed)
Protection Against Shock
Class I with PE* connection
*PE: Primary Earth
Reliability Data
MTBF
> 200,000 hrs. as per JEITA RCR-9102B
Expected Cap Life Time
10 years (115Vac, 50% load @ 40°C)
Safety Standards / Directives
Electrical Safety
TUV Bauart to EN60950-1, UL/cUL recognized to
UL60950-1 and CSA C22.2 No. 60950-1, CB scheme to
IEC60950-1
ITE
IEC60950-1
CE
In conformance with EMC Directive 2004/108/EC and
Low Voltage Directive 2006/95/EC
Material and Parts
RoHS Directive 2011/65/EU Compliant
Galvanic Isolation
Input to Output
3.0KVac
Input to Ground
2.0KVac
Output to Ground
0.5KVac


Similar Part No. - PJ-24V50WLNA

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
PJ-24V50WXNA DELTA-PJ-24V50WXNA Datasheet
1,008Kb / 11P
   PJ Open Frame Power Supply
More results

Similar Description - PJ-24V50WLNA

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
PJ-12V15WXNA DELTA-PJ-12V15WXNA Datasheet
1Mb / 11P
   PJ Open Frame Power Supply
PJ-12V150WXXA DELTA-PJ-12V150WXXA Datasheet
1Mb / 13P
   PJ Open Frame Power Supply
PJ-24V50WXNA DELTA-PJ-24V50WXNA Datasheet
1,008Kb / 11P
   PJ Open Frame Power Supply
PJ-24V30WXNA DELTA-PJ-24V30WXNA Datasheet
1Mb / 11P
   PJ Open Frame Power Supply
PJ-5V15WXNA DELTA-PJ-5V15WXNA Datasheet
1Mb / 11P
   PJ Open Frame Power Supply
PJ-12V50WBNA DELTA-PJ-12V50WBNA Datasheet
1,007Kb / 12P
   PJ Open Frame Power Supply
PJ-24V30WBNA DELTA-PJ-24V30WBNA Datasheet
1Mb / 12P
   PJ Open Frame Power Supply
PJ-24V150WBNA DELTA-PJ-24V150WBNA Datasheet
1Mb / 14P
   PJ Open Frame Power Supply
PJ-12V50WXNA DELTA-PJ-12V50WXNA Datasheet
1,022Kb / 11P
   PJ Open Frame Power Supply
PJ-24V100WXXA DELTA-PJ-24V100WXXA Datasheet
824Kb / 13P
   PJ Open Frame Power Supply
PJ-5V15WBNA DELTA-PJ-5V15WBNA Datasheet
1Mb / 12P
   PJ Open Frame Power Supply
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com