Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RL203G Datasheet(PDF) 1 Page - Formosa MS

Part # RL203G
Description  2.0 AMP GLASS PASSIVATED RECTIFIERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORMOSA [Formosa MS]
Direct Link  http://www.formosams.com
Logo FORMOSA - Formosa MS

RL203G Datasheet(HTML) 1 Page - Formosa MS

  RL203G Datasheet HTML 1Page - Formosa MS RL203G Datasheet HTML 2Page - Formosa MS  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
2.0 AMP GLASS PASSIVATED RECTIFIERS
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating 25 C ambient temperature uniess otherwies specified.
Single phase half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
TYPE NUMBER
Maximum Recurrent Peak Reverse Voltage
Maximum RMS Voltage
Maximum DC Blocking Voltage
Maximum Average Forward Rectified Current
.375"(9.5mm) Lead Length at Ta=75 C
FEATURES
MECHANICAL DATA
Peak Forward Surge Current, 8.3 ms single half sine-wave
superimposed on rated load (JEDEC method)
Maximum Instantaneous Forward Voltage at 2.0A
Maximum DC Reverse Current
Ta=25 C
at Rated DC Blocking Voltage
Ta=100 C
Typical Junction Capacitance (Note 1)
50
100
200
400
600
800
1000
V
50
100
200
400
600
800
1000
V
35
70
140
280
420
560
700
2.0
70
5.0
50
20
-65
+175
V
A
A
V
mA
mA
pF
NOTES:
1. Measured at 1MHz and applied reverse voltage of 4.0V D.C.
2. Thermal Resistance from Junction to Ambient .375" (9.5mm) lead length.
* Low forward voltage drop
* High current capability
* High reliability
* High surge current capability
* Case: Molded plastic
* Epoxy: UL 94V-0 rate flame retardant
* Lead: Axial leads, solderable per MIL-STD-202,
method 208 guranteed
* Polarity: Color band denotes cathode end
* Mounting position: Any
Weight: 0.40 grams
RL201G THRU RL207G
1.0
Typical Thermal Resistance R
qJA (Note 2)
40
*
Dimensions in inches and (millimeters)
DO-15
1.0(25.4)
MIN.
1.0(25.4)
MIN.
.300(7.6)
.230(5.8)
.034(.9)
.028(.7)
DIA.
.140(3.6)
.104(2.6)
DIA.
VOLTAGE RANGE
50 to 1000 Volts
CURRENT
2.0 Ampere
* Glass passivated junction
RL201G RL202G RL203G RL204G RL205G RL206G RL207G
UNITS
Operating and Storage Temperature Range TJ, TSTG
C
C/W


Similar Part No. - RL203G

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
RL203G RECTRON-RL203G Datasheet
23Kb / 2P
   GLASS PASSIVATED JUNCTION PLASTIC RECTIFIER (VOLTAGE RANGE 50 to 1000 Volts CURRENT 2.0 Amperes)
logo
Rugao Dachang Electroni...
RL203G DACHANG-RL203G Datasheet
118Kb / 2P
   General Purpose Plastic Rectifier Reverse Voltage 50 to 1000 V Forward Current 2.0 A
logo
Shanghai Shunye Electro...
RL203G SHUNYE-RL203G Datasheet
1Mb / 2P
   GLASS PASSIVATED SILICON RECTIFIER
logo
Jinan Gude Electronic D...
RL203G JGD-RL203G Datasheet
128Kb / 2P
   2.0 AMPS. GLASS PASSIVATED RECTIFIERS
logo
SeCoS Halbleitertechnol...
RL203G SECOS-RL203G Datasheet
221Kb / 2P
   Voltage 50V ~ 1000V 2.0 Amp Glass Passivated Rectifiers
More results

Similar Description - RL203G

ManufacturerPart #DatasheetDescription
logo
Bytes
RL201G BYTES-RL201G Datasheet
151Kb / 2P
   2.0 AMP GLASS PASSIVATED RECTIFIERS
logo
Goodwork Semiconductor ...
RL201G GWSEMI-RL201G Datasheet
65Kb / 2P
   2.0 AMP GLASS PASSIVATED RECTIFIERS
logo
UNIOHM CORPORATION
RL201G UNIOHM-RL201G Datasheet
66Kb / 2P
   2.0 AMP GLASS PASSIVATED RECTIFIERS
logo
DIYI Electronic Technol...
MUR260G DYELEC-MUR260G Datasheet
1Mb / 2P
   2.0 AMP Ultrafast Glass Passivated Rectifiers
logo
First Components Intern...
RL201G FCI-RL201G Datasheet
53Kb / 2P
   2.0 Amp Glass Passivated Junction Rectifiers
GFZ2A FCI-GFZ2A Datasheet
155Kb / 2P
   2.0 Amp Glass Passivated Sintered Rectifiers
logo
DIYI Electronic Technol...
MUR240G DYELEC-MUR240G Datasheet
1Mb / 2P
   2.0 AMP Ultrafast Glass Passivated Rectifiers
logo
SeCoS Halbleitertechnol...
GBJ2A SECOS-GBJ2A Datasheet
243Kb / 2P
   2.0 AMP Glass Passivated Bridge Rectifiers
GBL201 SECOS-GBL201 Datasheet
257Kb / 2P
   2.0 Amp Glass Passivated Bridge Rectifiers
logo
First Components Intern...
GFZ20A FCI-GFZ20A Datasheet
161Kb / 2P
   2.0 Amp Glass Passivated Sintered Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com