Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PJ-12V15WCNA Datasheet(PDF) 8 Page - Delta Electronics, Inc.

Part # PJ-12V15WCNA
Description  PJ Open Frame Power Supply
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

PJ-12V15WCNA Datasheet(HTML) 8 Page - Delta Electronics, Inc.

Back Button PJ-12V15WCNA Datasheet HTML 4Page - Delta Electronics, Inc. PJ-12V15WCNA Datasheet HTML 5Page - Delta Electronics, Inc. PJ-12V15WCNA Datasheet HTML 6Page - Delta Electronics, Inc. PJ-12V15WCNA Datasheet HTML 7Page - Delta Electronics, Inc. PJ-12V15WCNA Datasheet HTML 8Page - Delta Electronics, Inc. PJ-12V15WCNA Datasheet HTML 9Page - Delta Electronics, Inc. PJ-12V15WCNA Datasheet HTML 10Page - Delta Electronics, Inc. PJ-12V15WCNA Datasheet HTML 11Page - Delta Electronics, Inc. PJ-12V15WCNA Datasheet HTML 12Page - Delta Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
TECHNICAL DATASHEET
PJ Open Frame Power Supply
12V 15W 1 Phase / PJ-12V15W
NA
All parameters are specified at 25°C ambient unless otherwise noted.
www.DeltaPSU.com (July 2013, Rev. 00)
8
Forced Cooling (Air Velocity > 0.7m/s)
■ Air Flow Direction
■ Open Frame / L Frame
■ Enclosed
Notes
1.
Power supply components may degrade, or be damaged, when the power supply is continuously used outside the shaded region,
refer to the graphs shown above.
2.
If the output capacity is not reduced when the surrounding air temperature is more than the upper limit temperature, the device will
run into Over Temperature Protection. When activated, the output voltage will go into bouncing mode and will recover when the
surrounding air temperature is lowered or the load is reduced as far as necessary to keep the device in working condition.
3.
Depending on the surrounding air temperature and output load delivered by the power supply, the device housing can be very hot!
4.
If the device has to be mounted in any other orientation, please do not hesitate to contact info@deltapsu.com for more details.
Fig.1.3
De-rating for Mounting Orientation A to F
> 60°C de-rate power by 2% / °C
Fig.1.4
De-rating for Mounting Orientation A to F
> 50°C de-rate power by 2% / °C


Similar Part No. - PJ-12V15WCNA

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
PJ-12V15WXNA DELTA-PJ-12V15WXNA Datasheet
1Mb / 11P
   PJ Open Frame Power Supply
More results

Similar Description - PJ-12V15WCNA

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
PJ-12V15WXNA DELTA-PJ-12V15WXNA Datasheet
1Mb / 11P
   PJ Open Frame Power Supply
PJ-12V150WXXA DELTA-PJ-12V150WXXA Datasheet
1Mb / 13P
   PJ Open Frame Power Supply
PJ-24V50WXNA DELTA-PJ-24V50WXNA Datasheet
1,008Kb / 11P
   PJ Open Frame Power Supply
PJ-24V30WXNA DELTA-PJ-24V30WXNA Datasheet
1Mb / 11P
   PJ Open Frame Power Supply
PJ-5V15WXNA DELTA-PJ-5V15WXNA Datasheet
1Mb / 11P
   PJ Open Frame Power Supply
PJ-12V50WBNA DELTA-PJ-12V50WBNA Datasheet
1,007Kb / 12P
   PJ Open Frame Power Supply
PJ-24V30WBNA DELTA-PJ-24V30WBNA Datasheet
1Mb / 12P
   PJ Open Frame Power Supply
PJ-24V150WBNA DELTA-PJ-24V150WBNA Datasheet
1Mb / 14P
   PJ Open Frame Power Supply
PJ-12V50WXNA DELTA-PJ-12V50WXNA Datasheet
1,022Kb / 11P
   PJ Open Frame Power Supply
PJ-24V100WXXA DELTA-PJ-24V100WXXA Datasheet
824Kb / 13P
   PJ Open Frame Power Supply
PJ-5V15WBNA DELTA-PJ-5V15WBNA Datasheet
1Mb / 12P
   PJ Open Frame Power Supply
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com