Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RAC20-15SB Datasheet(PDF) 1 Page - Recom International Power

Part # RAC20-15SB
Description  Compact AC-DC Power Supply
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

RAC20-15SB Datasheet(HTML) 1 Page - Recom International Power

  RAC20-15SB Datasheet HTML 1Page - Recom International Power RAC20-15SB Datasheet HTML 2Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
PA-43
www.recom-power.com
REV: 1/2014
POWERLINE
AC/DC-Converter
with 3 year Warranty
RAC20-B
CE Marked
20 Watt
Single
Output
Compact AC-DC Power Supply
20 Watt PCB Mount Package
Universal Input Voltage Range
3000VAC Isolation
Low Output Ripple and Noise
Short Circuit Protected
Low Temperature Operation
Anti Vibration Mechanical Fixing
CE Marked
Features
Regulated
Converters
Selection Guide
Part
Input
Output
Output
Typical
Maximum
Max.
Number
Range
Voltage
Current
Efficiency
Power
Capacitive
(VAC)
(VDC)
(mA)
(%)
(W)
Load
RAC20-3.3SB
90-264
3.3
3600
74
11.9W
4500µF
RAC20-05SB
90-264
5
3600
78
18W
3500µF
RAC20-12SB
90-264
12
1660
82
20W
1800µF
RAC20-15SB
90-264
15
1330
83
20W
1500µF
RAC20-24SB
90-264
24
833
83
20W
1200µF
*add suffix "-ST” for screw terminal module e.g. RAC20-05SB-ST
Input Voltage Range
90-264VAC or 120-370VDC
Rated Power
20 Watts max.
Input Frequency Range (for AC Input)
47-440Hz
Input Current (full load)
115VAC/230VAC
385mA / 250mA max.
No Load Power Consumption
115VAC/230VAC
470mW max.
Inrush Current (<2ms)
115VAC
20A max.
230VAC
40A max.
Leakage Current
0.75mA max.
Output Voltage Accuracy (Full load)
±2%
Line Voltage Regulation (low line, high line at full load)
±0.5% typ.
Load Voltage Regulation ( 5% to 100% full load )
±1% typ.
Output Ripple and Noise
(2)
Ripple (3.3V, 5V)
75mVp-p max.
Noise (3.3V, 5V)
120mVp-p max.
Others (Ripple and Noise)
1% Vout
Operating Frequency
100 - 130kHz typ.
Minimum Load
0%
Isolation Voltage (input to output)
3000VAC min.
Temperature Coefficient
±0.02%/°C typ.
Isolation Resistance
100 M
Ω min.
Short Circuit Protection
Continuous, Automatic Restart
Over Voltage Category
OVC II
Operating Temp. Range (Natural Convection, with derating)
-40°C to +70°C
3.3V, 5V (no derating)
-40°C to +40°C
Others (no derating)
-40°C to +45°C
Storage Temperature Range
-40°C to +85°C
Humidity
95% RH max.
Case Material
Epoxy with Fibreglass (UL94V-0)
Package Weight
59g
Packing Quantity
5 pcs (-ST Version: 1 pc)
EMC
designed to meet EN 55022 Class B / EN 55024
MTBF (+25°C)
using MIL-HDBK-217F
>250 x 103 hours
continued on next page
Derating Graph
(Ambient Temperature)
125
75
50
25
0
100
Ambient Temperature Range (°C)
-25 -10 0
45
60 70 80 90
Natural Convection
-40
3.3V, 5V
Others
38
Description
Specifications (typical at 25°C and after warm up time unless otherwise specified )
Compact switching AC/DC power module for PCB, screw-terminal
connection or DIN-rail mounting. The converter is pin compatible with
the RAC05-SB and RAC10-SB models. A threaded insert is provided for
additional mechanical fixing.
RoHS
2011/65/EU
6/6
Refer to Application Notes


Similar Part No. - RAC20-15SB

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RAC20-15SB RECOM-RAC20-15SB Datasheet
94Kb / 2P
   20 Watt Single Output
RAC20-15SB RECOM-RAC20-15SB Datasheet
94Kb / 2P
   20 Watt Single Output
More results

Similar Description - RAC20-15SB

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RAC10-A RECOM-RAC10-A Datasheet
87Kb / 2P
   Compact AC-DC Power Supply
RAC15-24SB-E RECOM-RAC15-24SB-E Datasheet
125Kb / 2P
   Compact AC-DC Power Supply
RAC10-B RECOM-RAC10-B Datasheet
95Kb / 2P
   Compact AC-DC Power Supply
RAC15-B RECOM-RAC15-B Datasheet
125Kb / 2P
   Compact AC-DC Power Supply
RAC06-05SC RECOM-RAC06-05SC Datasheet
81Kb / 2P
   Very Compact AC-DC Power Supply
RAC05-B RECOM-RAC05-B Datasheet
86Kb / 2P
   Very Compact AC-DC Power Supply
logo
C&D Technologies
PCI500-4A CANDD-PCI500-4A Datasheet
122Kb / 4P
   AC/DC Compact PCI Power Supply
logo
Recom International Pow...
RAC40-A RECOM-RAC40-A Datasheet
119Kb / 2P
   Compact 40W AC-DC Power Supply
logo
Murata Manufacturing Co...
TPS_PCI500_4A MURATA-TPS_PCI500_4A Datasheet
1Mb / 4P
   AC/DC Compact PCI Power Supply
logo
TDK Electronics
SWS-L TDK-SWS-L Datasheet
947Kb / 19P
   Compact and high-power AC/DC power supply
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com