Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R2500 Datasheet(PDF) 1 Page - Formosa MS

Part # R2500
Description  HIGH VOLTAGE SILICON RECTIFIERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORMOSA [Formosa MS]
Direct Link  http://www.formosams.com
Logo FORMOSA - Formosa MS

R2500 Datasheet(HTML) 1 Page - Formosa MS

  R2500 Datasheet HTML 1Page - Formosa MS R2500 Datasheet HTML 2Page - Formosa MS  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
HIGH VOLTAGE SILICON RECTIFIERS
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating 25 C ambient temperature uniess otherwies specified.
Single phase half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
TYPE NUMBER
Maximum Recurrent Peak Reverse Voltage
Maximum RMS Voltage
Maximum DC Blocking Voltage
Maximum Average Forward Rectified Current
.375"(9.5mm) Lead Length at Ta=50 C
FEATURES
MECHANICAL DATA
Peak Forward Surge Current, 8.3 ms single half sine-wave
superimposed on rated load (JEDEC method)
Maximum Instantaneous Forward Voltage at 0.5A/0.2A D.C.
Maximum DC Reverse Current
Ta=25 C
at Rated DC Blocking Voltage
Ta=100 C
Typical Junction Capacitance (Note 1)
500
200
30
5.0
50
30
-65
+175
mA
A
V
mA
mA
pF
C
NOTES:
1. Measured at 1MHz and applied reverse voltage of 4.0V D.C.
* Low forward voltage drop
* High current capability
* High reliability
* High surge current capability
* Case: Molded plastic
* Epoxy: UL 94V-0 rate flame retardant
* Lead: Axial leads, solderable per MIL-STD-202,
method 208 guranteed
* Polarity: Color band denotes cathode end
* Mounting position: Any
Weight: 0.34 grams
R1200 THRU R2500
2.0
3.0
*
VOLTAGE RANGE
1200 to 2500 Volts
CURRENT
500 & 200 m Ampere
V
R1200
R1500
R1600
R1800
R2000
R2500 UNITS
1200
1500
1600
1800
2000
2500
1200
1500
1600
1800
2000
2500
840
1050
1120
1260
1400
1750
V
V
DO-41
Dimensions in inches and (millimeters)
1.0(25.4)
MIN.
1.0(25.4)
MIN.
.205(5.2)
.166(4.2)
.034(.9)
.028(.7)
DIA.
.107(2.7)
.080(2.0)
DIA.
Operating and Storage Temperature Range TJ, TSTG


Similar Part No. - R2500

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
R2500 RECTRON-R2500 Datasheet
19Kb / 2P
   HIGH VOLTAGE SILICON RECTIFIER (VOLTAGE RANGE 2500 to 5000 Volts CURRENT 0.2 Ampere)
logo
Shenzhen Luguang Electr...
R2500 LUGUANG-R2500 Datasheet
199Kb / 2P
   High Voltage Rectifiers
logo
Nantong Hornby Electron...
R2500 HORNBY-R2500 Datasheet
198Kb / 3P
   HIGH VOLTAGE SILICON RECTIFIER
logo
Bytes
R2500 BYTES-R2500 Datasheet
145Kb / 2P
   HIGH VOLTAGE SILICON RECTIFIERS
logo
Leshan Radio Company
R2500 LRC-R2500 Datasheet
534Kb / 7P
   High Voltage General Purpose Plastic Rectifiers Low leakage
More results

Similar Description - R2500

ManufacturerPart #DatasheetDescription
logo
Nanjing International G...
R1200 DGNJDZ-R1200 Datasheet
78Kb / 2P
   HIGH VOLTAGE SILICON RECTIFIERS
logo
Electronic devices inc.
TV10 EDI-TV10 Datasheet
41Kb / 2P
   HIGH VOLTAGE SILICON RECTIFIERS
CRVT EDI-CRVT Datasheet
43Kb / 2P
   HIGH VOLTAGE SILICON RECTIFIERS
logo
Goodwork Semiconductor ...
R2500 GWSEMI-R2500 Datasheet
61Kb / 2P
   HIGH VOLTAGE SILICON RECTIFIERS
R1200 GWSEMI-R1200 Datasheet
61Kb / 2P
   HIGH VOLTAGE SILICON RECTIFIERS
logo
SEMTECH ELECTRONICS LTD...
PR1800 SEMTECH_ELEC-PR1800 Datasheet
206Kb / 1P
   HIGH VOLTAGE SILICON RECTIFIERS
R1200 SEMTECH_ELEC-R1200 Datasheet
278Kb / 2P
   HIGH VOLTAGE SILICON RECTIFIERS
logo
List of Unclassifed Man...
MA15-120 ETC2-MA15-120 Datasheet
87Kb / 2P
   HIGH VOLTAGE SILICON RECTIFIERS
logo
UNIOHM CORPORATION
R1200 UNIOHM-R1200 Datasheet
61Kb / 2P
   HIGH VOLTAGE SILICON RECTIFIERS
logo
Bytes
R1200 BYTES-R1200 Datasheet
145Kb / 2P
   HIGH VOLTAGE SILICON RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com