Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MDS-100APS12BA Datasheet(PDF) 1 Page - Delta Electronics, Inc.

Part # MDS-100APS12BA
Description  MDS Medical AC-DC Open Frame
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

MDS-100APS12BA Datasheet(HTML) 1 Page - Delta Electronics, Inc.

  MDS-100APS12BA Datasheet HTML 1Page - Delta Electronics, Inc. MDS-100APS12BA Datasheet HTML 2Page - Delta Electronics, Inc. MDS-100APS12BA Datasheet HTML 3Page - Delta Electronics, Inc. MDS-100APS12BA Datasheet HTML 4Page - Delta Electronics, Inc. MDS-100APS12BA Datasheet HTML 5Page - Delta Electronics, Inc. MDS-100APS12BA Datasheet HTML 6Page - Delta Electronics, Inc. MDS-100APS12BA Datasheet HTML 7Page - Delta Electronics, Inc. MDS-100APS12BA Datasheet HTML 8Page - Delta Electronics, Inc. MDS-100APS12BA Datasheet HTML 9Page - Delta Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
TECHNICAL DATASHEET
MDS Medical AC-DC Open Frame
12V100W / MDS-100APS12 BA
```
All parameters are specified at 25°C ambient unless otherwise noted.
www.DeltaPSU.com (July 2013, Rev. 00)
1
100APS
Highlights & Features
– Compliant to IEC 60601-1 3rd edition
– IT and medical safety approvals
– Low earth leakage current (<0.1mA)
– Overload, over voltage, over temperature and short circuit
protections
– Risk management report available
Safety Standards
CB Certified for worldwide use
Model Number:
MDS-100APS12 BA
Unit Weight:
0.21kg
Dimensions (W x L x H): 76.2X127X31mm
3X5X1.2 in
General Description
The MDS series of embedded power supply comes with universal AC input at 90Vac to 264Vac. Other features include
low earth leakage, risk management report available and the electric shock protection comply with 2 x MOPP. The MDS
series is certified for EMC standards according to EN 55011 for industrial, scientific and medical (ISM) radio-frequency
equipment and EN 55022 for Information Technology Equipment (ITE) radio-frequency equipment. In addition, only
recognized Japanese capacitors are used.
The MDS series come with both medical and ITE safety approvals including UL/CSA/CQC /CE and CB certification and
are fully compliant with RoHS Directive 2011/65/EU for environmental protection.
Model Information
Medical AC-DC Open Frame
Model Number
Input Voltage Range
Output Voltage
Output Current
MDS-100APS12 BA
90-264Vac
12Vdc
8.33
Model Numbering
MDS
100
A
P
S
12
B
A
Delta Medical
power Supply
Max wattage in
the product
Series.
Maybe lower
at some voltage.
060 → 60W
120 →120W
1K2 → 1,200W
Family Code
A~ Z
Product Type
P: Open Frame
Output Code
S: Single Output
2: Dual Output
3: Triple Output
4: Four Output
5: More than
Five Output
Output Voltage
Single Output:
- 03 for 3.3V
- 05 for 5V
- 12 for 12V
Multiple Output:
Serial Number
00 to 99
Input Connector code
A: Class II, STD Connector
B: Class I, STD Connector
Output Connector code
A: STD Connector


Similar Part No. - MDS-100APS12BA

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
MDS-100APS12B DELTA-MDS-100APS12B Datasheet
623Kb / 10P
   MDS Medical AC-DC Open Frame
More results

Similar Description - MDS-100APS12BA

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
MDS-065APS12BA DELTA-MDS-065APS12BA Datasheet
650Kb / 11P
   MDS Medical AC-DC Open Frame
MDS-065APS15BA DELTA-MDS-065APS15BA Datasheet
643Kb / 10P
   MDS Medical AC-DC Open Frame
MDS-065APS24BA DELTA-MDS-065APS24BA Datasheet
640Kb / 10P
   MDS Medical AC-DC Open Frame
MDS-400AUS19B DELTA-MDS-400AUS19B Datasheet
603Kb / 10P
   MDS Medical AC-DC Open Frame
MDS-100BPS12B DELTA-MDS-100BPS12B Datasheet
450Kb / 10P
   MDS Medical AC-DC Open Frame
MDS-065APS24-B DELTA-MDS-065APS24-B Datasheet
492Kb / 10P
   MDS Medical AC-DC Open Frame
MDS-400AUS19-B DELTA-MDS-400AUS19-B Datasheet
603Kb / 10P
   MDS Medical AC-DC Open Frame
MDS-100BPS18-B DELTA-MDS-100BPS18-B Datasheet
462Kb / 10P
   MDS Medical AC-DC Open Frame
MDS-100APS24B DELTA-MDS-100APS24B Datasheet
623Kb / 10P
   MDS Medical AC-DC Open Frame
MDS-100BPS24-B DELTA-MDS-100BPS24-B Datasheet
591Kb / 10P
   MDS Medical AC-DC Open Frame
MDS-040APS18-B DELTA-MDS-040APS18-B Datasheet
578Kb / 10P
   MDS Medical AC-DC Open Frame
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com