Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

H1338NL4 Datasheet(PDF) 1 Page - Pulse A Technitrol Company

Part # H1338NL4
Description  10/100 BASE-T SINGLE PORT TRANSFORMER MODULES
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSE [Pulse A Technitrol Company]
Direct Link  http://www.pulseeng.com
Logo PULSE - Pulse A Technitrol Company

H1338NL4 Datasheet(HTML) 1 Page - Pulse A Technitrol Company

  H1338NL4 Datasheet HTML 1Page - Pulse A Technitrol Company H1338NL4 Datasheet HTML 2Page - Pulse A Technitrol Company H1338NL4 Datasheet HTML 3Page - Pulse A Technitrol Company H1338NL4 Datasheet HTML 4Page - Pulse A Technitrol Company H1338NL4 Datasheet HTML 5Page - Pulse A Technitrol Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
USA 858 674 8100 • Germany 49 7032 7806 0 • Singapore 65 6287 8998 • Shanghai 86 21 32181071 • China 86 755 33966678 • Taiwan 886 3 4643715
www.pulseeng.com
1
H303.W (6/09)
RoHS peak reflow temperature rating: 245°C
Compatible with Broadcom, Intel, Micrel, National
Semiconductor, ICS, and TDK Transceivers
Meets IEEE 802.3 specification
10/100 BASE-T SINGLE PORT
TRANSFORMER MODULES
With 1:1 Transmit Turns Ratios
Weight . . . . . . . 3.5 grams
Tube . . . . . . . . . . . . 20/tube
Tape & Reel . . . . . 160/reel
NOTE: The PE-68515L pins 4 and 13 are removed.
The PE-68517L pins 5 and 12 are removed.
PE-68515LNL, PE-68517LNL, H1042NL
Mechanical
RoHS
Compliant
Insertion
Loss
(dB MAX)
Return Loss
(dB MIN @ 100
Ω)
Differential to Common
Mode Rejection
(dB MIN)
Crosstalk
(dB TYP)
Hipot
(Vrms MIN)
Part Number
0.1-100 MHz
1-30 MHz
40 MHz
50 MHz
60-80 MHz
30 MHz
60 MHz
100 MHz
30 MHz
60 MHz
100 MHz
H1012NL4d
-1.0
-20
-20
-18
-14
-42
-36
-33
-50
-40
-40
1500
H1019NL4c
-1.0
-20
-18
-18
-14
-45
-40
-35
-45
-40
-35
1500
H1042NL4c
-1.0
-16
-13.5
-11.5
-10
-45
-40
-35
-40
-38
-35
1500
H1086NL4c
-1.0
-22
-20
-18
-12
-45
-40
-35
-50
-40
-40
1500
H1089NL4c
-1.0
-22
-20
-18
-12
-42
-38
-32
-50
-40
-40
1500
H1138NL4a
-0.8
-18
-16
-14
-12
42
-37
-33
-50
-40
-40
1500
HX1148NL2, 4d
-1.5
-18
-13.5
-11.5
-10
-42
-37
-33
-50
-40
-40
1500
HX1178NL2, 4d
-1.5
-18
-13.5
-11.5
-10
-42
-37
-33
-50
-40
-40
1500
PE-68515LNL4d
-1.0
-18
-18
-16
-12
-50
-45
-40
-55
-50
-50
1500
PE-68517LNL4d
-1.0
-18
-16
-15
-12
-45
-40
-35
-50
-40
-40
1500
H1338NL4a
-1.1
-18
-16
-14
-12
-42
-37
-35
-40
-40
-35
1500
1. Rise time optimized for National’s DP83843.
2. Operating temperature: -40°+ 85°C.
3. When ordering Tape & Reel packaging, add a “T” suffix to the end
of the part number, e.g. H1012NLT
4. MSL = Moisture Sensitivity Level: a = 1, b = 2, c = 3, d = 4.
Electrical Specifications @ 25°C — Operating Temperature 0°C to 70°C


Similar Part No. - H1338NL4

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
H1338NL4 PULSE-H1338NL4 Datasheet
482Kb / 5P
   10/100 BASE-T SINGLE PORT TRANSFORMER MODULES With 1:1 Transmit Turns Ratios
H1338NL4 PULSE-H1338NL4 Datasheet
482Kb / 5P
   10/100 BASE-T SINGLE PORT TRANSFORMER MODULES
More results

Similar Description - H1338NL4

ManufacturerPart #DatasheetDescription
logo
Bothhand USA, LP.
16ST1086-LF BOTHHAND-16ST1086-LF Datasheet
70Kb / 1P
   10/100 BASE-T SINGLE PORT TRANSFORMER MODULES
16ST1086 BOTHHAND-16ST1086 Datasheet
186Kb / 1P
   10/100 BASE-T SINGLE PORT TRANSFORMER MODULES
16ST8522 BOTHHAND-16ST8522 Datasheet
151Kb / 1P
   10/100 BASE-T SINGLE PORT TRANSFORMER MODULES
logo
Pulse A Technitrol Comp...
HX1148NL PULSE-HX1148NL Datasheet
582Kb / 3P
   10/100 BASE-T SINGLE PORT TRANSFORMER MODULES
HX1148NLT PULSE-HX1148NLT Datasheet
482Kb / 5P
   10/100 BASE-T SINGLE PORT TRANSFORMER MODULES
H303 PULSE-H303_15 Datasheet
419Kb / 3P
   10/100 Base-T Single Port Transformer Modules
logo
Bothhand USA, LP.
12ST1112LF BOTHHAND-12ST1112LF Datasheet
159Kb / 2P
   10/100 BASE-T SINGLE PORT TRANSFORMER MODULES
logo
Pulse A Technitrol Comp...
H1012NLT PULSE-H1012NLT Datasheet
418Kb / 4P
   10/100 Base-T Single Port Transformer Modules
H1012NL PULSE-H1012NL Datasheet
582Kb / 3P
   10/100 BASE-T SINGLE PORT TRANSFORMER MODULES
logo
Bothhand USA, LP.
16ST8516 BOTHHAND-16ST8516 Datasheet
185Kb / 1P
   10/100 BASE-T SINGLE PORT TRANSFORMER MODULES
16ST8522C BOTHHAND-16ST8522C Datasheet
157Kb / 1P
   10/100 BASE-T SINGLE PORT TRANSFORMER MODULES
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com