Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MDS-065APS15BA Datasheet(PDF) 3 Page - Delta Electronics, Inc.

Part # MDS-065APS15BA
Description  MDS Medical AC-DC Open Frame
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

MDS-065APS15BA Datasheet(HTML) 3 Page - Delta Electronics, Inc.

  MDS-065APS15BA Datasheet HTML 1Page - Delta Electronics, Inc. MDS-065APS15BA Datasheet HTML 2Page - Delta Electronics, Inc. MDS-065APS15BA Datasheet HTML 3Page - Delta Electronics, Inc. MDS-065APS15BA Datasheet HTML 4Page - Delta Electronics, Inc. MDS-065APS15BA Datasheet HTML 5Page - Delta Electronics, Inc. MDS-065APS15BA Datasheet HTML 6Page - Delta Electronics, Inc. MDS-065APS15BA Datasheet HTML 7Page - Delta Electronics, Inc. MDS-065APS15BA Datasheet HTML 8Page - Delta Electronics, Inc. MDS-065APS15BA Datasheet HTML 9Page - Delta Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
TECHNICAL DATASHEET
MDS Medical AC-DC Open Frame
15V 63W / MDS-065APS15 BA
All parameters are specified at 25°C ambient unless otherwise noted.
www.DeltaPSU.com (July 2013, Rev. 00)
3
(a) 115V
(b) 230V
Fig. 2 Ripple & Noise example, 20MHz BW
Ripple & Noise measurement circuit
Mechanical
Dimensions(W x L x H)
50.8 x 101.6 x 30.0 mm(2 x 4 x 1.2 in)
Weight (typ.)
0.13 kg
Terminal
Input
JST 2P
Output
JST 4P
Environment
Surrounding Air Temperature
Operating
-10°C to +70°C
Storage
-40°C to +85°C
Power De-rating
-10°C to +50°C 100% load
50°C to 70°C de-rate power by 2.5% / °C ,See Fig. 3
Operating Humidity
10-95% RH (Non-Condensing)
Operating Altitude
3,000 meters
Shock Test (Non-Operating)
50G, 11ms, 3 shocks for each direction
Vibration (Operating)
5-500Hz, 2.09Grms, 20 minute for each three axis


Similar Part No. - MDS-065APS15BA

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
MDS-065APS15B DELTA-MDS-065APS15B Datasheet
495Kb / 10P
   MDS Medical AC-DC Open Frame
More results

Similar Description - MDS-065APS15BA

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
MDS-065APS12BA DELTA-MDS-065APS12BA Datasheet
650Kb / 11P
   MDS Medical AC-DC Open Frame
MDS-065APS24BA DELTA-MDS-065APS24BA Datasheet
640Kb / 10P
   MDS Medical AC-DC Open Frame
MDS-400AUS19B DELTA-MDS-400AUS19B Datasheet
603Kb / 10P
   MDS Medical AC-DC Open Frame
MDS-100BPS12B DELTA-MDS-100BPS12B Datasheet
450Kb / 10P
   MDS Medical AC-DC Open Frame
MDS-065APS24-B DELTA-MDS-065APS24-B Datasheet
492Kb / 10P
   MDS Medical AC-DC Open Frame
MDS-400AUS19-B DELTA-MDS-400AUS19-B Datasheet
603Kb / 10P
   MDS Medical AC-DC Open Frame
MDS-100BPS18-B DELTA-MDS-100BPS18-B Datasheet
462Kb / 10P
   MDS Medical AC-DC Open Frame
MDS-100APS24B DELTA-MDS-100APS24B Datasheet
623Kb / 10P
   MDS Medical AC-DC Open Frame
MDS-100BPS24-B DELTA-MDS-100BPS24-B Datasheet
591Kb / 10P
   MDS Medical AC-DC Open Frame
MDS-040APS18-B DELTA-MDS-040APS18-B Datasheet
578Kb / 10P
   MDS Medical AC-DC Open Frame
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com