Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PE-68515LT Datasheet(PDF) 5 Page - Pulse A Technitrol Company

Part # PE-68515LT
Description  10/100 BASE-T SINGLE PORT TRANSFORMER MODULES
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSE [Pulse A Technitrol Company]
Direct Link  http://www.pulseeng.com
Logo PULSE - Pulse A Technitrol Company

PE-68515LT Datasheet(HTML) 5 Page - Pulse A Technitrol Company

  PE-68515LT Datasheet HTML 1Page - Pulse A Technitrol Company PE-68515LT Datasheet HTML 2Page - Pulse A Technitrol Company PE-68515LT Datasheet HTML 3Page - Pulse A Technitrol Company PE-68515LT Datasheet HTML 4Page - Pulse A Technitrol Company PE-68515LT Datasheet HTML 5Page - Pulse A Technitrol Company  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
.157
3,99
.079
2,01
1.59
40,39
1.73
43,94
.012
0,30
3° MAX
DRAFT ANGLE
.059
1,50
o
.004
0,10
.000
0,00
1.016
25,81
.945
24,00
.236
5,99
.650
16,51
.276
7,01
.069
1,75
.795
20,19
.413
10,49
www.pulseeng.com
5
H303.W (6/09)
.157
3,99
.079
2,01
8
1.59
40,39
1.73
43,94
.012
0,30
5° MAX
DRAFT ANGLE
.059
1,50
o
.004
0,10
.000
0,00
1.000
25,40
.945
24,00
.365
9,27
.610
15,49
.395
10,03
.079
MIN
2,01
o
.069
1,75
.795
20,19
Weight . . . . . . . . 3.5 grams
Tube . . . . . . . . . . . . 20/tube
Tape & Reel . . . . . . 160/reel
Weight . . . . . . . . 3.0 grams
Tube . . . . . . . . . . . . 20/tube
Tape & Reel . . . . . . 300/reel
H1012NL, H1019NL, H1086NL, H1089NL, H1138NL,
H1338NL, HX1148NL, HX1178NL
PE-68515LNL, PE-68517LNL, H1042NL
Tape & Reel Specifications
For More Information:
Pulse Worldwide
Headquarters
12220 World Trade Dr.
San Diego, CA 92128
U.S.A.
www.pulseeng.com
Tel: 858 674 8100
Fax: 858 674 8262
Pulse South Asia
135 Joo Seng Rd.
#03-02
PM Industrial Bldg.
Singapore 368363
TEL: 65 6287 8998
FAX: 65 6280 0080
Pulse North Asia
No. 26, Kao Ching Rd.
Yang Mei Chen
Taoyuan Hsien
Taiwan
R. O. C.
Tel: 886 3 4643715
Fax: 886 3 4641911
Pulse China Headquarters
B402, Shenzhen Academy of
Aerospace Technology Bldg.
10th Kejinan Rd.
High-Tech Zone
Nanshan District
Shenzen, PR China 518057
TEL: 86 755 33966678
FAX: 86 755 33966700
Pulse North China
Room 1503
XinYin Building
No. 888 YiShan Rd.
Shanghai 200233
China
Tel: 86 21 54643211/2
Fax: 86 21 54643210
Pulse Europe
Einsteinstrasse 1
D-71083 Herrenberg
Germany
Tel: 49 7032 7806 0
Fax: 49 7032 7806 135
Performance warranty of products offered on this data sheet is limited to the parameters specified. Data is subject to change without notice. Other brand and product
names mentioned herein may be trademarks or registered trademarks of their respective owners.
© Copyright, 2009. Pulse Engineering, Inc. All rights reserved.
10/100 BASE-T SINGLE PORT
TRANSFORMER MODULES
With 1:1 Transmit Turns Ratios


Similar Part No. - PE-68515LT

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PE-68515L ETC-PE-68515L Datasheet
189Kb / 4P
   10/100 BASE-T SINGLE PORT TRANSFORMER MODULES
logo
Pulse A Technitrol Comp...
PE-68515L PULSE-PE-68515L Datasheet
261Kb / 12P
   LAN DISCRETE TRANSFORMER MODULES
PE-68515LNL PULSE-PE-68515LNL Datasheet
125Kb / 1P
   UNLESS OTHERWISE SPECIFIED
PE-68515LNL PULSE-PE-68515LNL Datasheet
482Kb / 5P
   10/100 BASE-T SINGLE PORT TRANSFORMER MODULES
PE-68515LNL PULSE-PE-68515LNL Datasheet
527Kb / 5P
   10/100 base -t single port TRANSFORMER MODULES
More results

Similar Description - PE-68515LT

ManufacturerPart #DatasheetDescription
logo
Bothhand USA, LP.
16ST1086-LF BOTHHAND-16ST1086-LF Datasheet
70Kb / 1P
   10/100 BASE-T SINGLE PORT TRANSFORMER MODULES
16ST1086 BOTHHAND-16ST1086 Datasheet
186Kb / 1P
   10/100 BASE-T SINGLE PORT TRANSFORMER MODULES
16ST8522 BOTHHAND-16ST8522 Datasheet
151Kb / 1P
   10/100 BASE-T SINGLE PORT TRANSFORMER MODULES
logo
Pulse A Technitrol Comp...
HX1148NL PULSE-HX1148NL Datasheet
582Kb / 3P
   10/100 BASE-T SINGLE PORT TRANSFORMER MODULES
HX1148NLT PULSE-HX1148NLT Datasheet
482Kb / 5P
   10/100 BASE-T SINGLE PORT TRANSFORMER MODULES
H303 PULSE-H303_15 Datasheet
419Kb / 3P
   10/100 Base-T Single Port Transformer Modules
logo
Bothhand USA, LP.
12ST1112LF BOTHHAND-12ST1112LF Datasheet
159Kb / 2P
   10/100 BASE-T SINGLE PORT TRANSFORMER MODULES
logo
Pulse A Technitrol Comp...
H1012NLT PULSE-H1012NLT Datasheet
418Kb / 4P
   10/100 Base-T Single Port Transformer Modules
H1012NL PULSE-H1012NL Datasheet
582Kb / 3P
   10/100 BASE-T SINGLE PORT TRANSFORMER MODULES
logo
Bothhand USA, LP.
16ST8516 BOTHHAND-16ST8516 Datasheet
185Kb / 1P
   10/100 BASE-T SINGLE PORT TRANSFORMER MODULES
16ST8522C BOTHHAND-16ST8522C Datasheet
157Kb / 1P
   10/100 BASE-T SINGLE PORT TRANSFORMER MODULES
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com