Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PDS3200-13 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # PDS3200-13
Description  3A HIGH VOLTAGE SCHOTTKY BARRIER RECTIFIER PowerDI5
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

PDS3200-13 Datasheet(HTML) 2 Page - Diodes Incorporated

  PDS3200-13 Datasheet HTML 1Page - Diodes Incorporated PDS3200-13 Datasheet HTML 2Page - Diodes Incorporated PDS3200-13 Datasheet HTML 3Page - Diodes Incorporated PDS3200-13 Datasheet HTML 4Page - Diodes Incorporated PDS3200-13 Datasheet HTML 5Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
PDS3200
Document number: DS30470 Rev. 18 - 2
2 of 5
www.diodes.com
May 2013
© Diodes Incorporated
PDS3200
PowerDI is a registered trademark of Diodes Incorporated.
Maximum Ratings (@TA = +25°C, unless otherwise specified.)
Single phase, half wave, 60Hz, resistive or inductive load
For capacitance load, derate current by 20%.
Characteristic
Symbol
Value
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
200
V
RMS Reverse Voltage
VR(RMS)
141
V
Average Rectified Output Current (See also figure 5)
IO
3
A
Non-Repetitive Peak Forward Surge Current
8.3ms Single half sine-wave Superimposed on Rated Load
IFSM
180
A
Thermal Characteristics
Characteristic
Symbol
Typ
Max
Unit
Thermal Resistance Junction to Soldering Point
R• JS
2.0
°C/W
Thermal Resistance Junction to Ambient Air (Note 5) TA = +25°C
R• JA
75
°C/W
Thermal Resistance Junction to Ambient Air (Note 6) TA = +25°C
R• JA
60
°C/W
Thermal Resistance Junction to Ambient Air (Note 7) TA = +25°C
R• JA
45
°C/W
Operating Temperature Range
TJ
-65 to +150
°C
Storage Temperature Range
TSTG
-65 to +175
°C
Electrical Characteristics (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
Reverse Breakdown Voltage (Note 8)
V(BR)R
200
V
IR = 10µA
Forward Voltage
VF
0.75
0.59
0.82
0.66
0.78
0.64
0.88
0.71
V
IF = 3A, TS = +25°C
IF = 3A, TS = +125°C
IF = 6A, TS = +25°C
IF = 6A, TS = +125°C
Reverse Leakage Current (Note 8)
IR
1
0.8
10
4.5
µA
mA
TS = +25°C, VR = 200V
TS = +125°C, VR = 200V
Notes:
5. FR-4 PCB, 2 oz. Copper, minimum recommended pad layout per http://www.diodes.com.
6. Polymide PCB, 2 oz. Copper, minimum recommended pad layout per http://www.diodes.com.
7. Polymide PCB, 2 oz. Copper. Cathode pad dimensions 9.4mm x 7.2mm. Anode pad dimensions 2.7mm x 1.6mm.
8 Short duration pulse test used to minimize self-heating effect.
0
1
5
4
3
2
0
3
6
9
I
, AVERAGE FORWARD CURRENT (A)
Figure 1 Forward Power Dissipation
F(AV)
V , INSTANTANEOUS FORWARD VOLTAGE (mV)
Figure 2 Typical Forward Characteristics
F
0
0.2
0.4
0.6
0.8
1.0
1.2
T = 150 C
J
°
T = 125 C
J
°
T = 85 C
J
°
T = 25 C
J
°
T = -65 C
J
°
10
1
0.1
0.0001
0.001
0.01
0.00001
100


Similar Part No. - PDS3200-13

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
PDS3200-13 DIODES-PDS3200-13 Datasheet
103Kb / 3P
   3A HIGH VOLTAGE SCHOTTKY BARRIER RECTIFIER PowerDI 5
DS30470 Rev. 12 - 2
PDS3200-13 DIODES-PDS3200-13 Datasheet
106Kb / 5P
   3A HIGH VOLTAGE SCHOTTKY BARRIER RECTIFIER
DS30470 Rev. 16 - 2
PDS3200-13 DIODES-PDS3200-13 Datasheet
495Kb / 5P
   3A HIGH VOLTAGE SCHOTTKY BARRIER RECTIFIER PowerDI짰5
PDS3200-13 DIODES-PDS3200-13 Datasheet
470Kb / 5P
   3A HIGH VOLTAGE SCHOTTKY BARRIER RECTIFIER
More results

Similar Description - PDS3200-13

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
SBR3U60P5 DIODES-SBR3U60P5 Datasheet
255Kb / 5P
   3A SBR SUPER BARRIER RECTIFIER PowerDI5
SBR3U60P5Q DIODES-SBR3U60P5Q Datasheet
247Kb / 5P
   3A SBR SUPER BARRIER RECTIFIER PowerDI5
PDS3100 DIODES-PDS3100_17 Datasheet
210Kb / 5P
   3A HIGH VOLTAGE SCHOTTKY BARRIER RECTIFIER
PDS3200 DIODES-PDS3200_18 Datasheet
470Kb / 5P
   3A HIGH VOLTAGE SCHOTTKY BARRIER RECTIFIER
PDS3200 DIODES-PDS3200_10 Datasheet
106Kb / 5P
   3A HIGH VOLTAGE SCHOTTKY BARRIER RECTIFIER
DS30470 Rev. 16 - 2
PDS3100Q DIODES-PDS3100Q Datasheet
218Kb / 5P
   3A HIGH VOLTAGE SCHOTTKY BARRIER RECTIFIER
Rev. 1 - 2 February 2014
PDS3100 DIODES-PDS3100_10 Datasheet
102Kb / 5P
   3A HIGH VOLTAGE SCHOTTKY BARRIER RECTIFIER
DS30487 Rev. 11 - 2
SDT15H100P5 DIODES-SDT15H100P5 Datasheet
417Kb / 5P
   15A TRENCH SCHOTTKY BARRIER RECTIFIER PowerDI5
September 2017 Rev. 3 - 2
SDT10100P5 DIODES-SDT10100P5 Datasheet
624Kb / 5P
   10A TRENCH SCHOTTKY BARRIER RECTIFIER PowerDI5
March 2018 Rev. 3 - 2
SDT10A100P5 DIODES-SDT10A100P5 Datasheet
626Kb / 5P
   10A TRENCH SCHOTTKY BARRIER RECTIFIER PowerDI5
March 2018 Rev. 3 - 2
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com