Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LL1005-FHL4N7S Datasheet(PDF) 2 Page - TOKO, Inc

Part # LL1005-FHL4N7S
Description  Multilayer Chip Inductors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKO [TOKO, Inc]
Direct Link  http://www.toko.com
Logo TOKO - TOKO, Inc

LL1005-FHL4N7S Datasheet(HTML) 2 Page - TOKO, Inc

  LL1005-FHL4N7S Datasheet HTML 1Page - TOKO, Inc LL1005-FHL4N7S Datasheet HTML 2Page - TOKO, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
continued from previous page
接上页
TOKO STANDARD PART NUMBERS
东光标准零件号码
LL1005-FHL Series (Quantity/reel; 10,000 PCS)
Inductance & Tolerance
Q Typical
TOKO
Part number
100MHz
800MHz
(**500MHz)
Q
Min.
100
MHz
100
MHz
300
MHz
500
MHz
800
MHz
1000
MHz
1800
MHz
2400
MHz
S.R.F.
(MHz)
Min.
RDC
(
)
Max.
RDC
(
)
Typ.
IDC
(mA)
Max.
LL1005-FHL1N0S
1.0
0.3nH
0.93
0.5nH
8.0
8.8
17.0
22.0
29.0
33.0
47.0
57.0
20000
0.10
0.07
500
* LL1005-FHL1N1S
1.1
0.3nH
1.0
0.5nH
8.0
9.0
16.0
21.0
27.0
30.0
43.0
53.0
16000
0.10
0.07
500
LL1005-FHL1N2S
1.2
0.3nH
1.1
0.5nH
8.0
9.0
17.0
22.0
28.0
32.0
46.0
55.0
16000
0.10
0.07
500
* LL1005-FHL1N3S
1.3
0.3nH
1.2
0.5nH
8.0
9.0
17.0
22.0
28.0
32.0
45.0
54.0
12000
0.11
0.07
500
LL1005-FHL1N5S
1.5
0.3nH
1.4
0.5nH
8.0
9.2
17.0
23.0
29.0
33.0
47.0
57.0
12000
0.13
0.08
500
* LL1005-FHL1N6S
1.6
0.3nH
1.5
0.5nH
8.0
10.0
17.0
23.0
29.0
33.0
46.0
55.0
12000
0.13
0.08
500
LL1005-FHL1N8S
1.8
0.3nH
1.7
0.5nH
8.0
9.1
16.0
22.0
28.0
32.0
44.0
53.0
12000
0.14
0.08
500
* LL1005-FHL2N0S
2.0
0.3nH
1.9
0.5nH
8.0
10.0
18.0
23.0
30.0
34.0
46.0
53.0
11000
0.14
0.08
500
LL1005-FHL2N2S
2.2
0.3nH
2.0
0.5nH
8.0
10.0
18.0
24.0
31.0
34.0
48.0
55.0
11000
0.15
0.09
500
* LL1005-FHL2N4S
2.4
0.3nH
2.2
0.5nH
8.0
11.0
18.0
24.0
31.0
35.0
49.0
54.0
8100
0.15
0.09
500
LL1005-FHL2N7S
2.7
0.3nH
2.5
0.5nH
8.0
10.0
18.0
24.0
31.0
35.0
50.0
58.0
8100
0.15
0.10
500
* LL1005-FHL3N0S
3.0
0.3nH
2.9
0.5nH
8.0
10.0
18.0
24.0
31.0
35.0
49.0
54.0
7700
0.15
0.10
500
LL1005-FHL3N3S
3.3
0.3nH
3.1
0.5nH
8.0
10.0
18.0
24.0
30.0
34.0
47.0
54.0
7700
0.16
0.10
500
* LL1005-FHL3N6S
3.6
0.3nH
3.4
0.5nH
8.0
10.0
18.0
24.0
30.0
34.0
46.0
52.0
6200
0.16
0.11
500
LL1005-FHL3N9S
3.9
0.3nH
3.7
0.5nH
8.0
10.0
18.0
24.0
31.0
36.0
48.0
55.0
6200
0.18
0.12
500
* LL1005-FHL4N3S
4.3
0.3nH
4.1
0.5nH
8.0
10.0
18.0
24.0
30.0
34.0
46.0
50.0
6000
0.18
0.12
400
LL1005-FHL4N7S
4.7
0.3nH
4.4
0.5nH
9.0
11.0
19.0
24.0
31.0
35.0
47.0
52.0
6000
0.20
0.13
400
* LL1005-FHL5N1S
5.1
0.3nH
4.8
0.5nH
9.0
11.0
19.0
25.0
31.0
35.0
45.0
49.0
5300
0.20
0.14
400
LL1005-FHL5N6S
5.6
0.3nH
5.3
0.5nH
9.0
12.0
21.0
27.0
35.0
39.0
50.0
53.0
5100
0.22
0.15
400
* LL1005-FHL6N2S
6.2
0.3nH
6.0
0.5nH
9.0
12.0
21.0
27.0
34.0
38.0
50.0
54.0
4700
0.22
0.15
400
LL1005-FHL6N8J
6.8nH
5%
6.5nH
10%
9.0
12.0
21.0
27.0
34.0
38.0
49.0
52.0
4700
0.23
0.16
400
* LL1005-FHL7N5J
7.5nH
5%
7.3nH
10%
9.0
12.0
21.0
27.0
34.0
38.0
46.0
46.0
4200
0.23
0.16
400
LL1005-FHL8N2J
8.2nH
5%
7.9nH
10%
9.0
12.0
21.0
27.0
33.0
37.0
46.0
46.0
4000
0.25
0.17
400
* LL1005-FHL9N1J
9.1nH
5%
8.9nH
10%
9.0
11.0
19.0
25.0
31.0
34.0
40.0
36.0
3600
0.26
0.18
400
LL1005-FHL10NJ
10nH
5%
9.7nH
10%
9.0
12.0
20.0
26.0
33.0
36.0
43.0
39.0
3600
0.30
0.19
400
LL1005-FHL12NJ
12nH
5%
12nH
10%
9.0
12.0
20.0
25.0
31.0
33.0
33.0
23.0
2800
0.40
0.21
300
LL1005-FHL15NJ
15nH
5%
15nH
10%
9.0
12.0
20.0
25.0
30.0
32.0
27.0
2500
0.50
0.26
300
LL1005-FHL18NJ
18nH
5%
18nH
10%
10.0
12.0
21.0
26.0
31.0
33.0
27.0
2300
0.60
0.44
300
LL1005-FHL22NJ
22nH
5%
23nH
10%
10.0
12.0
20.0
25.0
30.0
31.0
18.0
2100
0.70
0.50
300
LL1005-FHL27NJ
27nH
5%
30nH
10%
10.0
12.0
21.0
26.0
31.0
31.0
12.0
1700
0.85
0.52
300
LL1005-FHL33NJ
33nH
5%
36nH
10%
10.0
12.0
19.0
24.0
27.0
27.0
1700
1.00
0.70
200
LL1005-FHL39NJ
39nH
5%
44nH
10%
10.0
12.0
20.0
24.0
26.0
26.0
1600
1.10
0.80
200
LL1005-FHL47NJ
47nH
5%
**50nH
10% 10.0 11.0
18.0
21.0
21.0
18.0
1200
1.30
0.93
200
LL1005-FHL56NJ
56nH
5%
**60nH
10% 10.0 12.0
19.0
22.0
20.0
16.0
1100
1.50
1.20
200
LL1005-FHL68NJ
68nH
5%
**77nH
10% 10.0 11.0
18.0
20.0
18.0
13.0
1100
1.70
1.25
200
LL1005-FHL82NJ
82nH
5%
**95nH
10% 10.0 13.0
20.0
21.0
15.0
970
1.90
1.26
200
LL1005-FHLR10J
100nH
5% **122nH10% 10.0 13.0
19.0
19.0
870
2.20
1.45
200
Note: (1)Add tolerance to part number; B=
0.1nH, C=0.2nH, G=2%, T=3%
(2)* Sign shows the order production product number. Please demand each product number because it is not a regular product number
of the sample kit.
(3)Please be sure that carefully discuss your planned purchase with our sales division if you intend to use the automotive products for
LL1005-FHL82NJ and LL1005-FHLR10J.
注 : (1) 添加公差至品号;B = ±0.1nH, C = ±0.2nH, G±2 %, T±3 %
(2) *标记表示订购生产的产品编号。请查询每种产品编号,因为原有产品编号并非样品组的恒用产品编号。
(3) 如果您准备使用LL1005-FHL82NJ和LL1005-FHLR10J在车载产品上时,请务必事前与我们的销售人员咨询联系。
●Test Equipment & note
(测试设备和注意事项)
 L, Q
: RF Impedance Analyzer 4291A/B (Agilent Technologies), Test Fixture 16192A (Agilent Technologies)
 Q at 2400MHz
: RF Impedance Analyzer E4991A (Agilent Technologies), Test Fixture 16192A (Agilent Technologies)
 S.R.F./自谐振频率
: Network Analyzer 8719D (Agilent Technologies), 8720D (Agilent Technologies)
 R
DC/直流电阻
: Milliohmmeter 4338A/B (Agilent Technologies)
 Inductance tolerance/电感值公差
: S=
0.3nH, J=5%
 Operating temperature range/工作温度范围 : -55°C ~ + 125°C
 Storage temperature range/储存温度范围
: -55°C ~ + 125°C
Multilayer Chip Inductors
叠层片式电感器


Similar Part No. - LL1005-FHL4N7S

ManufacturerPart #DatasheetDescription
logo
TOKO, Inc
LL1005-FHL4N7S TOKO-LL1005-FHL4N7S Datasheet
381Kb / 2P
   Multilayer Chip Inductors
More results

Similar Description - LL1005-FHL4N7S

ManufacturerPart #DatasheetDescription
logo
TOKO, Inc
LL1608FS TOKO-LL1608FS Datasheet
378Kb / 2P
   Multilayer Chip Inductors
LL1608FSL TOKO-LL1608FSL Datasheet
377Kb / 2P
   Multilayer Chip Inductors
logo
Taiyo Yuden (U.S.A.), I...
CKS21252R2M-T TAIYO-YUDEN-CKS21252R2M-T Datasheet
143Kb / 1P
   Multilayer Chip Inductors
CKS21254R7M-T TAIYO-YUDEN-CKS21254R7M-T Datasheet
137Kb / 1P
   Multilayer Chip Inductors
CK2125R68M-T TAIYO-YUDEN-CK2125R68M-T Datasheet
137Kb / 1P
   Multilayer Chip Inductors
CK21253R3M-T TAIYO-YUDEN-CK21253R3M-T Datasheet
137Kb / 1P
   Multilayer Chip Inductors
logo
Allied Components Inter...
MLC05-R01M-RC ALLIED-MLC05-R01M-RC Datasheet
781Kb / 1P
   Multilayer Chip Inductors
MLC20 ALLIED-MLC20 Datasheet
524Kb / 1P
   Multilayer Chip Inductors
logo
Taiyo Yuden (U.S.A.), I...
CK2125R47M-T TAIYO-YUDEN-CK2125R47M-T Datasheet
143Kb / 1P
   Multilayer Chip Inductors
logo
Allied Components Inter...
MLC20-R047M-RC ALLIED-MLC20-R047M-RC Datasheet
773Kb / 1P
   Multilayer Chip Inductors
logo
Taiyo Yuden (U.S.A.), I...
CK21251R0M-T TAIYO-YUDEN-CK21251R0M-T Datasheet
143Kb / 1P
   Multilayer Chip Inductors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com