Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DSP2A-DC6V Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # DSP2A-DC6V
Description  8 A MINIATURE POWER RELAY IN DS RELAY SERIES
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

DSP2A-DC6V Datasheet(HTML) 1 Page - Panasonic Semiconductor

  DSP2A-DC6V Datasheet HTML 1Page - Panasonic Semiconductor DSP2A-DC6V Datasheet HTML 2Page - Panasonic Semiconductor DSP2A-DC6V Datasheet HTML 3Page - Panasonic Semiconductor DSP2A-DC6V Datasheet HTML 4Page - Panasonic Semiconductor DSP2A-DC6V Datasheet HTML 5Page - Panasonic Semiconductor DSP2A-DC6V Datasheet HTML 6Page - Panasonic Semiconductor DSP2A-DC6V Datasheet HTML 7Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
DS-P
ORDERING INFORMATION
8 A MINIATURE
POWER RELAY
IN DS RELAY SERIES
DS-P RELAYS
FEATURES
1. Compact with high contact rating
Even with small 10 mm .394 inch (H) x
11 mm .433 inch (W) x 20 mm .787
inch (L) (dimensions, high capacity
switching is provided: 1a, 8 A 250 V
AC; 2a and 1a1b, 5 A 250 V AC.
2. High switching capability
High contact pressure, low contact
bounce, and wiping operation improve
resistance to weld bonding. Resistant
against lamp load and dielectric
loading: 1a achieves maximum
switching capacity of 2,000 VA (8A 250
V AC).
RoHS compatibility information:
http://panasonic-
denko.co.jp/ac/e/service/environment/index.jsp
3. High sensitivity
Using the same type of high-
performance polar magnetic circuits as
DS relays, by matching the spring load
to the magnetic force of attraction,
greater sensitivity has been achieved.
The resultant pick up sensitivity of
about 190 mW makes possible direct
driving of transistors and chips.
4. High breakdown voltage
Breakdown voltage has been raised by
keeping the coil and contacts separate.
Conforms with FCC Part 68
5. Latching types available
6. Wide variation
Three types of contact arrangement
are offered: 1a, 2a, and 1a1b. In
addition, each is available in standard
and reversed polarity types.
7. Sealed construction allows
automatic washing.
8. Complies with safety standards
Complies with Japan Electrical
Appliance and Material Safety Law
requirements for operating 200 V
power supply circuits, and complies
with UL, CSA, and TÜV safety
standards.
TYPICAL APPLICATIONS
1. Office and industrial electronic
devices
2. Terminal devices of information
processing equipment, such as
printer, data recorder.
3. Office equipment (copier, facsimile)
4. Measuring instruments
5. NC machines, temperature
controllers and programmable logic
controllers.
About Cd-free contacts
We have introduced Cadmium free type
products to reduce Environmental
Hazardous Substances.
(The suffix “F” should be added to the
part number)
(Note: The Suffix “F” is required only for
1 Form A 1 Form B contact type.
The 1 Form A and 2 Form A contact type
is originally Cadmium free, the suffix “F”
is not required.)
Please replace parts containing
Cadmium with Cadmium-free products
and evaluate them with your actual
application before use because the life of
a relay depends on the contact material
and load.
Between contact
and coil
Between contacts
3,000 Vrms for 1 min.
5,000 V surge
breakdown voltage
1,000 Vrms for 1 min.
1,500 V surge
breakdown voltage
DSP
Coil voltage
DC 3, 5, 6, 9, 12, 24 V
Contact arrangement
1a:
1:
2a:
1 Form A
1 Form A 1 Form B
2 Form A
Operating function
Nil:
L2:
Single side stable
2 coil latching
Polarity
Nil:
R:
Standard polarity
Reverse polarity
Contact material
• AgSnO2 type
F:
Nil:
1 Form A 1 Form B
1 Form A, 2 Form A
Notes: 1. Reverse polarity types available (add suffix-R)
2. UL/CSA, TÜV approved type is standard.
All Rights Reserved © C
OPYRIGHT
Panasonic Electric Works, Ltd.


Similar Part No. - DSP2A-DC6V

ManufacturerPart #DatasheetDescription
logo
Nais(Matsushita Electri...
DSP2A-DC6V NAIS-DSP2A-DC6V Datasheet
174Kb / 5P
   MINIATURE POWER RELAY IN DS RELAY SERIES
logo
List of Unclassifed Man...
DSP2a-DC6V ETC2-DSP2a-DC6V Datasheet
1Mb / 7P
   8 A MINIATURE POWER RELAY IN DS RELAY SERIES
logo
Panasonic Semiconductor
DSP2A-DC6V PANASONIC-DSP2A-DC6V Datasheet
107Kb / 6P
   1a 8A, 1a1b/2a 5A small polarized power relays
logo
Nais(Matsushita Electri...
DSP2A-DC6V-R NAIS-DSP2A-DC6V-R Datasheet
174Kb / 5P
   MINIATURE POWER RELAY IN DS RELAY SERIES
More results

Similar Description - DSP2A-DC6V

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
DSP1A-DC3V ETC2-DSP1A-DC3V Datasheet
1Mb / 7P
   8 A MINIATURE POWER RELAY IN DS RELAY SERIES
logo
Nais(Matsushita Electri...
DSP1-DC3V NAIS-DSP1-DC3V Datasheet
174Kb / 5P
   MINIATURE POWER RELAY IN DS RELAY SERIES
logo
Panasonic Semiconductor
DSP1-DC12V-R-F PANASONIC-DSP1-DC12V-R-F Datasheet
136Kb / 6P
   8 A MINIATURE POWER RELAY IN DS RELAY SERIES Latching types available
logo
ZETTLER Electronics
AZ742 ZETTLER-AZ742 Datasheet
182Kb / 4P
   8 A DPDT MINIATURE POWER RELAY
logo
American Zettler, Inc.
AZ742 AZETTLER-AZ742 Datasheet
91Kb / 2P
   8 A DPDT MINIATURE POWER RELAY
logo
ZETTLER Electronics
AZ742S ZETTLER-AZ742S Datasheet
84Kb / 4P
   8 A DPDT MINIATURE POWER RELAY SMT
AZ742S ZETTLER-AZ742S_12 Datasheet
84Kb / 4P
   8 A DPDT MINIATURE POWER RELAY SMT
logo
Panasonic Semiconductor
DK18-L2-12V-F PANASONIC-DK18-L2-12V-F Datasheet
131Kb / 5P
   10 A MINIATURE POWER RELAY
logo
ZETTLER Electronics
AZ762 ZETTLER-AZ762_14 Datasheet
51Kb / 3P
   16 A SPDT MINIATURE POWER RELAY
AZ764 ZETTLER-AZ764_13 Datasheet
99Kb / 4P
   16 A SPDT MINIATURE POWER RELAY
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com