Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HFM107 Datasheet(PDF) 1 Page - Formosa MS

Part # HFM107
Description  Ultra fast recovery type
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORMOSA [Formosa MS]
Direct Link  http://www.formosams.com
Logo FORMOSA - Formosa MS

HFM107 Datasheet(HTML) 1 Page - Formosa MS

  HFM107 Datasheet HTML 1Page - Formosa MS HFM107 Datasheet HTML 2Page - Formosa MS  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Chip Silicon Rectifier
HFM101 THRU HFM107
Ultra fast recovery type
Features
Plastic package has Underwriters Laboratory
FlammabilityClassification 94V-O Utilizing Flame
Retardant Epoxy Molding Compound.
For surface mounted applications.
Exceeds environmental standards of MIL-S-19500 /
228
Low leakage current.
Mechanical data
Case : Molded plastic, JEDEC DO-214AC
Terminals : Solder plated, s olderable per MIL-STD-750,
Method 2026
Polarity : Indicated by cathode band
Mounting Position : Any
Weight : 0.0015 ounce, 0.05 gr am
(V)
(V)
(V)
(V)
(nS)
(oC)
HFM101
H11
50
35
50
HFM102
H12
100
70
100
HFM103
H13
200
140
200
HFM104
H14
300
210
300
HFM105
H15
400
280
400
HFM106
H16
600
420
600
HFM107
H17
800
560
800
-55 to +150
Operating
temperature
V
RRM
*1
V
RMS
*2
V
R
*3
V
F
*4
T
RR
*5
50
1.0
1.3
75
SYMBOLS
MARKING
CODE
1.7
MAXIMUM RATINGS (AT TA=25
oC unless otherwise noted)
PARAMETER
CONDITIONS
Symbol
MIN.
TYP.
MAX.
UNIT
Forward rectified current
Ambient temperature = 50
oC
IO
1.0
A
Forward surge current
8.3ms single half sine-wave superimposed on
rate load (JEDEC methode)
IFSM
30
A
VR = VRRM TA =
25
oC
5.0
uA
VR = VRRM TA = 100
oC
150
uA
Thermal resistance
Junction to ambient
R
qJA
32
oC / w
Diode junction capacitance
f=1MHz and applied 4vDC reverse voltage
CJ
20
pF
Storage temperature
TSTG
-55
+150
oC
Reverse current
IR
*1 Repetitive peak reverse voltage
*2 RMS voltage
*3 Continuous reverse voltage
*4 Maximum forward voltage
*5 Reverse recovery time
0.185(4.8)
0.177(4.4)
0.012(0.3) Typ.
0.110(2.8)
0.094(2.4)
0.165(4.2)
0.150(3.8)
0.067(1.7)
0.060(1.5)
0.040 (1.0) Typ.
0.040(1.0) Typ.
Dimensions in inches and (millimeters)
SMA
Formosa MS


Similar Part No. - HFM107

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
HFM107 RECTRON-HFM107 Datasheet
27Kb / 2P
   SURFACE MOUNT GLASS PASSIVATED HIGH EFFICIENCY SILICON RECTIFIER (VOLTAGE RANGE 50 to 1000 Volts CURRENT 1.0 Ampere)
logo
Formosa MS
HFM107 FORMOSA-HFM107 Datasheet
36Kb / 2P
   Chip Silicon Rectifier - Fast recovery type
logo
WILLAS ELECTRONIC CORP
HFM107 WILLAS-HFM107 Datasheet
596Kb / 2P
   SURFACE MOUNT GLASS PASSIVATED HIGH EFFICIENCY SILICON RECTIFIER
logo
Shenzhen Taychipst Elec...
HFM107 TAYCHIPST-HFM107 Datasheet
3Mb / 2P
   SURFACE MOUNT GLASS PASSIVATED HIGH EFFICIENCY SILICON RECTIFIER
logo
Leshan Radio Company
HFM107 LRC-HFM107 Datasheet
179Kb / 9P
   Surface Mount Glass Passivated High Efficiency Rectifiers Reverse Voltage 50 to 1000V Forward Current 1.0A
More results

Similar Description - HFM107

ManufacturerPart #DatasheetDescription
logo
Formosa MS
HFM101-M FORMOSA-HFM101-M Datasheet
70Kb / 2P
   Ultra fast recovery type
logo
SHENZHEN YONGERJIA INDU...
H21 WINNERJOIN-H21 Datasheet
129Kb / 2P
   Ultra fast recovery type
H11 WINNERJOIN-H11 Datasheet
150Kb / 2P
   Ultra fast recovery type
HFM101-M WINNERJOIN-HFM101-M Datasheet
94Kb / 2P
   Ultra fast recovery type
H31 WINNERJOIN-H31 Datasheet
126Kb / 2P
   Ultra fast recovery type
logo
Formosa MS
HFM301 FORMOSA-HFM301 Datasheet
70Kb / 2P
   Ultra fast recovery type
HFM101-L FORMOSA-HFM101-L Datasheet
80Kb / 2P
   Chip Silicon Rectifier - Ultra fast recovery type
HFM101-MH FORMOSA-HFM101-MH Datasheet
80Kb / 2P
   Chip Silicon Rectifier - Ultra fast recovery type
HFM201-L FORMOSA-HFM201-L Datasheet
81Kb / 2P
   Chip Silicon Rectifier - Ultra fast recovery type
logo
Infineon Technologies A...
IDW40E65D1 INFINEON-IDW40E65D1 Datasheet
1Mb / 11P
   Ultra fast recovery
Rev.1.1,2013-03-13
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com