Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DUS1250EF Datasheet(PDF) 8 Page - Delta Electronics, Inc.

Part # DUS1250EF
Description  DUS1250Ex Series Non-Isolated Point of Load DC/DC Modules
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

DUS1250EF Datasheet(HTML) 8 Page - Delta Electronics, Inc.

Back Button DUS1250EF Datasheet HTML 4Page - Delta Electronics, Inc. DUS1250EF Datasheet HTML 5Page - Delta Electronics, Inc. DUS1250EF Datasheet HTML 6Page - Delta Electronics, Inc. DUS1250EF Datasheet HTML 7Page - Delta Electronics, Inc. DUS1250EF Datasheet HTML 8Page - Delta Electronics, Inc. DUS1250EF Datasheet HTML 9Page - Delta Electronics, Inc. DUS1250EF Datasheet HTML 10Page - Delta Electronics, Inc. DUS1250EF Datasheet HTML 11Page - Delta Electronics, Inc. DUS1250EF Datasheet HTML 12Page - Delta Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
DS_DUS1250Ex_10292008
8
ELECTRICAL CHARACTERISTICS CURVES (CON.)
Figure 31: Turn on by on/off
(Vin=5V, Vout=3.3V/10A, CH2: Vin, CH3: Vout)
Figure 32: Turn on by on/off
(Vin=12V, Vout=0.59V/10A, CH2: Vin, CH3: Vout)
Figure 33: Turn on by on/off
(Vin=12V, Vout=1.5V/10A, CH2: Vin, CH3: Vout)
Figure 34: Turn on by on/off
(Vin=12V, Vout=2.5V/10A, CH2: Vin, CH3: Vout)
Figure 35: Turn on by on/off
(Vin=12V, Vout=3.3V/10A, CH2: Vin, CH3: Vout)
Figure 36: Turn on by on/off
(Vin=12V, Vout=5V/10A, CH2: Vin, CH3: Vout)


Similar Part No. - DUS1250EF

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
DUS1250EF DELTA-DUS1250EF Datasheet
669Kb / 17P
   DUS1250Ex Series Non-Isolated Point of Load DC/DC Modules: 2.97~13.2Vin, 0.59V-5Vout, 10Aout
More results

Similar Description - DUS1250EF

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
DUS1250EF DELTA-DUS1250EF Datasheet
669Kb / 17P
   DUS1250Ex Series Non-Isolated Point of Load DC/DC Modules: 2.97~13.2Vin, 0.59V-5Vout, 10Aout
D12S05020-1A DELTA-D12S05020-1A_14 Datasheet
596Kb / 13P
   Delphi D12S05020 Non-Isolated Point of Load DC/DC Modules
NC12S0A0VH15PN-A DELTA-NC12S0A0VH15PN-A Datasheet
1Mb / 13P
   D/E Non-Isolated Point of Load DC/DC Modules
D12S400A DELTA-D12S400A_14 Datasheet
733Kb / 13P
   Delphi D12S400 Non-Isolated Point of Load DC/DC Modules
D12S400-A DELTA-D12S400-A Datasheet
798Kb / 12P
   Delphi D12S400 Non-Isolated Point of Load DC/DC Modules
DCM04S0A0S12PFA DELTA-DCM04S0A0S12PFA_14 Datasheet
817Kb / 17P
   Delphi DCM, Non-Isolated Point of Load DC/DC Power Modules
DCM12S0A0S12NFA DELTA-DCM12S0A0S12NFA_14 Datasheet
1,022Kb / 21P
   Delphi DCM, Non-Isolated Point of Load DC/DC Power Modules
DNS10S0A0R06NFD DELTA-DNS10S0A0R06NFD_14 Datasheet
567Kb / 16P
   Delphi DNS, Non-Isolated Point of Load DC/DC Power Modules
DNT04S0A0R03NFA DELTA-DNT04S0A0R03NFA_14 Datasheet
544Kb / 14P
   Delphi DNT04, Non-Isolated Point of Load DC/DC Power Modules
DNM04S0A0R10PFD DELTA-DNM04S0A0R10PFD_14 Datasheet
744Kb / 17P
   Delphi DNM, Non-Isolated Point of Load DC/DC Power Modules
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com