Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADE109 Datasheet(PDF) 4 Page - Panasonic Semiconductor

Part # ADE109
Description  Compliant with European standards 1a1b 10A/8A polarized power relays
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ADE109 Datasheet(HTML) 4 Page - Panasonic Semiconductor

  ADE109 Datasheet HTML 1Page - Panasonic Semiconductor ADE109 Datasheet HTML 2Page - Panasonic Semiconductor ADE109 Datasheet HTML 3Page - Panasonic Semiconductor ADE109 Datasheet HTML 4Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Panasonic Corporation Automation Controls Business Unit industrial.panasonic.com/ac/e/
DE (ADE)
ASCTB175E 201202-T
DIMENSIONS (mm inch)
SAFETY STANDARDS
For Cautions for Use.
Item
UL/C-UL (Recognized)
CSA (Certified)
VDE (Certified)
File No.
Contact rating
File No.
Contact rating
File No.
Contact rating
1 Form A
E120782
PILOT DUTY B300
R300
LR85932
PILOT DUTY B300
R300
115944
8A 250V AC (cos
φ=1.0)
1 Form A
1 Form B
E120782
PILOT DUTY B300
R300
LR85932
PILOT DUTY B300
R300
115944
8A 250V AC (cos
φ=1.0)
2 Form A
E120782
PILOT DUTY B300
R300
LR85932
PILOT DUTY B300
R300
115944
8A 250V AC (cos
φ=1.0)
5.-(2) Ambient temperature characteristics
(1 Form A 1 Form B)
Tested sample: ADE309, Ambient temperature:
–40
°C to 80°C –40°F to 176°F, Quantity: n=6
5.-(3) Ambient temperature characteristics
(2 Form A)
Tested sample: ADE209, Ambient temperature:
–40
°C to 80°C –40°F to 176°F, Quantity: n=6
–30
–20
–10
0
10
20
30
Ambient
temperature,
°C °F
Drop-out
voltage
Pick-up
voltage
–40
–20
20 40
60
80
0
–40
–4
68 104
140
176
32
–30
–20
–10
0
10
20
30
Ambient
temperature,
°C °F
Drop-out
voltage
Pick-up
voltage
–40
–20
20 40
60
80
0
–40
–4
68 104
140
176
32
The CAD data of the products with a
CAD Data
mark can be downloaded from: http://industrial.panasonic.com/ac/e/
External dimensions
Single side stable
2 coil latching type
Tolerance:
±0.3 ±.012
0.5 dia.
25.0
12.5
7.62
3.5
2.44
15.24
0.8
0.8
0.4
1.0
7.62
12.0
0.5
.020 dia.
.984
.492
.300
.138
.096
.600
.032
.032
.016
.039
.300
.472
.020
0.5 dia.
25.0
12.5
7.62
3.5
2.44
12.70
0.8
0.8
0.4
1.0
7.62
12.0
0.5
.020 dia.
0.5 dia.
.020 dia.
.984
.492
.300
.138
.096
.500
2.54
.100
.032
.032
.016
.039
.300
.472
.020
PC board pattern (Bottom view)
Single side stable
2 coil latching type
Tolerance :
±0.1 ±.004
7.62
15.24
6-1.2 dia.
7.62
.300
.600
6-.047 dia.
.300
8-1.2 dia.
7.62
12.70
7.62
2.54
8-.047 dia.
.300
.500
.300
.100
Schematic (Bottom view)
Single side stable
(1 Form A)
(5,6: dummy terminal)
(1 Form A 1 Form B)
(Deenergized condition)
(2 Form A)
4
3
1
86
5
86
5
13
4
86
5
13
4
2coil latching type
(1 Form A)
(5,6: dummy terminal)
(1 Form A 1 Form B)
(Reset condition)
(2 Form A)
5
6
1
7
8
4
3
2
4
3
2
1
87
6
5
1
5
6
7
8
4
3
2
CAD Data


Similar Part No. - ADE109

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ADE109 PANASONIC-ADE109 Datasheet
76Kb / 4P
   Compliant with European standards European standards power relays
ADE109 PANASONIC-ADE109 Datasheet
76Kb / 4P
   Compliant with European standards 1a1b 10A/8A polarized power relays
ADE109 PANASONIC-ADE109 Datasheet
76Kb / 4P
   Compliant with European standards 1a1b 10A/8A polarized power relays
More results

Similar Description - ADE109

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
DE1A-L2-24V PANASONIC-DE1A-L2-24V Datasheet
76Kb / 4P
   Compliant with European standards 1a1b 10A/8A polarized power relays
DE1A-L-5V PANASONIC-DE1A-L-5V Datasheet
76Kb / 4P
   Compliant with European standards 1a1b 10A/8A polarized power relays
DE1A1B-12V PANASONIC-DE1A1B-12V Datasheet
76Kb / 4P
   Compliant with European standards 1a1b 10A/8A polarized power relays
ADE109 PANASONIC-ADE109 Datasheet
76Kb / 4P
   Compliant with European standards European standards power relays
ST1-DC3V-F PANASONIC-ST1-DC3V-F Datasheet
71Kb / 4P
   1a1b/2a 8A polarized power relays
logo
Panasonic Battery Group
ST PANASONICBATTERY-ST Datasheet
71Kb / 4P
   1a1b/2a 8A polarized power relays
logo
Panasonic Semiconductor
ST1-L2-DC3-F PANASONIC-ST1-L2-DC3-F Datasheet
71Kb / 4P
   1a1b/2a 8A polarized power relays
DK1A-3V-F PANASONIC-DK1A-3V-F Datasheet
89Kb / 5P
   1a 10A, 1a1b/2a 8A small polarized power relays Switching power supply
DSP1A-DC3V PANASONIC-DSP1A-DC3V_12 Datasheet
107Kb / 6P
   1a 8A, 1a1b/2a 5A small polarized power relays
DSP1A-L-DC5V PANASONIC-DSP1A-L-DC5V Datasheet
107Kb / 6P
   1a 8A, 1a1b/2a 5A small polarized power relays
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com