Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

QR806F Datasheet(PDF) 1 Page - Pan Jit International Inc.

Part # QR806F
Description  Planar structure with EPI wafer
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

QR806F Datasheet(HTML) 1 Page - Pan Jit International Inc.

  QR806F Datasheet HTML 1Page - Pan Jit International Inc. QR806F Datasheet HTML 2Page - Pan Jit International Inc. QR806F Datasheet HTML 3Page - Pan Jit International Inc. QR806F Datasheet HTML 4Page - Pan Jit International Inc. QR806F Datasheet HTML 5Page - Pan Jit International Inc. QR806F Datasheet HTML 6Page - Pan Jit International Inc. QR806F Datasheet HTML 7Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
PAGE . 1
QR806/QR806F/QR806D
May 8,2014-REV.00
FEATURES
• Planar structure with EPI wafer
• Ultrafast recovery time, low V
F and soft recovery
• For PFC (DCM/CCM) operation
• Low leakage current
• Plastic package has Underwriters Laboratory
Flammability Classification 94V-O
Flame Retardant Epoxy Molding Compound
• Exceeds environmental standards of MIL-S-19500/228
• Lead free in compliance with EU RoHS 2011/65/EU directive
SUPERFAST RECOVERY RECTIFIERS
VOLTAGE
600 Volt
8 Ampere
CURRENT
MECHANICAL DATA
• Case: TO-220AC, ITO-220AC, TO-263 package
• Terminals: Lead solderable per MIL-STD-750, Method 2026
• TO-220AC Weight: 0.065 ounces, 1.859 grams
• ITO-220AC Weight: 0.055 ounces, 1.5615 grams
• TO-263 Weight: 0.051 ounces, 1.46 grams
MAXIMUM RATINGS(TA=25oC unless otherwise noted)
NOTE :
1. Device mounted on a infinite heatsink , then measured the center of the marking side.
PARAMETER
SYMBOL
VALUE
UNIT
Maximum recurrent peak reverse voltage
VRRM
600
V
Maximum rms voltage
VRMS
420
V
Maximum dc blocking voltage
VR
600
V
Maximum average forward rectified current
I F(AV)
8A
Peak forward surge current 8.3ms single half sine-wave superimposed
on rated load
I FSM
120
A
Typical thermal resistance
TO-220AC(Note 1)
ITO-220AC(Note 1)
TO-263
(Note 1)
RJC
2
5.5
2
oC/W
Operating junction temperature range
TJ
-55 to + 150
oC
Storage temperature range
TSTG
-55 to + 150
oC
QR806 TO-220AC
QR806F ITO-220AC
QR806D TO-263


Similar Part No. - QR806F

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
QR806F PANJIT-QR806F Datasheet
262Kb / 7P
   Planar structure with EPI wafer
QR806F PANJIT-QR806F Datasheet
262Kb / 7P
   Planar structure with EPI wafer
More results

Similar Description - QR806F

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
QR1506 PANJIT-QR1506 Datasheet
236Kb / 7P
   Planar structure with EPI wafer
QR1506F PANJIT-QR1506F Datasheet
236Kb / 7P
   Planar structure with EPI wafer
QRT1006F PANJIT-QRT1006F Datasheet
235Kb / 7P
   Planar structure with EPI wafer
QRT1506F PANJIT-QRT1506F Datasheet
236Kb / 7P
   Planar structure with EPI wafer
QR806 PANJIT-QR806 Datasheet
262Kb / 7P
   Planar structure with EPI wafer
QR406D PANJIT-QR406D Datasheet
287Kb / 8P
   Planar structure with EPI wafer
QR1006 PANJIT-QR1006 Datasheet
235Kb / 7P
   Planar structure with EPI wafer
QR1006F PANJIT-QR1006F Datasheet
235Kb / 7P
   Planar structure with EPI wafer
QR806D PANJIT-QR806D Datasheet
262Kb / 7P
   Planar structure with EPI wafer
QRT1006 PANJIT-QRT1006 Datasheet
235Kb / 7P
   Planar structure with EPI wafer
QRT1506 PANJIT-QRT1506 Datasheet
236Kb / 7P
   Planar structure with EPI wafer
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com