Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

QD606S Datasheet(PDF) 5 Page - Pan Jit International Inc.

Part # QD606S
Description  Planar structure with EPI wafer
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

QD606S Datasheet(HTML) 5 Page - Pan Jit International Inc.

  QD606S Datasheet HTML 1Page - Pan Jit International Inc. QD606S Datasheet HTML 2Page - Pan Jit International Inc. QD606S Datasheet HTML 3Page - Pan Jit International Inc. QD606S Datasheet HTML 4Page - Pan Jit International Inc. QD606S Datasheet HTML 5Page - Pan Jit International Inc. QD606S Datasheet HTML 6Page - Pan Jit International Inc. QD606S Datasheet HTML 7Page - Pan Jit International Inc. QD606S Datasheet HTML 8Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
PAGE . 5
QR606/QR606F/QR606D/QD606S
May 8,2014-REV.00
MOUNTING PAD LAYOUT
ORDER INFORMATION
• Packing information
T/R - 3K per 13" plastic Reel


Similar Part No. - QD606S

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
QD606S PANJIT-QD606S Datasheet
298Kb / 8P
   Planar structure with EPI wafer
QD606S PANJIT-QD606S Datasheet
298Kb / 8P
   Planar structure with EPI wafer
QD606S PANJIT-QD606S Datasheet
298Kb / 8P
   Planar structure with EPI wafer
More results

Similar Description - QD606S

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
QR1506 PANJIT-QR1506 Datasheet
236Kb / 7P
   Planar structure with EPI wafer
QR1506F PANJIT-QR1506F Datasheet
236Kb / 7P
   Planar structure with EPI wafer
QRT1006F PANJIT-QRT1006F Datasheet
235Kb / 7P
   Planar structure with EPI wafer
QRT1506F PANJIT-QRT1506F Datasheet
236Kb / 7P
   Planar structure with EPI wafer
QR806 PANJIT-QR806 Datasheet
262Kb / 7P
   Planar structure with EPI wafer
QR406D PANJIT-QR406D Datasheet
287Kb / 8P
   Planar structure with EPI wafer
QR1006 PANJIT-QR1006 Datasheet
235Kb / 7P
   Planar structure with EPI wafer
QR1006F PANJIT-QR1006F Datasheet
235Kb / 7P
   Planar structure with EPI wafer
QR806D PANJIT-QR806D Datasheet
262Kb / 7P
   Planar structure with EPI wafer
QRT1006 PANJIT-QRT1006 Datasheet
235Kb / 7P
   Planar structure with EPI wafer
QRT1506 PANJIT-QRT1506 Datasheet
236Kb / 7P
   Planar structure with EPI wafer
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com