Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DRP048V480W1BA Datasheet(PDF) 1 Page - Delta Electronics, Inc.

Part # DRP048V480W1BA
Description  CliQ II DIN Rail Power Supply
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

DRP048V480W1BA Datasheet(HTML) 1 Page - Delta Electronics, Inc.

  DRP048V480W1BA Datasheet HTML 1Page - Delta Electronics, Inc. DRP048V480W1BA Datasheet HTML 2Page - Delta Electronics, Inc. DRP048V480W1BA Datasheet HTML 3Page - Delta Electronics, Inc. DRP048V480W1BA Datasheet HTML 4Page - Delta Electronics, Inc. DRP048V480W1BA Datasheet HTML 5Page - Delta Electronics, Inc. DRP048V480W1BA Datasheet HTML 6Page - Delta Electronics, Inc. DRP048V480W1BA Datasheet HTML 7Page - Delta Electronics, Inc. DRP048V480W1BA Datasheet HTML 8Page - Delta Electronics, Inc. DRP048V480W1BA Datasheet HTML 9Page - Delta Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
TECHNICAL DATASHEET
CliQ II DIN Rail Power Supply
48V 480W 1 Phase / DRP048V480W1B
All parameters are specified at 25°C ambient unless otherwise noted.
www.DeltaPSU.com (September 2013, Rev. 01)
1
Highlights & Features
Worldwide AC input range without power de-rating
Power Boost 150% for 5 seconds
Full corrosion resistant Aluminium chassis
Extreme low temperature cold start at -40°C
Conformal coating on PCBA to protect against chemical and
dust pollutants
Hazardous Locations approval to ATEX and Class I, Div 2
(DRP048V480W1BA)
Overvoltage / Overcurrent / Over Temperature Protections
IP20 Compliant
Safety Standards
CB Certified for worldwide use
Model Number:
DRP048V480W1B
Unit Weight:
1.37 kg
Dimensions (L x W x D): 121 x 144 x 118.6mm
General Description
The CliQ II 1-phase DIN Rail power supply series also offers output voltage of 48V. These products are encased in rugged yet
lightweight full aluminium body that can withstand shock and vibration according to IEC 60068-2 standard. The DRP048V480W1B
operates over a wide temperature range of -25°C to +75°C and wide input range from 85Vac to 264Vac, with no power de-rating
throughout the entire range. Another great feature is the conformal coating on the PCBA which allows selected models to be certified to
ATEX and Class I, Div 2 for use in hazardous locations. The design conforms to harmonic current emission IEC/EN 61000-3-2
standard.
Model Information
CliQ II DIN Rail Power Supply
Model Number
Input Voltage Range
Output Voltage
Output Current
DRP048V480W1B
85-264Vac (120-375Vdc)
48Vdc
10.0A
Model Numbering
DR
P
048V
480W
1
B
DIN Rail
Power Supply
Output Voltage
Output Power
Single Phase
CliQ II Series
A - Metal Case,
with Class I, Div 2
N - Metal Case,
without Class I, Div 2


Similar Part No. - DRP048V480W1BA

ManufacturerPart #DatasheetDescription
logo
Powerbox
DRP048V480W1BN POWERBOX-DRP048V480W1BN Datasheet
221Kb / 2P
   Power will not de-rate for the entire input voltage range
logo
Delta Electronics, Inc.
DRP048V480W1BX DELTA-DRP048V480W1BX Datasheet
1Mb / 15P
   Worldwide AC input range without power de-rating
More results

Similar Description - DRP048V480W1BA

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
DRP-24V100W1NN DELTA-DRP-24V100W1NN Datasheet
1Mb / 13P
   CliQ II DIN Rail Power Supply
DRP024V060W1BN DELTA-DRP024V060W1BN Datasheet
708Kb / 12P
   CliQ II DIN Rail Power Supply
DRP024V120W3BA DELTA-DRP024V120W3BA Datasheet
1,013Kb / 14P
   CliQ II DIN Rail Power Supply
DRP024V480W1BA DELTA-DRP024V480W1BA Datasheet
735Kb / 12P
   CliQ II DIN Rail Power Supply
DRP048V060W1BN DELTA-DRP048V060W1BN Datasheet
1Mb / 16P
   CliQ II DIN Rail Power Supply
DRP024V060W3BA DELTA-DRP024V060W3BA Datasheet
1Mb / 14P
   CliQ II DIN Rail Power Supply
DRP024V240W1BA DELTA-DRP024V240W1BA Datasheet
648Kb / 12P
   CliQ II DIN Rail Power Supply
DRP024V240W3BX DELTA-DRP024V240W3BX Datasheet
1Mb / 14P
   CliQ II DIN Rail Power Supply
DRP024V240W1BX DELTA-DRP024V240W1BX Datasheet
1Mb / 15P
   CliQ II DIN Rail Power Supply
DRP024V480W3BX DELTA-DRP024V480W3BX Datasheet
1Mb / 14P
   CliQ II DIN Rail Power Supply
DRP024V960W3BN DELTA-DRP024V960W3BN Datasheet
1Mb / 14P
   CliQ II DIN Rail Power Supply
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com