Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HER205 Datasheet(PDF) 3 Page - Continental Device India Limited

Part # HER205
Description  HIGH EFFICIENCY RECTIFIER
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDIL [Continental Device India Limited]
Direct Link  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited

HER205 Datasheet(HTML) 3 Page - Continental Device India Limited

  HER205 Datasheet HTML 1Page - Continental Device India Limited HER205 Datasheet HTML 2Page - Continental Device India Limited HER205 Datasheet HTML 3Page - Continental Device India Limited HER205 Datasheet HTML 4Page - Continental Device India Limited HER205 Datasheet HTML 5Page - Continental Device India Limited  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
DIM
Min
Max
A
50
54
1. 300 mm (Min) leader tape on every roll.
B
48
52
C
5.5
6.5
2. No. of empty places allowed 0.25% without consecutive empty places.
D
1.5R
E
4.5
5.5
3. Ends of leads shall normally not protrude beyond the tapes.
F
1
4. Components shall be held sufficiently in the tape or tapes so that
they can not come free in normal handling.
HER201_208 Rev280605E
All Dimensions are in mm
TAPE SPECIFICATIONS
DO-15 52 mm Tape
AXIAL TAPE FOR DO-15
Continental Device India Limited
Data Sheet
Page
3 of 5
HER201 - HER208
DO-15


Similar Part No. - HER205

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
HER205 TSC-HER205 Datasheet
190Kb / 2P
   2.0AMPS High Efficient Rectifiers
logo
Won-Top Electronics
HER205 WTE-HER205 Datasheet
49Kb / 3P
   2.0A HIGH EFFICIENCY RECTIFIER
logo
Guangdong Juxing Electr...
HER205 JUXING-HER205 Datasheet
750Kb / 2P
   Ultra Fast Rectifiers
logo
Shanghai Shunye Electro...
HER205 SHUNYE-HER205 Datasheet
233Kb / 2P
   HIGH EFFICIENCY RECTIFIERS
logo
Micro Commercial Compon...
HER205 MCC-HER205 Datasheet
310Kb / 2P
   2.0 Amp High Efficient Rectifiers 50 to 1000 Volts
More results

Similar Description - HER205

ManufacturerPart #DatasheetDescription
logo
GOOD-ARK Electronics
HER1001 GOOD-ARK-HER1001 Datasheet
145Kb / 2P
   HIGH EFFICIENCY RECTIFIER
HER101 GOOD-ARK-HER101 Datasheet
61Kb / 2P
   HIGH EFFICIENCY RECTIFIER
HER301 GOOD-ARK-HER301 Datasheet
64Kb / 2P
   HIGH EFFICIENCY RECTIFIER
logo
Shenzhen Luguang Electr...
ERA38-04 LUGUANG-ERA38-04 Datasheet
202Kb / 2P
   High Efficiency Rectifier
logo
Diode Semiconductor Kor...
RN3ZZ DSK-RN3ZZ Datasheet
279Kb / 2P
   HIGH EFFICIENCY RECTIFIER
RU20AZ DSK-RU20AZ Datasheet
237Kb / 2P
   HIGH EFFICIENCY RECTIFIER
logo
Chenmko Enterprise Co. ...
MUR105PT CHENMKO-MUR105PT Datasheet
118Kb / 2P
   HIGH EFFICIENCY RECTIFIER
logo
Galaxy Semi-Conductor H...
RP1H BILIN-RP1H Datasheet
57Kb / 2P
   HIGH EFFICIENCY RECTIFIER
logo
Shenzhen Ping Sheng Ele...
HER501 PFS-HER501 Datasheet
169Kb / 2P
   HIGH EFFICIENCY RECTIFIER
logo
SHENZHEN YONGERJIA INDU...
HER601-607 WINNERJOIN-HER601-607 Datasheet
99Kb / 2P
   HIGH EFFICIENCY RECTIFIER
logo
Jinan Jing Heng Electro...
HER201 JINGHENG-HER201 Datasheet
62Kb / 2P
   HIGH EFFICIENCY RECTIFIER
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com