Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HER104 Datasheet(PDF) 1 Page - Continental Device India Limited

Part # HER104
Description  HIGH EFFICIENCY RECTIFIER
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDIL [Continental Device India Limited]
Direct Link  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited

HER104 Datasheet(HTML) 1 Page - Continental Device India Limited

  HER104 Datasheet HTML 1Page - Continental Device India Limited HER104 Datasheet HTML 2Page - Continental Device India Limited HER104 Datasheet HTML 3Page - Continental Device India Limited HER104 Datasheet HTML 4Page - Continental Device India Limited HER104 Datasheet HTML 5Page - Continental Device India Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
HER101- HER108
DO-41 (Plastic)
Axial Lead Plastic Package
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at Ta=25
oC Ambient Temperature unless otherwise specified. Single phase, half wave,
60Hz, resistive or inductive load. For capacitive load, derate current by 20%
HER HER HER HER HER HER HER HER
101
102
103 104 105 106 107 108
Maximum Recurrent Peak Reverse Voltage
VRRM
50
100
200 300 400 600 800 1000
Maximum RMS Voltage
VRMS
35
70
140 210 280 420 560 700
Maximum DC Blocking Voltage
VDC
50
100
200 300 400 600 800 1000
IF(AV)
Peak Forward Surge Current, 8.3ms single
half sine wave superimposed on rated load
(JEDEC method)
VF
Maximum Reverse Current
at Ta=25
oC
at Rated DC Blocking Voltage
Ta=100
oC
*CJ
**TRR
***Rth (j-a)
TJ, Tstg
**Reverse recovery test conditions IF=0.5A, IR=1A, IRR=0.25A
HER101_108 Rev240106E
ns
1.0
1.3
1.7
75
V
µA
µA
pF
DESCRIPTION
SYMBOL
Maximum Reverse Recovery Time
50
HIGH EFFICIENCY RECTIFIER
IFSM
Typical Thermal Resistance
60
5.0
500
17
Maximum Forward Voltage at 1.0A at 25ºC
Maximum Average Forward Rectified Current
0.375" (9.5mm) Lead Length at Ta=55ºC
IR
Operating and Storage Temperature Range
oC/W
***Thermal resistance junction to Ambient and from junction to lead length 0.375" (9.5mm) PCB mounted
*Measured at 1MHz and applied reverse voltage of 4.0 V
Typical Junction Capacitance
- 55 to +150
oC
UNIT
V
V
V
A
1.0
A
30
Continental Device India Limited
Data Sheet
Page 1 of 5
Continental Device India Limited
An ISO/TS 16949, ISO 9001 and ISO 14001 Certified Company


Similar Part No. - HER104

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
HER104 MOSPEC-HER104 Datasheet
132Kb / 2P
   HIGH EFFICIENCY RECTIFIERS(1.0A,50-400V)
logo
Nanjing International G...
HER104 DGNJDZ-HER104 Datasheet
143Kb / 2P
   1.0 AMP HIGH EFFICIENCY RECTIFIERS
logo
Shanghai Shunye Electro...
HER104 SY-HER104 Datasheet
260Kb / 2P
   HIGH EFFICIENCY RECTIFIERS
logo
GOOD-ARK Electronics
HER104 GOOD-ARK-HER104 Datasheet
61Kb / 2P
   HIGH EFFICIENCY RECTIFIER
logo
Nantong Hornby Electron...
HER104 HORNBY-HER104 Datasheet
238Kb / 3P
   HIGH EFFICENCY RECTIFIER
More results

Similar Description - HER104

ManufacturerPart #DatasheetDescription
logo
GOOD-ARK Electronics
HER1001 GOOD-ARK-HER1001 Datasheet
145Kb / 2P
   HIGH EFFICIENCY RECTIFIER
HER101 GOOD-ARK-HER101 Datasheet
61Kb / 2P
   HIGH EFFICIENCY RECTIFIER
HER301 GOOD-ARK-HER301 Datasheet
64Kb / 2P
   HIGH EFFICIENCY RECTIFIER
logo
Shenzhen Luguang Electr...
ERA38-04 LUGUANG-ERA38-04 Datasheet
202Kb / 2P
   High Efficiency Rectifier
logo
Diode Semiconductor Kor...
RN3ZZ DSK-RN3ZZ Datasheet
279Kb / 2P
   HIGH EFFICIENCY RECTIFIER
RU20AZ DSK-RU20AZ Datasheet
237Kb / 2P
   HIGH EFFICIENCY RECTIFIER
logo
Chenmko Enterprise Co. ...
MUR105PT CHENMKO-MUR105PT Datasheet
118Kb / 2P
   HIGH EFFICIENCY RECTIFIER
logo
Galaxy Semi-Conductor H...
RP1H BILIN-RP1H Datasheet
57Kb / 2P
   HIGH EFFICIENCY RECTIFIER
logo
Shenzhen Ping Sheng Ele...
HER501 PFS-HER501 Datasheet
169Kb / 2P
   HIGH EFFICIENCY RECTIFIER
logo
SHENZHEN YONGERJIA INDU...
HER601-607 WINNERJOIN-HER601-607 Datasheet
99Kb / 2P
   HIGH EFFICIENCY RECTIFIER
logo
Jinan Jing Heng Electro...
HER201 JINGHENG-HER201 Datasheet
62Kb / 2P
   HIGH EFFICIENCY RECTIFIER
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com