Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NZH5V1B-115 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # NZH5V1B-115
Description  General-purpose Zener diodes in a SOD123F small and flat lead Surface-Mounted Device (SMD) plastic package
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

NZH5V1B-115 Datasheet(HTML) 4 Page - NXP Semiconductors

  NZH5V1B-115 Datasheet HTML 1Page - NXP Semiconductors NZH5V1B-115 Datasheet HTML 2Page - NXP Semiconductors NZH5V1B-115 Datasheet HTML 3Page - NXP Semiconductors NZH5V1B-115 Datasheet HTML 4Page - NXP Semiconductors NZH5V1B-115 Datasheet HTML 5Page - NXP Semiconductors NZH5V1B-115 Datasheet HTML 6Page - NXP Semiconductors NZH5V1B-115 Datasheet HTML 7Page - NXP Semiconductors NZH5V1B-115 Datasheet HTML 8Page - NXP Semiconductors NZH5V1B-115 Datasheet HTML 9Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
NZH_SER_1
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 01 — 27 January 2010
4 of 9
NXP Semiconductors
NZH series
Single Zener diodes
[1]
f = 1 MHz; VR =0V
[1]
f = 1 MHz; VR =0V
[1]
f = 1 MHz; VR =0V
4V3B
4.17
4.43
1000
40
5
1
450
4V7B
4.55
4.80
900
25
5
1
300
5V1B
4.94
5.20
800
20
5
1.5
300
5V6B
5.45
5.73
500
13
5
2.5
300
6V2B
5.96
6.27
300
10
5
3
200
6V8B
6.49
6.83
150
8
2
3.5
200
7V5C
7.29
7.67
120
8
0.5
4
150
8V2B
8.02
8.36
120
8
0.5
5
150
9V1B
8.85
9.23
120
8
0.5
6
150
10C
9.70
10.20
120
8
0.2
7
90
Table 9.
Characteristics per type; NZH11C to NZH20C
Tj =25 °C unless otherwise specified.
NZHxxx
Working voltage
VZ (V);
IZ =10mA
Maximum differential
resistance
rdif (Ω)
Reverse current
IR (μA)
Diode
capacitance
Cd (pF)[1]
Min
Max
IZ =1mA
IZ =10mA Max
VR (V)
Max
11C
10.82
11.38
120
10
0.04
8
85
12B
11.44
12.03
110
12
0.04
9
85
13B
12.35
13.65
110
14
0.04
10
80
15B
14.25
15.75
110
16
0.04
11
75
16C
15.69
16.51
150
18
0.04
12
75
18C
17.42
18.33
150
23
0.04
13
70
20C
19.23
20.22
200
28
0.04
15
60
Table 10.
Characteristics per type; NZH22C to NZH30C
Tj =25 °C unless otherwise specified.
NZHxxx
Working voltage
VZ (V);
IZ =5mA
Maximum differential
resistance
rdif (Ω)
Reverse current
IR (μA)
Diode
capacitance
Cd (pF)[1]
Min
Max
IZ =1mA
IZ =5mA
Max
VR (V)
Max
22C
21.08
22.17
200
30
0.04
17
60
24C
23.12
24.31
200
35
0.04
19
55
27C
25.63
26.95
250
45
0.04
21
50
30C
28.50
31.50
250
55
0.04
23
50
Table 8.
Characteristics per type; NZH3V0B to NZH10C …continued
Tj =25 °C unless otherwise specified.
NZHxxx
Working voltage
VZ (V);
IZ =20mA
Maximum differential
resistance
rdif (Ω)
Reverse current
IR (μA)
Diode
capacitance
Cd (pF)[1]
Min
Max
IZ =1mA
IZ =20mA Max
VR (V)
Max


Similar Part No. - NZH5V1B-115

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
NZH5V1B PHILIPS-NZH5V1B Datasheet
112Kb / 9P
   Single Zener diodes
Rev. 01-27 January 2010
logo
Nexperia B.V. All right...
NZH5V1B NEXPERIA-NZH5V1B Datasheet
227Kb / 10P
   Single Zener diodes
NZH5V1B NEXPERIA-NZH5V1B Datasheet
205Kb / 9P
   Single Zener diodes
Rev. 01 - 27 January 2010
More results

Similar Description - NZH5V1B-115

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
NZH16C,115 NXP-NZH16C,115 Datasheet
112Kb / 9P
   General-purpose Zener diodes in a SOD123F small and flat lead Surface-Mounted Device (SMD) plastic package
Rev. 01-27 January 2010
NZH3V0B-115 PHILIPS-NZH3V0B-115 Datasheet
112Kb / 9P
   General-purpose Zener diodes in a SOD123F small and flat lead Surface-Mounted Device (SMD) plastic package
Rev. 01-27 January 2010
BZX84JB3V6.115 NXP-BZX84JB3V6.115 Datasheet
166Kb / 13P
   General-purpose Zener diodes in a SOD323F (SC-90) very small and flat lead Surface-Mounted Device (SMD) plastic package
Rev. 2-1 August 2011
BZX84J-B7V5,115 NXP-BZX84J-B7V5,115 Datasheet
166Kb / 13P
   General-purpose Zener diodes in a SOD323F (SC-90) very small and flat lead Surface-Mounted Device (SMD) plastic package.
Rev. 2-1 August 2011
BZB84-C5V1215 PHILIPS-BZB84-C5V1215 Datasheet
90Kb / 14P
   General-purpose Zener diodes in a SOT23 (TO-236AB) small Surface-Mounted Device (SMD) plastic package
Rev. 03-9 June 2009
BAS70H.115 NXP-BAS70H.115 Datasheet
224Kb / 20P
   General-purpose Schottky diodes in small Surface-Mounted Device (SMD) plastic packages.
Rev. 09-13 January 2010
2PB709ART.215 NXP-2PB709ART.215 Datasheet
100Kb / 10P
   PNP general-purpose transistor in a small SOT23 (TO-236AB) Surface-Mounted Device (SMD) plastic package.
Rev. 01-19 March 2007
BZT52H NXP-BZT52H_10 Datasheet
126Kb / 13P
   Single Zener diodes in a SOD123F package
Rev. 3-7 December 2010
BZT52H-C20 PHILIPS-BZT52H-C20 Datasheet
126Kb / 13P
   Single Zener diodes in a SOD123F package
Rev. 3-7 December 2010
BZT52H-B39 PHILIPS-BZT52H-B39 Datasheet
137Kb / 13P
   Single Zener diodes in a SOD123F package
Rev. 3-7 December 2010
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com