Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NTLGF3501NT2G Datasheet(PDF) 6 Page - ON Semiconductor

Part # NTLGF3501NT2G
Description  Power MOSFET and Schottky Diode
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NTLGF3501NT2G Datasheet(HTML) 6 Page - ON Semiconductor

  NTLGF3501NT2G Datasheet HTML 1Page - ON Semiconductor NTLGF3501NT2G Datasheet HTML 2Page - ON Semiconductor NTLGF3501NT2G Datasheet HTML 3Page - ON Semiconductor NTLGF3501NT2G Datasheet HTML 4Page - ON Semiconductor NTLGF3501NT2G Datasheet HTML 5Page - ON Semiconductor NTLGF3501NT2G Datasheet HTML 6Page - ON Semiconductor NTLGF3501NT2G Datasheet HTML 7Page - ON Semiconductor NTLGF3501NT2G Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
NTLGF3501N
http://onsemi.com
6
TYPICAL SCHOTTKY PERFORMANCE CURVES (TJ = 25°C unless otherwise noted)
10
0.10
VF, INSTANTANEOUS FORWARD VOLTAGE (VOLTS)
1
0.1
Figure 12. Typical Forward Voltage
Figure 13. Maximum Forward Voltage
10
1E−3
100E−6
10E−6
Figure 14. Typical Reverse Current
VR, REVERSE VOLTAGE (VOLTS)
Figure 15. Maximum Reverse Current
25
3
2
2.5
1
0
65
125
105
Figure 16. Current Derating
TL, LEAD TEMPERATURE (°C)
TJ = 100°C
1E+0
TJ = 25°C
85
freq = 20 kHz
3.5
20
01
0
3.5
3
Figure 17. Forward Power Dissipation
IO, AVERAGE FORWARD CURRENT (AMPS)
2
0.2
1.8
0.30
0.5
1.5
2.5
0.50
0
TJ = 25°C
TJ = −40°C
10
0.10
VF, MAXIMUM INSTANTANEOUS FORWARD
VOLTAGE (VOLTS)
1
0.1
TJ = 125°C
0.30
0.50
TJ = 100°C
10E−3
TJ = 100°C
TJ = 125°C
10
VR, REVERSE VOLTAGE (VOLTS)
20
0
1.5
0.5
45
145
Ipk/Io = 20
Ipk/Io = 10
Ipk/Io = 5
Ipk/Io =
p
square wave
dc
1
1.6
0.4
0.6
0.8
Ipk/Io = 20
Ipk/Io = 10
Ipk/Io = 5
Ipk/Io =
p
dc
1.4
1.2
100E−3
10E−3
1E−3
100E−6
10E+0
TJ = 25°C
100E−3
TJ = 100°C
TJ = 125°C
1E+0
TJ = 125°C
TJ = 25°C
square wave


Similar Part No. - NTLGF3501NT2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTLGF3402P ONSEMI-NTLGF3402P Datasheet
91Kb / 8P
   Power MOSFET and Schottky Diode ??0 V, ??.9 A FETKY, P?묬hannel, 2.0 A Schottky Barrier Diode, DFN6
March, 2006 ??Rev. 1
NTLGF3402PT1G ONSEMI-NTLGF3402PT1G Datasheet
91Kb / 8P
   Power MOSFET and Schottky Diode ??0 V, ??.9 A FETKY, P?묬hannel, 2.0 A Schottky Barrier Diode, DFN6
March, 2006 ??Rev. 1
NTLGF3402PT2G ONSEMI-NTLGF3402PT2G Datasheet
91Kb / 8P
   Power MOSFET and Schottky Diode ??0 V, ??.9 A FETKY, P?묬hannel, 2.0 A Schottky Barrier Diode, DFN6
March, 2006 ??Rev. 1
More results

Similar Description - NTLGF3501NT2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTMD4884NF ONSEMI-NTMD4884NF Datasheet
96Kb / 7P
   Power MOSFET and Schottky Diode
March, 2008 - Rev. 0
NTHD4P02F ONSEMI-NTHD4P02F_05 Datasheet
83Kb / 7P
   Power MOSFET and Schottky Diode
November, 2005 ??Rev. 7
logo
Will Semiconductor Ltd.
WPM2005B WILLSEMI-WPM2005B Datasheet
2Mb / 6P
   Power MOSFET and Schottky Diode
logo
ON Semiconductor
NTTD4401F ONSEMI-NTTD4401F_07 Datasheet
86Kb / 8P
   Power MOSFET and Schottky Diode
January, 2007 ??Rev. 5
NTHD3101F ONSEMI-NTHD3101F Datasheet
140Kb / 7P
   Power MOSFET and Schottky Diode
March, 2006 ??Rev. 3
NTHD4N02F ONSEMI-NTHD4N02F Datasheet
64Kb / 6P
   Power MOSFET and Schottky Diode
October, 2004 ??Rev. 7
NTHD4P02F ONSEMI-NTHD4P02F Datasheet
74Kb / 8P
   Power MOSFET and Schottky Diode
October, 2004 ??Rev. 4
logo
Kersemi Electronic Co.,...
IRF7521D1 KERSEMI-IRF7521D1 Datasheet
727Kb / 8P
   Power MOSFET and Schottky Diode
logo
Will Semiconductor Ltd.
WPM2005 WILLSEMI-WPM2005 Datasheet
1Mb / 8P
   Power MOSFET and Schottky Diode
WPM2006 WILLSEMI-WPM2006 Datasheet
920Kb / 8P
   Power MOSFET and Schottky Diode
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com