Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NTCLE100E3223JB0 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # NTCLE100E3223JB0
Description  NTC Thermistors, Radial Leaded, Standard Precision
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

NTCLE100E3223JB0 Datasheet(HTML) 1 Page - Vishay Siliconix

  NTCLE100E3223JB0 Datasheet HTML 1Page - Vishay Siliconix NTCLE100E3223JB0 Datasheet HTML 2Page - Vishay Siliconix NTCLE100E3223JB0 Datasheet HTML 3Page - Vishay Siliconix NTCLE100E3223JB0 Datasheet HTML 4Page - Vishay Siliconix NTCLE100E3223JB0 Datasheet HTML 5Page - Vishay Siliconix NTCLE100E3223JB0 Datasheet HTML 6Page - Vishay Siliconix NTCLE100E3223JB0 Datasheet HTML 7Page - Vishay Siliconix NTCLE100E3223JB0 Datasheet HTML 8Page - Vishay Siliconix NTCLE100E3223JB0 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
NTCLE100E3
www.vishay.com
Vishay BCcomponents
Revision: 24-Aug-12
1
Document Number: 29049
For technical questions, contact: nlr@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
NTC Thermistors, Radial Leaded, Standard Precision
FEATURES
• Accuracy over a wide temperature range
• High stability over a long life
• Excellent price/performance ratio
• UL recognized, file E148885
• Material categorization:
For definitions of compliance please see
www.vishay.com/doc?99912
APPLICATIONS
• Temperature
measurement,
sensing
and
control,
temperature compensation in industrial and consumer
electronics
DESCRIPTION
These thermistors have a negative temperature coefficient.
The device consists of a chip with two solid copper tin
plated leads. It is grey lacquered and color coded, but not
insulated.
PACKAGING
The thermistors are packed in bulk or tape on reel; see code
numbers and relevant packaging quantities.
DESIGN-IN SUPPORT
For complete Curve Computation, visit:
www.vishay.com/resistors-non-linear/curve-computation-list/
MARKING
The thermistors are marked with colored bands; see
dimensions drawing and “Electrical data and ordering
information”.
MOUNTING
By soldering in any position.
Not intended for potted applications.
QUICK REFERENCE DATA
PARAMETER
VALUE
UNIT
Resistance value at 25 °C
3.3 to 470K
Tolerance on R25-value
± 2; ± 3; ± 5
%
B25/85-value
2880 to 4570
K
Tolerance on B25/85-value
± 0.5 to ± 3
%
Operating temperature range:
°C
At zero power dissipation;
continuously
- 40 to + 125
At zero power dissipation;
for short periods
 150
Response time (in oil)
 1.2
s
Thermal time constant

(for information only)
15
s
Dissipation factor

(for information only)
7
mW/K
8.5
(for R25-value  680 )
Maximum power dissipation
at 55 °C
500
mW
Climatic category
(LCT/UCT/days)
40/125/56
-
Weight
 0.3
g
ELECTRICAL DATA AND ORDERING INFORMATION
R25
B25/85-VALUE
UL APPROVED
SAP MATERIAL NUMBER
OLD 12NC CODE
COLOR CODE (3)
(
)
(K)
(± %)
(Y/N)
NTCLE100E3....B0/T1/T2 (2)
2381 640 3/4/6.... (1)
III
III
3.3
2880
3
N
338*B0
*338
Orange
Orange
Gold
4.7
2880
3
N
478*B0
*478
Yellow
Violet
Gold
6.8
2880
3
N
688*B0
*688
Blue
Grey
Gold
10
2990
3
N
109*B0
*109
Brown
Black
Black
15
3041
3
N
159*B0
*159
Brown
Green
Black
22
3136
3
N
229*B0
*229
Red
Red
Black
33
3390
3
Y
339*B0
*339
Orange
Orange
Black
47
3390
3
Y
479*B0
*479
Yellow
Violet
Black
68
3390
3
Y
689*B0
*689
Blue
Grey
Black
100
3560
1.5
Y
101*B0
*101
Brown
Black
Brown
150
3560
1.5
Y
151*B0
*151
Brown
Green
Brown
220
3560
1.5
Y
221*B0
*221
Red
Red
Brown
330
3560
1.5
Y
331*B0
*331
Orange
Orange
Brown


Similar Part No. - NTCLE100E3223JB0

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
NTCLE100E3229 VISHAY-NTCLE100E3229 Datasheet
196Kb / 17P
   NTC Thermistors, Radial Leaded, Standard Precision
Revision: 24-Aug-12
More results

Similar Description - NTCLE100E3223JB0

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
NTCLE100E3153JB0 VISHAY-NTCLE100E3153JB0 Datasheet
196Kb / 17P
   NTC Thermistors, Radial Leaded, Standard Precision
Revision: 24-Aug-12
NTCLE100E3473JB0 VISHAY-NTCLE100E3473JB0 Datasheet
196Kb / 17P
   NTC Thermistors, Radial Leaded, Standard Precision
Revision: 24-Aug-12
NTCLE100E3103HB0 VISHAY-NTCLE100E3103HB0 Datasheet
196Kb / 17P
   NTC Thermistors, Radial Leaded, Standard Precision
Revision: 24-Aug-12
NTCLE100E3 VISHAY-NTCLE100E3_16 Datasheet
200Kb / 17P
   NTC Thermistors, Radial Leaded, Standard Precision
Revision: 22-Dec-16
NTCLE100E3 VISHAY-NTCLE100E3_V01 Datasheet
208Kb / 17P
   NTC Thermistors, Radial Leaded, Standard Precision
01-Jan-2022
NTCLE100E3102HB0 VISHAY-NTCLE100E3102HB0 Datasheet
196Kb / 17P
   NTC Thermistors, Radial Leaded, Standard Precision
Revision: 24-Aug-12
NTCLE100E3472JB0 VISHAY-NTCLE100E3472JB0 Datasheet
196Kb / 17P
   NTC Thermistors, Radial Leaded, Standard Precision
Revision: 24-Aug-12
NTCLE100E3103GB0 VISHAY-NTCLE100E3103GB0 Datasheet
196Kb / 17P
   NTC Thermistors, Radial Leaded, Standard Precision
Revision: 24-Aug-12
NTCLE101E3SB0 VISHAY-NTCLE101E3SB0 Datasheet
92Kb / 5P
   NTC Thermistors, Radial Leaded Special Accuracy
Revision: 06-Jul-11
01C1002FP VISHAY-01C1002FP Datasheet
101Kb / 5P
   NTC Thermistors, Radial Leaded and Coated
Revision: 12-Nov-09
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com